Part Number Hot Search : 
0HSTL180 RCL0612 1200291 60N32 60N32 60N32 TLP1023 5KP64C
Product Description
Full Text Search
 

To Download CYG20XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYG20XX
CybergateTM
Features * Low distortion transformer signal coupling (0.01% max) * Complete ring detector circuit * Low power hookswitch * Electronic inductor/gyrator circuit * Surge protection * Transient protection zeners * Half- (20X0) or Full- (20X1) Wave Detection * V.32 bis /V.34 compatible * FCC Compatible * Compatible with U.S. and Canadian dial up phone lines * Supports leased-line operation * PC board mountable Applications * Modems * Fax machines * Remote data acquisition * Security systems * Voice mail systems * PC motherboard * Computer telephony * Process control * Medical * PBX * Direct broadcast satellite Description The CYG2000/2001/2010/2011/2020/2021/2030/2031 are Data Access Arrangement (DAA) modules featuring a 350V, 120mA, 15 relay used for hookswitch, optocoupler with minimum CTR of 33% for ring detection, and a low distortion transformer with 28.8kbps capabilities.
Approvals * UL recognized file #: E174201
Ordering Information Part # CYG2000 CYG2001 CYG2010 CYG2011 CYG2020 CYG2021 CYG2030 CYG2031 Description DAA Module, Half Wave Ring Detection DAA Module, Full Wave Ring Detection DAA Module, Half Wave Ring Detection, Loop Current Detection DAA Module, Full Wave Ring Detection Loop Current Detection DAA Module, Half Wave Ring Detection, CID DAA Module, Full Wave Ring Detection, CID DAA Module, Half Wave Ring Detection, CID and Loop Current Detection DAA Module, Full Wave Ring Detection, CID and Loop Current Detection
Block Diagrams
CYG2010/CYG2011
LINE 1 LINE 2 1 2
GYRATOR
CYG2020/CYG2021
VCC 18 VCC GND LINE 1 LINE 2 1 2
GYRATOR/ CALLER ID
CYG2030/CYG2031
18 17 VCC GND LINE 1 LINE 2 1 2
GYRATOR/ CALLER ID
RING
R_LIM
RING R_LIM 470 VCC
RING
R_LIM
18 17
470 GND 17
470 VCC
VCC GND
HOOKSWITCH
HOOKSWITCH
14 13
CID1 CID2 LOOPI 7 8 9
HOOKSWITCH
14 13
CID1 CID2
LOOPI OH RING
7 8 9
LOOP CURRENT R_LIM DETECT
LOOP CURRENT DETECT
VCC 2.2k 47k VCC VCC
RING SURGE DETEC- PROTECTION TION
11 10
TIP RING
OH RING
8 9 47k
R_LIM
RING SURGE DETEC- PROTECTION TION
11 10
R_LIM
TIP RING
OH RING
2.2k 47k
VCC VCC
RING SURGE DETEC- PROTECTION TION
11 10
TIP RING
RING
VCC
RING
RING
Handling and Assembly Recommendations The CYG20XX products are not hermetically sealed and should not be exposed to any liquid-based rinsing processes. Clare recommends two (2) approaches. The modem should either use a no clean soldering flux that would mostly evaporate during the normal wave soldering processes, or be soldered in by hand after the rest of the card is wave soldered. DS-CYG20XX-R1
www.clare.com
1
CYG20XX
Absolute Maximum Ratings (@ 25 C)
Parameter Isolation Voltage Operational Temperature Storage Temperature Relative Humidity (Non-Condensing) Soldering Temperature Tip/Ring (5, 6) Load current (continuous) Hookswitch LED Drive Current Hookswitch LED Reverse Voltage Ring Detect Phototransistor Voltage VCC Min 0 0 10 Typ Max Units 1000 VRMS 70 C 70 C 85 260 120 50 5 20 % C mA mA V V
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability.
Electrical Characteristics
Parameter DC Electrical Characteristics On-Hook Impedance Off-Hook Line Leakage Current Hookswitch Resistance Off-Hook Supply Current Hookswitch Power Source, Pin 8 DC Loop Current AC Signal Path Electrical Characteristics Return Loss Insertion Loss Transmit Receive Frequency Response Longitudinal Balance On-Hook Off-Hook DC Loop Current Total Harmonic Distortion Secondary Load Impedance Primary Source Impedance Ring Detection Circuit Characteristics Ringing Voltage Detection Range Ringing Frequency Detection Range Ringer Equivalence Number RING (Pin 9) Output Voltage (Pulsed) Logic `0', Ring present Logic `1', Ring not present @100VDC across pins 10,11 (R,T), per FCC 68.312 @100VDC across pins 10,11 (R,T), per FCC 68.312 @+5V, VCC 300-3500Hz 300-3500Hz Test Circuit 1 Test Circuit 2 300-3500Hz Per FCC 68.310 Per FCC 68.310 @600Hz and -10dBm Line 1 and Line 2 Tip and Ring VCC @+5V 10 7 4.75 20 18 -0.25 60 40 20 20 15 8 5.0 25 294 600 0.8B 10 15 9 20 120 7 7 +0.25 120 0.01 150 70 0.8 Vcc M A mA V mA dB dB dB dB dB dB mA % Vrms Hz Conditions Min Typ Max Unit
V V
2
www.clare.com
Rev. 1
CYG20XX
Electrical Characteristics (Continued)
Parameter Surge, Transient, and Isolation Characteristics Surge Protection Voltage Tip and Ring (Pins 11,10) Transient Voltage Protection on Line 1 and Line 2 (Pins 1,2) Isolation Voltage (Pins 1,2,7,8,9,17,18 to10,11,13,14) Loop Detection Characteristics (CYG2010/CYG2011/CYG2030/CYG2031) Loop Current Detection Threshold Conditions Min Typ Max Unit
-
-
-
300
V
Per FCC 68.302
-5 -
-
+5 1000
V VRMS
Internal optocoupler with 2.2K Pull-up resistor
9
10
11
mA
Test Circuits
1. CYG20XX Transmit Insertion Loss +5V Rm 294 LINE1 LINE2 LOOP OH RING VCC GND CID1 CID2 TIP VLT RING 600 +VBATT ILOOP 10H OH RING VR Rm 294 2. CYG20XX Receive Insertion Loss +5V
VT
LINE1 LINE2
VCC GND CID1 CID2 TIP
+VBATT ILOOP 10H
600 VLR
RING
AC Source
10H Transmit Insertion Loss = GTR = 20 Log VLT VT -VBATT Receive Insertion Loss = G RC = 20 Log VR V LR
10H
-VBATT
CYG2020/2021/2030/2031 Caller ID Connections
Pins 13 & 14 should be connected to a 1-Form-A solid state relay (Clare LCA110), as follows:
VCC 1 P Control (Active Low) 2 4 CID2 6 CID1
Rev. 1
www.clare.com
3
CYG20XX
Package Pinouts
CYG2000/CYG2001
LINE 1 LINE 2 1 2 18 17 VCC GND LINE 1 LINE 2
CYG2010/CYG2011
1 2 18 17 VCC GND
DO NOT USE OH RING
7 8 9 Top View
11 10
TIP RING
LOOPI OH RING
7 8 9 Top View
11 10
TIP RING
CYG2020/CYG2021
LINE 1 LINE 2 1 2 18 17 14 13 OH RING 8 9 Top View 11 10 VCC GND CID1 CID2 TIP RING LINE 1 LINE 2
CYG2030/CYG2031
1 2 18 17 14 13 LOOPI OH RING 7 8 9 Top View 11 10 VCC GND CID1 CID2 TIP RING
CYG20XX Pinouts & Definitions PIN# 1 2 7 I/O I/O I/O I Name LINE1 LINE2 LOOPI N/C 8 9 10 11 13 I O I/O I/O O OH RING RING TIP CID2 Function Transformer isolated audio signal coupling path for the telephone line. Transformer isolated audio signal coupling path for the telephone line. When system is off-hook (OH driven LOW) LOOPI is driven LOW continuously on CYG2010/2011/2030/2031 devices. Keying pin for CYG2000/CYG2001, do not use. Driving this pin LOW asserts the off-hook condition. The hookswitch LED is current limited by an internal 470 resistor. Active LOW indicates an incoming ring signal. This is pulsed LOW by the AC ring signal at the ring frequency from 15-40Hz. Connection to telephone line Ring conductor. Connection to telephone line Tip conductor. Caller ID connection on CYG2020/2021/2030/2031. CID1/CID2 connect to an external 1-Form-A solid state relay (CP Clare LCA110). When the SSR is closed (connecting CID1 to CID2) Caller ID information is presented to LINE1/LINE2 after the first telephone ring burst. Caller ID connection. See CID2 above. Connected to host system ground. Provides power to the hookswitch LED. Typically +5V for 8mA LED current. LED is current limited by an internal 470 resistor. VCC should not exceed 20V.
14 17 18
O I I
CID1 GND VCC
4
www.clare.com
Rev. 1
CYG20XX
Typical Application
CYG2000/CYG2001
+5V 294 TX1 18 VCC 10
GYRATOR SURGE PROTECTOR
LINE 1
1
VCC
RING
HYBRID CIRCUIT
TX2
LINE 2
2
HOOKSWITCH
VCC
RING DETECT NETWORK
TO TELEPHONE LINE
RX OH RELAY GND RING OH RING 8 9 470 56k VCC
11 17 GND
TIP
Rev. 1
www.clare.com
5
Worldwide Sales Offices
CLARE LOCATIONS
Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628
EUROPE
European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797
ASIA/PACIFIC
Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II,10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369
SALES OFFICES AMERICAS
Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824
http://www.clare.com
Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person.
Specification: DS-CYG20XX-R1 (c)Copyright 2000, Clare, Inc. CybergateTM is a trademark of Clare, Inc. All rights reserved. Printed in USA. 1/12/01


▲Up To Search▲   

 
Price & Availability of CYG20XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X