Part Number Hot Search : 
MC101 B39212B LBN41505 TC55400 5KE18CA S1M8833 MTDK3S6R FQD5N20
Product Description
Full Text Search
 

To Download CY7C1016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7c1006: 11-25-91 Revision: April 10, 1995
ADVANCED INFORMATION
CMOS static RAM organized as 262,144 words by 4 bits. Easy memory expansion is D provided by an active LOW chip enable (CE), an active LOW output enable (OE), and three state drivers. The device has an D automatic power down feature that signifi D cantly reduces power consumption when D deselected. D Writing to the device is accomplished by taking chip enable (CE) and write enable (WE) inputs LOW. Data on the four I/O D pins (I/O0 through I/O3) is then written Functional Description into the location specified on the address The CY7C1016 is a high performance pins (A0 through A17).
Features
High speed tAA = 10 ns Output enable (OE) feature CMOS for optimum speed/power Center power/ground pinout Automatic power down when deselected TTL compatible inputs and outputs
CY7C1016
256K x 4 Static RAM
Reading from the device is accomplished by taking chip enable (CE) LOW while forcing write enable (WE) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the four I/O pins. The four input/output pins (I/O0 through I/O3) are placed in a high impedance state when the device is deselected (CE HIGH), or during a write operation (CE and WE LOW). The CY7C1016 is available in standard 400 mil wide SOJs.
Logic Block Diagram
Pin Configuration
SOJ Top View
NC A0 A1 A2 A3 CE I/O0 INPUT BUFFER A1 SENSE AMPS A2 A3 A4 A5 A6 A7 A8 A9 ROW DECODER I/O3 VCC GND I/O1 WE A4 A5 I/O2
A6
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
A17 A16 A15 A14 A13 OE I/O3 GND VCC I/O2 A12 A11 A10 A9 A8 NC
512 x 512 x 4 ARRAY
A7 NC
I/O1
C1016-2
I/O0
COLUMN DECODER
POWER DOWN
CE
A 10
A 11
A 12
A 13
A 14
A 15
A 16
A 17
A0
WE
C1016-1
Selection Guide
Maximum Access Time (ns) Maximum Operating Current (mA) Maximum Standby Current (mA) Document #: 38-00439
Cypress Semiconductor Corporation
7C1016-10
Commercial Military Commercial Military
D
10 175 55
7C1016-12
12 165 175 50 50
7C1016-15
15 155 165 40 40
3901 North First Street 1
D
San Jose D
CA 95134 D 408-943-2600 April 1995


▲Up To Search▲   

 
Price & Availability of CY7C1016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X