Part Number Hot Search : 
BR24E6TB C550B OSO5M 00F1T 15N60C MV8813 MB3829 4232AUA
Product Description
Full Text Search
 

To Download CX-53F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX-53F
SMD sFeatures
Ultra-thin, thickness 1.1mm or less. Because it is the leadless type, automatic mounting is possilbe. Excels even in an environment that requires reliability. Reflow is possible. Low cost.
sSpecifications
Type Frequency Range Standard Frequency Operating Temp. Range Storage Temp. Range Frequency Tolerance Load Capacitance Equivalent Series Resistance Shunt Capacitance Drive Level Shock Vibration at 25: Over The Oper. Temp. Range CX-53F 12~54MHz Table 1 -10~+70: -30~+80: 15, 30, 50x10 -6 15, 30, 50x10 -6 (referred to 25:) 12pF 12~14MHz 150 14~30MHz 100 30~54MHz 50 7pF MAX. 12~16MHz : 0.5mW MAX. 16~24MHz : 0.3mW MAX. 24~54MHz : 0.1mW MAX. Three drops onto a hard wood board from the height of 50cm 10~55Hz, amplitude 1.5mm, each to 3 directions, 2 hours each
sTable 1 Standard Frequencies
Standard Frequency (MHz) 12.0000 14.31818 14.7456 16.9344 18.432 22.5792 24.000 24.54545 24.576 27.000 36.000 48.000
* Taping item packaging : one unit 1,000 pcs or 3,000 pcs
sOutline
CX-53F
3.20.2
sLand Pattern(reference)
1.0+0.1 -0.2
5.00.2
2.4
2.2 2.0 6.0 CONNECTION 2.4 1.3
Dimensions(mm)


▲Up To Search▲   

 
Price & Availability of CX-53F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X