Part Number Hot Search : 
BA17808T K09H90A MPC5567 16SV3R3M K1V22 ARS50J V470M 2SC2668
Product Description
Full Text Search
 

To Download CV4-4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Transducer CV 4-4000
For the electronic measurement of voltages : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high voltage) and the secondary circuit (electronic circuit).
VPN =
2828 V
Electrical data
VPN VP VS KN RL CL VC IC Vd Primary nominal r.m.s. voltage Primary voltage, measuring range Secondary analog voltage @ VP max Conversion ratio Load resistance Capacitive loading Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn 2828 0 .. 4000 10 4000 V / 10 V 2 5 15 35 + VS / R L 9 V V V k nF V mA kV
Features
* Closed loop (compensated) voltage * Insulated plastic case recognized * Patent pending.
according to UL 94-V0 transducer
Advantages
* * * *
Very good linearity Low thermal drift Low response time High bandwidth.
Accuracy - Dynamic performance data
Typ XG VO tr f Overall accuracy @ VP max Offset voltage @ VP = 0 T A = 25C - 25C .. + 70C T A = 25C - 25C .. + 70C Max 1 2 30 60
% % mV mV s kHz
Applications
* AC variable speed drives and servo * Static converters for DC motor drives * Uninterruptible Power Supplies * Power supplies for welding
(UPS) motor drives
Response time 1) @ 90 % of VPN Frequency bandwidth (- 3 dB) @ 50 % of VPN
25 DC .. 11
General data
TA TS P R1 m Ambient operating temperature Ambient storage temperature Total primary power loss Primary resistance Mass Standards 2) 3) - 25 .. + 70 - 40 .. + 85 2.86 2.8 600 EN 50155 EN 50178 C C W M g
* Railway overhead line voltage
measurement.
applications
Notes :
1) 2)
3)
With a dv/dt of 1000 V/s Specifications according to IEC 1000-4-3 are not guaranteed around 100 MHz. Sensitivity to induced radiation on connecting cable. A list of corresponding tests is available.
000613/2
LEM Components
www.lem.com
Dimensions CV 4-4000
Right view
(in mm. 1 mm = 0.0394 inch)
Front view
Left view
Top view Secondary terminals
Terminal Terminal Terminal Terminal + M 0 : : : : supply voltage + 15 V measure 0V supply voltage - 15 V
Connection
Mechanical characteristics
* * * * *
General tolerance Fastening Connection of primary Connection of secondary Fastening torque 0.5 mm 4 slots 6.6 mm M5 threaded studs M5 threaded studs 2.2 Nm or 1.62 Lb. -Ft.
Remarks
* VS is positive when VP is applied on terminal +HT. * This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of CV4-4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X