Part Number Hot Search : 
ID244H01 H11D4X MAX4193 NTE71 DB101 N411083 6714VM NTE71
Product Description
Full Text Search
 

To Download CUD6-02A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CUD6-02A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER DUAL, COMMON ANODE 6.0 AMPS, 200 VOLTS
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CUD6-02A, Silicon Ultra-Fast Recovery Rectifier is a high quality, well constructed, highly reliable component designed for use in all types of commercial, industrial, entertainment, computer, and automotive applications.
DPAK CASE
MAXIMUM RATINGS: (TC=25C unless otherwise noted) SYMBOL Peak Repetitive Reverse Voltage Peak Non Repetitive Surge Reverse Voltage Average Forward Current (TC=130C) RMS Forward Current Per Diode Peak Forward Surge Current Per Diode (tp=10ms) Critical Rate of Rise of Reverse Voltage Operating and Storage Junction Temperature Thermal Resistance, Per Diode VRRM VRSM IO IF (RMS) IFSM dV/dt TJ,Tstg JC 200 200 6.0 10 70 10,000 -65 to +150 5.0 UNIT V V A A A V/s C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25C unless otherwise noted) SYMBOL IR IR VF VF trr TEST CONDITIONS VR=200V VR=200V, TC=100C IF=10A IF=5.0A, TC=100C VR=30V, IF=1.0A, di/dt=50A/ms MIN MAX 20 500 1.25 0.85 35 UNIT A A V V ns
R0 ( 20-September 2001)
Central
TM
CUD6-02A SURFACE MOUNT ULTRA-FAST RECOVERY RECTIFIER DUAL, COMMON ANODE 6.0 AMPS, 200 VOLTS
Semiconductor Corp.
DPAK RECTIFIER CASE - MECHANICAL OUTLINE
LEAD CODE: 1) Cathode #1 2) Common Anode 3) Cathode #2 4) Common Anode Pin 2 is common to the tab (4). R0 ( 20-September 2001)


▲Up To Search▲   

 
Price & Availability of CUD6-02A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X