Part Number Hot Search : 
EC3CB25 N3409 KBPC2508 A2237 FR257 LM199H BYV26G 22E0430
Product Description
Full Text Search
 

To Download CT40TMH-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT40TMH-8
STROBE FLASHER USE
CT40TMH-8
OUTLINE DRAWING
10.5MAX.
1.2
Dimensions in mm
2.8
5.2
5.0
17
3.2
3.8MAX.
1.3MAX.
13.5MIN.
0.8
8.5
2.54
2.54
4.7MAX.
0.5
2.6
qwe w
q
q GATE w COLLECTOR e EMITTER
VCES ................................................................................ 400V ICM .................................................................................... 200A
e
TO-220F
APPLICATION Strobe Flasher.
MAXIMUM RATINGS
Symbol VCES VGES VGEM ICM Tj Tstg
(Tc = 25C)
Parameter Collector-emitter voltage Gate-emitter voltage Peak gate-emitter voltage Collector current (Pulsed) Junction temperature Storage temperature
Conditions VGE = 0V VCE = 0V, See notice 4 VCE = 0V, tw = 0.5s See figure 1
Ratings 400 30 40 200 -40 ~ +150 -40 ~ +150
Unit V V V A C C
ELECTRICAL CHARACTERISTICS
Symbol V(BR)CES ICES IGES VGE(th) Parameter
(Tj = 25C)
Test conditions IC = 1mA, VGE = 0V VCE = 400V, VGE = 0V VGE = 40V, VCE = 0V VCE = 10V, IC = 1mA
Limits Min. 450 -- -- -- Typ. -- -- -- -- Max. -- 10 0.1 7.0
Unit V A A V
Feb.1999
Collector-emitter breakdown voltage Collector-emitter leakage current Gate-emitter leakage current Gate-emitter threshold voltage
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT40TMH-8
STROBE FLASHER USE
PERFORMANCE CURVES
MAXIMUM PULSE COLLECTOR CURRENT 200 CM = 1500F 160 TC < 70C =
PULSE COLLECTOR CURRENT ICM (A)
120
80
40
0
0
10
20
30
40
50
GATE-EMITTER VOLTAGE VGE (V)
Figure 1
APPLICATION EXAMPLE
TRIGGER Vtrig SIGNAL
IXe
CM Vtrig
+ -
VCM
IGBT GATE VG VOLTAGE
RG VCE VG IGBT Xe TUBE CURRENT Ixe
RECOMMEND CONDITION VCM = 330V IP = 180A CM = 1200F VGE = 28V
MAXIMUM CONDITION 350V 200A 1500F
Notice 1. Gate drive voltage during on-period must be applied to satisfy the rating of maximum pulse collector current. And reverse gate current during turn-off must be kept less than 1A. (In general, it is satisfied if RG 30) Notice 2. IGBT has MOS structure and its gate is insulated by thin silicon oxide. So please handle carefully not to suffer from electrostatic charge. Notice 3. The operation life should be endured 5,000 shots under the charge current (Ixe 200A : full luminescence condition) of main condenser (CM=1500F). Repetition period under full luminescence condition is over 3 seconds. Notice 4. Total operation hours must be applied within 5,000 hours.
Feb.1999


▲Up To Search▲   

 
Price & Availability of CT40TMH-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X