Part Number Hot Search : 
M74HC140 2815S 1N5251B TA1287PG 1H470 C1024 T7001235 92HD71B7
Product Description
Full Text Search
 

To Download CT1995-20-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CT1995 Series
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
Features
* Performs the Complete Dual-Redundant Remote Terminal, Bus Controller Protocol and Passive Monitor Functions of MIL-STD-1553B * MIL-PRF-38534 Compliant Circuits Available * 50 mw Typical Power Consumption * Small Size * Available in Ceramic Plug-in Package Configuration CIRCUIT TECHNOLOGY www.aeroflex.com * Compatible with all ACT Driver/Receiver Units * 5V DC Operation * Full Military (-55C to +125C) Temperature Range
1
General Description
The CT1995 Series is a monolithic implementation of the MIL-STD-1553B Bus Controller, Remote Terminal and Passive Monitor functions. All protocol functions of MIL-STD-1553B are incorporated and a number of options are included to improve flexibility. These features include programming of the status word, illegalizing specific commands and an independent loop back self-test which is initiated by the subsystem. This unit is directly compatible with all transceivers and microprocessor interfaces such as the CT1611 and CT1800 produced by Aeroflex Incorporated. Block Diagram (With Transformers)
Encoder
Interface Unit
Sub Address & Word Count Outputs
BUS "0"
T/R Hybrid Driver Select & Enable T/R Hybrid
Decoder "O"
Status Word Control
Program Inputs
Discrete Outputs
BUS "1"
Decoder "1"
Internal Highway Control
Control Inputs
Terminal Address Inputs
CT1995
eroflex Circuit Technology - Data Bus Modules For The Future (c) SCD1995 REV A 11/21/01
Absolute Maximum Ratings
Parameter
Supply Voltage (VDD) Input or Output Voltage at any Pad Storage Case Temperature
Range
-0.3 to +7.0 -0.3 to (VDD + 0.3) -65 to +150
Units
V V C
Recommended DC Operating Conditions
Parameter
Vcc Power Supply Voltage Vcc VIH High Level Input Voltage, Vcc = 5V VIL Low Level Input Voltage, Vcc = 5V MRTC Internal Master Reset Time Constant CT1995-20 CT1995-20-2 CT1995-20-3
Min
4.5 2.2 2.43 2.43 180
Typ
5.0 -
Max
5.5 0.7 2.97 2.97 220
Unit
V V V ms ms s
Notes
1,2,5 1,2,5 -
Electrical Characteristics
(TA = -55C to +125C)
Parameter
VOH High Level Output Voltage VOL Low Level Output Voltage IIH High Level Input Current
Test Conditions
Vcc = 4.5V Vcc = 4.5V Vcc = 5.5V, VIN = 2.4V
Min
2.4
Max
Unit
V
Notes
4 4 2 3 2 3 4
0.4 -200 -25 -700 -400 -900 -400 20
V A A A A mA
IIL Low Level Input Current
Vcc = 5.5V, VIN = 0.4V
-400 -25
ICC Supply Current
Vcc = 5.5V
Notes: 1. RTAD 0/1/2/3/4 and RTADPAR ONLY. 2. ALL Inputs and Bidirectionals other than those in Note 1. 3. lOL max = 3mA / lOH max = -2mA TX INHIBIT 0/1 and TX DATA/DATA ONLY. IOL max = 2mA / lOH max = -1 mA. ALL remaining Outputs and Bidirectionals. 4. Input Clock (running) = 6Mhz, ALL remaining Inputs are Open and ALL Outputs and Bidirectionals have no load. 5. -20-3 only. RTAD0,1,3 and RTADPAR Input Threshold equals 1/2 Vcc 5%.
Clock Requirements
Frequency Stability -55C to +125C Maximum Asymmetry Rise/Fall Time Output Level 6.0 MHz 0.01% (100ppm) 48 - 52% 10ns MAX Logic "0" 0.4V MAX Logic "1" 2.4V MIN
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Aeroflex Circuit Technology
2
REMOTE TERMINAL OPERATION
Receive Data Operation
All valid data words associated with a valid receive data command word for the RT are passed to the subsystem. The RT examines all command words from the bus and will respond to valid (i.e. correct Manchester, parity coding etc.) commands which have the correct RT address (or broadcast address if the RT broadcast option is enabled). When the data words are received, they are decoded and checked by the RT and, if valid, passed to the subsystem on a word by word basis at 20 s intervals. This applies to receive data words in both Bus Controller to RT and RT to RT messages. When the RT detects that the message has finished, it checks that the correct number of words have been received and if the message is fully valid, then a Good Block Received signal is sent to the subsystem, which must be used by the subsystem as permission to use the data just received. The subsystem must therefore have a temporary buffer store up to 32 words long into which these data words can be placed. The Good Block Received signal will allow use of the buffer store data once the message has been validated. If a block of data is not validated, then Good Block Received will not be generated. This may be caused by any sort of message error or by a new valid command for the RT being received on another bus to which the RT must switch.
Transmit Data Operation
If the RT receives a valid transmit data command addressed to the RT, then the RT will request the data words from the subsystem for transmission on a word by word basis. To allow maximum time for the subsystem to collect each data word, the next word is requested by the RT as soon as the transmission of the current word has commenced. It is essential that the subsystem should provide all the data words requested by the RT once a transmit sequence has been accepted. Failure to do so will be classed by the RT as a subsystem failure and reported as such to the Bus Controller.
Control of Data Transfers
This section describes the detailed operation of the data transfer mechanism between the RT and subsystems. It covers the operations of the signals DTRQ, DTAK, IUSTB, H/L, GBR, NBGT, TX/RX during receive data and transmit data transfers. Figure 7 shows the operation of the data handshaking signals during a receive command with two data words. When the RT has fully checked the command word, NBGT is pulsed low, which can be used by the subsystem as an initialization signal. TX/RX will be set low indicating a receive command. When the first data word has been fully validated, DTRQ is set low. The subsystem must then reply within approximately 1.5 s by setting DTAK low. This indicates to the RT that the subsystem is ready to accept data. The data word is then passed to the subsystem on the internal highway IH08-IH715 in two bytes using IUSTB as a strobe signal and H/L as the byte indicator (high byte first followed by low byte). Data is valid about both edges of IUSTB. Signal timing for this handshaking is shown in Figure 12. If the subsystem does not declare itself busy, then it must respond to DTRQ going low by setting DTAK low within approximately 1.5 s. Failure to do so will be classed by the RT as a subsystem failure and reported as such to the Bus Controller. It should be noted that IUSTB is also used for internal working in the RT. DTRQ being low should be used as an enable for clocking data to the subsystem with IUSTB. Once the receive data block has finished and been checked by the RT, GBR is pulsed low if the block is entirely correct and valid. This is used by the subsystem as permission to make use of the data block. If no GBR signal is generated, then an error has been detected by the RT and the entire data block is invalid and no data words in it may be used. If the RT is receiving data in an RT to RT transfer, the data handshaking signals will operate in an identical fashion but there will be a delay of approx 70 s between NBGT going low and DTRQ first going low. See Figure 10. Figure 6 shows the operation of the data handshaking signals during transmit command with three data words. As with the receive command discussed previously, NBGT is pulsed low if the command is valid and for the RT. TX/RX will be set high indicating a transmit data command. While the RT is transmitting its status word, it requests the first data word from the subsystem by setting DTRQ low. The subsystem must then reply within approximately 13.5 s by setting DTAK low. By setting DTAK low, the subsystem is indicating that it has the data word ready to pass to the RT. Once DTAK is set low by the subsystem, DTRQ should be used together with H/L and TX/RX to enable first the high byte and then the low byte of the data word onto the internal highway IH08-IH715. The RT will latch the data bytes during IUSTB, and will then return DTRQ high. Data for each byte must remain stable until IUSTB has returned low. Signal timing for this handshaking is shown in Figure 11.
Aeroflex Circuit Technology
3
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Additional Data Information Signals
At the same time as data transfers take place, a number of information signals are made available to the subsystem. These are INCMD, the subaddress lines SA0-SA4, the word count lines WC0-WC4 and current word count lines CWC0-CWC4. Use of these signals is optional. INCMD will go active low while the RT is servicing a valid command for the RT. The subaddress, transmit/receive bit, and word count from the command word are all made available to the subsystem as SA0-SA4, TX/RX and WC0-WC4 respectively. They may be sampled when INCMD goes low and will remain valid while INCMD is low. The subaddress is intended to be used by the subsystem as an address pointer for the data block. Subaddress 0 and 31 are mode commands, and there can be no receive or transmit data blocks associated with these. (Any data word associated with a mode command uses different handshaking operations. If the subsystem does not use all the subaddresses available, then some of the subaddress lines may be ignored. The TX/RX signal indicates the direction of data transfer across the RT - subsystem interface. Its use is described in the previous section. The word count tells the subsystem the number of words to expect to receive or transmit in a message, up to 32 words. A word count of all 0s indicates a count of 32 words. The current word count is set to 0 at the beginning of a new message and is incremented following each data word transfer across the RT - subsystem interface. (It is clocked on the falling edge of the second IUSTB pulse in each word transfer). It should be noted that there is no need for the subsystem to compare the word count and current word count to validate the number of words in a message. This is done by the RT.
Subsystem Use of Status Bits and Mode Commands
General Description
Use of the status bits and the mode commands is one of the most confusing aspects of MIL-STD-1553B. This is because much of their use is optional, and also because some involve only the RT while others involve both the RT and the subsystem. The CT1995 allows full use to be made of all the Status Bits, and also implements all the Mode Commands. External programming of the Terminal Flag and Subsystem Flag Bits plus setting of the Message Error Bit on reception of an illegal command when externally decoded is available. The subsystem is given the opportunity to make use of Status Bits, and is only involved in Mode Commands which have a direct impact on the subsystem. The mode commands in which the subsystem may be involved are Synchronize, Sychronize with data word, Transmit Vector Word, Reset and Dynamic Bus Control Acceptance. The Status Bits to which the subsystem has access, or control are Service Request, Busy, Dynamic Bus Control Acceptance, Terminal Flag, Subsystem Flag, and Message Error Bit. Operation of each of these Mode Commands and of the Status Bits is described in the following sections. All other Mode Commands are serviced internally by the RT. The Terminal Flag and Message Error Status Bits and BIT Word contents are controlled by the RT; however the subsystem has the option to set the Message Error Bit and to control the reset conditions for the Terminal Flag and Subsystem Flag Bits in the Status Word, and the Transmitter Timeout, Subsystem Handshake, and Loop Test Fail Bits in the BIT Word.
Synchronize Mode Commands
Once the RT has validated the command word and checked for the correct address, the SYNC line is set low. The signal WC4 will be set low for a Synchronize mode command (See Figure 16), and high for a Synchronize with data word mode command (See Figure 15). In a Synchronize with data word mode command, SYNC remains low during the time that the data word is received. Once the data word has been validated, it is passed to the subsystem on the internal highway IH08-IH715 in two bytes using IUSTB as a strobe signal and H/L as the byte indicator (high byte first followed by low byte). SYNC being low should be used on the enable to allow IUSTB to clock synchronize mode data to the subsystem. If the subsystem does not need to implement either of these mode commands, the SYNC signal can be ignored, since the RT requires no response from the subsystem.
Transmit Vector Word Mode Command
Figure 14 illustrates the relevant signal timings for an RT receiving a valid Transmit Vector Word mode command. The RT requests data by setting VECTEN low. The subsystem should use H/L to enable first the high byte and then the low byte of the Vector word onto the internal highway IH08-IH715.
Aeroflex Circuit Technology
4
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
It should be noted that the RT expects the Vector word contents to be already prepared in a latch ready for enabling onto the internal highway when VECTEN goes low. If the subsystem has not been designed to handle the Vector word mode command, it will be the fault of the Bus Controller if the RT receives such a command. Since the subsystem is not required to acknowledge the mode command, the RT will not be affected in any way by Vector word circuitry not being implemented in the subsystem. It will however transmit a data word as the Vector word, but this word will have no meaning.
Reset Mode Command
Figure 8 shows the relevant signal timings for an RT receiving a valid reset mode command. Once the command word has been fully validated and serviced, the RESET signal is pulsed low. This signal may be used as a reset function for subsystem interface circuitry.
Dynamic Bus Allocation
This mode command is intended for use with a terminal which has the capability of configuring itself into a bus controller on command from the bus. The line DBCREQ cannot go true unless the DBCACC line was true at the time of the valid command, i.e. tied low. For terminals acting only as RTs, the signal DBCACC should be tied high (inactive), and the signal DBCREQ should be ignored and left unconnected.
Use of the Busy Status Bit
The Busy Bit is used by the subsystem to indicate that it is not ready to handle data transfers either to or from the RT. The RT sets the bit to logic one if the BUSY line from the subsystem is active low at the time of the second falling edge of INCLK after INCMD goes low. This is shown in Figure 13. Once the Busy bit is set, the RT will stop all receive and transmit data word transfers to and from the subsystem. The data transfers in the Synchronize with data word and Transmit Vector word mode commands are not affected by the Busy bit and will take place even if it has been set. It should be noted that a minimum of 0.5 s subaddress decoding time is given to the subsystem before setting of status bits. This allows the subsystem to selectively set the Busy bit if for instance one subaddress is busy but others are ready. This option will prove useful when an RT is interfacing with multiple subsystems.
Use of the Service Request Status Bit
The Service Request bit is used by the subsystem to indicate to the Bus Controller that an asynchronous service is requested. The timing of the setting of this bit is the same as the Busy bit and is shown in Figure 13. Use of SERVREQ has no effect on the RT apart from setting the Service Request bit. It should be noted that certain mode commands require that the last status word be transmitted by the RT instead of the current one, and therefore a currently set status bit will not be seen by the Bus Controller. Therefore the user is advised to hold SERVREQ low until the requested service takes place.
Use of the Subsystem Status Bit
This status bit is used by the RT to indicate a subsystem fault condition. If the subsystem sets SSERR low at any time, the subsystem fault condition in the RT will be set, and the Subsystem Flag status bit will subsequently be set. The fault condition will also be set if a handshaking failure takes place during a data transfer to or from the subsystem. The fault condition is cleared on power-up or by a Reset mode command.
Dynamic Bus Control Acceptance Status Bit
DBCACC, when set true, enables an RT to configure itself into a Bus Controller, if the subsystem has the capability, by allowing DBCREQ to pulse true and BIT TIME 18 to be set in the status response. If Dynamic Bus Control is not required then DBCACC must be tied high. DBCACC tied high inhibits DBCREQ and clears BIT TIME 18 in the status response.
Bus Driver/Receiver Interface
Receive Data
The decoder chip requires two TTL signals, RXDATA and RXDATA, to represent the data coming in from the bus. PDIN should be driven to a logic level `1' when the bus waveform exceeds a specified positive threshold and NDIN should be driven to a logic level `1' when a specified negative threshold is exceeded. During the quiet period on the bus both signals should be at the same logic level. All the bus receivers must be permanently enabled, the selection of the bus in use is controlled within the ASIC.
Aeroflex Circuit Technology
5
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Transmit Data
The signals generated by the encoder chip, TXDATA and TXDATA, are of the same format as the receive data. The only difference is that the TTL signals are negative logic, e.g. the signal is active when on logic level "0". This means that when the encoder is quiet both TXDATA and TXDATA are at logic level "1". Both the signals should be used in conjunction with TXINHIBIT 0 and TXINHIBIT 1. TX INHIBIT 0 and TX INHIBIT 1 enable the appropriate driver when it should be transmitting. Figure 5 shows an example of a typical interface circuit between the CT1995 and a driver/receiver unit.
BUS CONTROL OPERATION
To enable its use in a bus controller the ASIC has additional logic within it. This logic can be enabled by pulling the pin labelled RT/BC low. Once the ASIC is in bus control mode, all data transfers must be initiated by the bus control processor correctly commanding the ASIC via the subsystem interface. In bus control mode six inputs are activated which in RT mode are inoperative and four signals with dual functions exercise the second function (the first being for the RT operation). To use the CT1995 as a 1553B bus control interface, the bus control processor must be able to carry out four basic bus-related functions. Two inputs, BCOPA and BCOPB allow these four options to be selected. The option is then initiated by sending a negative-going strobe on the BCOPSTB input. BCOPSTB must only be strobed low when NDRQ is high. This is particularly important when two options are required during a single transfer. With these options all message types and lengths can be handled. Normal BC/RT exchanges are carried out in ASIC option zero. This is selected by setting BCOPA and BCOPB to a zero and strobing BCOPSTB. On receipt of the strobe, the CT1995 loads the command word from an external latch using CWEN and H/L The command word is transmitted down the bus. The TX/RX bit is, however, considered by the ASIC as being its inverse and so if a transmit command is sent to a RT (Figure 17), the ASIC in BC mode believes it has been given a receive command. As the RT returns the requested number of data words plus its status, the BC carries out a full validation check and passes the data into the subsystem using DTRQ, DTAK, H/L, IUSTB and CWC as in RT operation. It also supplies GBR at the end of a valid transmission. Conversely, a receive command sent down the bus is interpreted by the BC as a transmit command, and so the requisite data words are added to the command word. See Figure 18. For mode commands, where a single command word is required, option one is selected by strobing BCOPSTB when BCOPA is high and BCOPB is low. On receiving the strobe, the command word is loaded from the external latch using CWEN and H/L, the correct sync and parity bits are added and the word transmitted (See Figure 20). Mode commands followed by a data word requires option two. Option two, selected by strobing BCOPSTB while BCOPA is low and BCOPB is high, loads a data word via DWEN and H/L, adds sync and parity and transmits them to the bus (See Figure 21). If the mode code transmitted required the RT to return a data word, then selecting option three by strobing BCOPSTB when BCOPA and BCOPB are both high will identify that data word and if validated, output it to the subsystem interface using RMDSTB and H/L. This allows data words resulting from mode codes to be identified differently from ordinary data words and routed accordingly (See Figure 22). All received status words are output to the subsystem interface using STATSTB and H/L. In BC option three, if the signal PASMON is active, then all data appearing on the selected bus is output to the subsystem using STATSTB for command and status words or RMDSTB for data words. RT to RT transfers require the transmission of two command words. A receive command to one RT is contiguously followed by a transmit command to the other RT. This can be achieved by selecting option one followed by option zero for the second command. The strobe (BCOPSTB) for option zero must be delayed until NDRQ has gone low and returned high following the strobe for option one. The RT transmissions are checked and transferred in the subsystem interface to the bus control processor (See Figure 19). Note: For all BC operations, BCOPA and BCOPB must remain valid and stable for a minimum of 1 s following the leading (negative going) edge of BCOPSTB.
PASSIVE MONITOR
The Monitor Mode may be utilized to analyze or collect all activities which occur on a selected bus. This is initiated by selecting a bus, placing the unit in BC option three and setting PASMON low. All data appearing on the selected bus is output to the subsystem using STATSTB for Command and Status Words or RMDSTB for Data Words.
Aeroflex Circuit Technology
6
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Pin Description
Signal
RX DATA 0/1
Hybrid Sink or Source
SINK
Signal Description
Positive Date In. This should be a TTL description of the positive, half of the Manchester code data on the bus. It should be driven to a logic level "1" when a predetermined positive threshold is exceeded on the bus. Negative Data In. This should be a TTL description of the negative half of the Manchester code data on the bus. It should be driven to a logic level "1" when a predetermined negative threshold is exceeded on the bus. Transmitter Enable. Goes low when the transmitter is transmitting. Should be used to enable the bus drivers. Positive Data Out - When this signal goes high the bus should be driven positive. Negative Data Out - When this signal goes high the bus should be driven negative. RT address lines - These should be hardwired by the user. RTAD4 is the most significant bit. RT address parity line - This must be hardwired by the user to give odd parity. Recognition of Broadcast command enable - When low the recognition of broadcast command is prevented on the specified bus. 6 Megahertz master clock. Internal Highway - Bi-directional 8 bit highway on which 16 bit words are passed in two bytes. IH 715 is the most significant bit of each byte, the most significant byte being transferred first. The highway should only be driven by the subsystem when data is to be transferred to the RT.
RX DATA 0/1
SINK
TX INHIBIT 0/1 TX DATA TX DATA RTAD 0-4 RTADPAR BCSTEN 0/1 6MCK IH 08 IH 19 IH 210 IH 311 IH 412 IH 513 IH614 IH715 DTRQ DTAK IUSTB H/L GBR NBGT TX/RX INCMD WC 0-4
SOURCE SOURCE SOURCE SINK SINK SINK SINK SINK/SOURCE
SOURCE SINK SOURCE SOURCE SOURCE SOURCE SOURCE SOURCE SOURCE
Data Transfer Request - Goes low to request a data transfer between the ASIC and subsystem. Goes high at the end of the transfer. Data Transfer Acknowledge - Goes low to indicate that the subsystem is ready for the data transfer. Interface Unit Strobe - This is a double pulse strobe used to transfer the two bytes of data High/Low - Indicates which byte of data is on the internal highway. Logic level "0" for least significant byte. Good Block Received - Pulses low for 500ns when a block of data has been received by the ASIC and has passed all the validity and error checks. New Bus Grant - Pulses low whenever a new command is accepted by the ASIC. Transmit/Receive - The state of this line informs the subsystem whether it is to transmit or receive data The signal is valid while INCMD is low. In Command - Goes low when the RT is servicing a valid command. The subaddress and word count lines are valid while the signal is low. Word Count - These five lines specify the requested number of data words to be received or transmitted. Valid when INCMD is low.
7
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Aeroflex Circuit Technology
Pin Description (Cont.)
Signal
SA 0-4 CWC 0-4 SYNC VECTEN/DWEN
Hybrid Sink or Source
SOURCE SOURCE SOURCE SOURCE
Signal Description
Sub Address - These five lines are a label for the data being transferred. Valid when INCMD is low. Current Word Count - These five lines define which data word in the message is currently being transferred. Synchronize - Goes low when a synchronize mode code is being serviced. Vector Word Enable/DataWord Enable - In the RT mode, this signal is provided to enable the contents of the vector word latch (which is situated in the subsystem) onto the ASIC's internal highway. This signal, when in the Bus Controller mode, is used to enable mode code data from the subsystem onto the internal highway. Reset - This line pulses low for 500ns on completion of the servicing of a valid and legal mode command to reset remote terminal. Subsystem Error - By taking this line low, the subsystem can set the Subsystem Flag in the Status Word. Busy - This signal should be driven low if the subsystem is not ready to perform a data transfer to or from the ASIC. Service Request - This signal should be driven low to request an asynchronous transfer and left low until the transfer has taken place. Internal Clock (2 MHz) - This is made available for synchronization use by the subsystem if required. However, many of the outputs to the subsystem are asynchronous. End of Transmission - Goes low if a valid sync plus two data bits do not appear in time to be contiguous with preceding word. Remote Terminal Address Error - This line goes low if an error is detected in the RT address parity of the selected receiver. Any receiver detecting an error in the RT address will turn itself off. Handshake Failure - This line pulses low if the allowable time for DTAK response has been exceeded during the ASIC/subsystem data transfer handshaking. Last Command/Command Word Enable - This line pulses low when servicing a valid and legal mode command to transmit last command. When in RT mode this line must not be used to enable data from the subsystem. This line also pulses low, when in the Bus Control mode, when a command word is required for transmission. Status Enable/Status Strobe - This line pulses low to enable the status word onto the internal highway for transmission. When in RT mode this line must not be used to enable data from the subsystem. This line also pulses high, when in the Bus Control mode, to strobe received status words into the subsystem. When PASMON is true this line pulses high for Command and Status words. Built In Test Enable/Receive Mode Data Strobe - This line pulses low when servicing a valid and legal mode command to transmit the internal BIT word. This signal is for information only and must not be used to enable data from the subsystem. This line also pulses high when in the Bus Control mode when mode data is received to be passed to the subsystem and when data is passed to the subsystem during PASMON.
RESET SSERR BUSY SERVREQ INCLK
SOURCE SINK SINK SINK SOURCE
EOT RTADER
SOURCE SOURCE
HSFAIL
SOURCE
LSTCMD/CWEN
SOURCE
STATEN/ STATSTB
SOURCE
BITEN/ RMDSTB
SOURCE
Aeroflex Circuit Technology
8
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Pin Description (Cont.)
Signal
DWSYNC CMSYNC NDRQ
Hybrid Sink or Source
SOURCE SOURCE SOURCE
Signal Description
Data Word Sync - This line goes low if a data word sync and two Manchester biphase bits are valid. Command Word Sync - This line goes low if a command word sync and two Manchester biphase bits are valid. No Data Required - This line goes low if the encoder transmit buffer is full i.e. another word is going to be transmitted. This signal is for information only and must not be used to enable data from the subsystem. Passive Monitor - When functioning as a Bus Controller this line acts as a passive monitor select. The active going edge of this line will cause the REQBUS lines to be latched and that bus, now selected will be monitored so long as PASMON remains low. All traffic on the bus will be handed, after validation, to the subsystem via STATSTB for status and commands words, and RMDSTB for data words. Bus Controller Operation Strobe - When functioning as a Bus Controller a low going pulse on this line will initiate the selected bus controller operation on the requested bus, using BCOPA&B and REQBUSA&B. Bus Control Operation A - Least significant bit of the bus controller operation select lines. Bus Control Operation B - Most significant bit of the bus controller operation select lines. Request Bus A - This line,wwhen in RT mode, is the least significant bit of the bus request lines which specify the origin of the command, ie. they are sources. When in BC mode these lines are sinks and specify which bus is to be used for the next command. Request Bus B - Most significant bit of the bus request lines. (See above for description.) Remote Terminal/Bus Control - This line when high causes the ASIC to function as a remote terminal. When low the ASIC functions as a bus controller or passive monitor. Dynamic Bus Control Accept - This line should be permanently tied low if a subsystem is able to accept control of the bus if offered. Loop Test Fail - This line goes low if any error in the transmitted waveform is detected or if any parity error in the hardwired RT address is detected. Error - This line latches low if a Manchester or parity error is detected. It is reset by the next CMSYNC (RT mode) and also by RTO in the BC mode. Reply Time Out - This signal will pulse low whenever the reply time for a transmitting terminal has been exceeded. This line is intended for the bus controller use. Transmitter Time Out - This line goes true if the transmitter time out limits are exceeded. Parity Error - This line will pulse low if a parity error is detected by the decoder. Manchester Error - This line will pulse low if a Manchester error is detected by the decoder.
PASMON
SINK
BCOPSTB
SINK
BCOPA BCOPB REQBUS A
SINK SINK SINK/SOURCE
REQBUS B RT/BC
SINK/SOURCE SINK
DBCACC LTFAIL ERROR RTO
SINK SOURCE SOURCE SOURCE
TXTO PARER MANER
SOURCE SOURCE SOURCE
Aeroflex Circuit Technology
9
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Pin Description (Cont.)
Signal
DBCREQ
Hybrid Sink or Source
SOURCE
Signal Description
Dynamic Bus Control Request - This line will pulse low when the status reply for a mode code Dynamic Bus Control has finished where the accept bit was set. Valid Data - This line will pulse low when a valid data word is received. Positive Date In. This should be a TTL description of the positive, half of the Manchester code data on the bus. It should be driven to a logic level "1" when a predetermined positive threshold is exceeded on the bus. Negative Data In. This should be a TTL description of the negative half of the Manchester code data on the bus. It should be driven to a logic level "1" when a predetermined negative threshold is exceeded on the bus. Transmitter Enable. Goes low when the transmitter is transmitting. Should be used to enable the bus drivers. Positive Data Out - When this signal goes high the bus should be driven positive.
VALD RX DATA 0/1
SOURCE SINK
RX DATA 0/1
SINK
TX INHIBIT 0/1 TX DATA
SOURCE SOURCE
Aeroflex Circuit Technology
10
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
NEXT
Controller to RT Transfer RT to Controller Transfer RT to RT Transfer Mode Command Without Data Word Mode Command With Data Word (Transmit)
Receive Command
Data Word
Data Word
....
Data Word Status Word
Data Word
.. ....
Data Word
Status Word
Command Word
NEXT
Transmit Command
..
Status Word
Data Word Data Word
NEXT
Data Word
Command Word
NEXT
Receive Transmit Command Command
..
Status Word
....
Data Word
..
Status Word
Command Word
Mode Command
.. ..
Command Word
NEXT
Mode Command
Status Word
Data Word
Command Word
Mode Command With Data Word (Receive)
NEXT
Mode Command
Data Word
..
Status Word
Command Word
NOTE:
. . = Response Time
= Intermessage Gap
Figure 1 - Typical Message Formats
T/R Bit
1 1 1 1 1 1 1 1 1 1
Mode Code
00000 00001 00010 00011 00100 00101 00110 00111 01000 01001
Function
Dynamic Bus Control Synchronize Transmit Status Word Initiate Self Test Transmitter Shutdown Override Transmitter Shutdown Inhibit Terminal Flag Bit Override lnhibit Terminal Flag Bit Reset Remote Terminal Reserved Reserved Transmit Vector Word Synchronize Transmit Last Command Transmit BlTWord Selected Transmitter Shutdown Override Selected Transmitter Shutdown Reserved Reserved
Associated Data Word
No No No No No No No No No No No Yes Yes Yes Yes Yes Yes Yes Yes
Broadcast Command Allowed
No Yes No Yes Yes Yes Yes Yes Yes TBD TBD No Yes No No Yes Yes TBD TBD
1 1 0 1 1 0 0 1 or 0
01111 10000 10001 10010 10011 10100 10101 10110
1 or 0
11111
Figure 2 - Assigned Mode Codes
Aeroflex Circuit Technology
11
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
BIT TIMES
COMMAND WORD
DATA WORD
BIT WORD
STATUS WORD 1 1
Aeroflex Circuit Technology
2
SYNC
SYNC 15
SYNC
3 4
Transmitter Timeout on Bus 3
14
5
Note: T/R - Transmit/Receive P - Parity
Transmitter Timeout on Bus 2
13 5 12
6
5
Transmitter Timeout on Bus 1 Transmitter Timeout on Bus 0
11
7
REMOTE TERMINAL ADDRESS
T/R
10
Message Error
1 1
REMOTE TERMINAL ADDRESS
8
Bus 3 Shutdown Bus 2 Shutdown Bus 1 Shutdown Bus 0 Shutdown Broadcast Transmit Data Received
3
9
1
Figure 3 - Word Count
9 1 8 7 6 RESERVED
12
10
Instrumentation
11
Service Request
16
DATA
12
5
13
SUBADDRESS/MODE
Word Count High Word Count Low
14
5
1
4
15
Broadcast Command Received
1
Illegal Mode Command Mode T/R Bit Wrong Loop Test Failure Subsystem Handshake Failure Transmitter Timeout Flag
3
16
Busy
1
2
5
17
Subsystem Flag
1
18
1
DATA WORD COUNT/MODE CODE
Dynamic Bus Control Acceptance
1
0
19
LSB
Terminal Flag Parity
20
P
P
P
1
1
1
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
20
One Bit Time
1MHz Clock
(+) (0) -
NRZ Data
(+) (0) -
(+) -
Manchester
=
Bi-Phase
(0) (-) -
Figure 4 - Data Encoding
CT1995
+ 1553B BUS "A" Driver/ Receiver 0 XFR0 TX DATA OUT RX DATA IN TX DATA TX DATA IN TX DATA IN TX DATA TX DATA OUT RX DATA IN ACT4453 RX DATA OUT RX DATA OUT RX DATA 0 RX DATA 0
TX INHIBIT "0"
+ 1553B BUS "B"
TX DATA OUT RX DATA IN ACT4453 Driver/ Receiver 1 XFR1 TX DATA OUT RX DATA IN
RX DATA OUT RX DATA OUT TX DATA IN TX DATA IN
RX DATA 1 RX DATA 1
TX INHIBIT "0"
TX INHIBIT "1"
TX INHIBIT "1"
Figure 5 - Example of an Interface between the CT1995 and Driver/Receiver
Aeroflex Circuit Technology
13
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
PDIN NBGT INCMD DTRQ IUSTB H/L GBR EOT
Figure 6 - Transfer of three Data Words from RT 03 to BC
PDIN NBGT INCMD DTRQ IUSTB H/L GBR EOT
Figure 7 - Transfer of two Data Words from BC to RT 03
PDIN NBGT INCMD DTRQ IUSTB H/L RESET EOT
Figure 8 - Mode Command Reset Remote Terminal
Aeroflex Circuit Technology
14
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
PDIN NBGT INCMD DTRQ IUSTB H/L GBR EOT
Figure 9 - RT to RT transfer of four data words (This RT sending the data)
PDIN NBGT INCMD DTRQ IUSTB H/L GBR EOT
Figure 10 - RT to RT transfer of four data words (This RT receiving the data)
Aeroflex Circuit Technology
15
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
DTRQ
Subsystem Reply Time < 13.5s
DTAK
Don't Care
250 nsec
250 nsec 500 nsec
IUSTB
H/L
CWC0-CWC4
Valid
Incremented
Enable High Byte of TX Data on Internal Highway
Enable Low Byte of TX Data on Internal Highway
Figure 11 - Handshaking for Tx Data Transfers
DTRQ
Subsystem Reply Time < 1.5s
DTAK
Don't Care
250 nsec
250 nsec 500 nsec
IUSTB
H/L
Internal Highway
High Byte Valid
Low Byte Valid
CWC0-CWC4
Valid
Incremented
Figure 12 - Handshaking for Rx Data Transfers
Aeroflex Circuit Technology
16
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
NBGT
1.0s Minimum
TX/RX
Previous command value
Valid
SA4-SA0
Previous command value
Valid
WC4-WC0
Previous command value
Valid
CWC4-CWC0
INCMD
INCLK
BUSY Latch here
Figure 13 - New Command Initialization
NBGT
INCMD
VECTEN
1.5s approx.
H/L
} }
Enable high byte of vector word onto internal highway Enable low byte of vector word onto internal highway
Figure 14 - Transmit Vector Word Command
Aeroflex Circuit Technology
17
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
1 00 1 NBGT 0 1 INCMD 0 1 SYNC 0 1 ILUSTB 0 1 EOT 0 1 WC4 0 1 H/L 0 PDIN
Figure 15 - Synchronize (with data) mode command
1 00 1 NBGT 0 1 INCMD 0 1 SYNC 0 1 IUSTB 0 1 EOT 0 1 WC0 0 PDIN
Figure 16 - Synchronize (no data) mode command
Aeroflex Circuit Technology
18
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Aeroflex Circuit Technology
BCOPSTB
PDIN
NDRG CWEN
DTRG
H/L
IUSTB
19
C/D
EOT
VALC
VALD STATSTB
RTO
INCMD
GBR
NBGT
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Figure 17 - BUS Controller sending command to RT 10001 to transmit two data words
Aeroflex Circuit Technology
BCOPSTB
PDIN
NDRG CWEN
DTRG
H/L
IUSTB
C/D
20
EOT
VALC
VALD STATSTB
RTO
INCMD
GBR
NBGT
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Figure 18 - BUS Controller sending command to RT 10001 to receive two data words
Aeroflex Circuit Technology
BCOPSTB BCOPA BCOPB NDRG PDIN CWEN
21
H/L IUSTB C/D TxSTB NBGT INCMD VALC VALD STATSTB DTRG CWC0 CWC1 TREQ GBR EOT TXEN PDOUT RTO IH715 IH614 IH613
IH412 IH311 IH210 IH19 IH06
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Figure 19 - BUS Controller commanding RT 10001 to transmit two data words at RT 00001
BCOPSTB BCOPA BCOPB PDIN TXSTB CWEN H/L STATSTB
Figure 20 - BUS Controller sending mode command transmit status word mode code 00010
BCOPSTB BCOPA BCOPB PDIN NDRQ CWEN DWEN H/L
Figure 21 - BUS Controller sending mode command synchronize mode code 10001
BCOPSTB BCOPA BCOPB PDIN DWEN H/L STATSTB RMDSTB
Figure 22 - BUS Controller sending mode command transmit vector mode code 10000
Aeroflex Circuit Technology
22
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
Pin Out Description - CT1995 (All Versions)
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Aeroflex Circuit Technology
Function
NC CWC0 (LSB) SA4 (MSB) SA3 SA2 CWC4 (MSB) CWC3 CWC2 CWC1 GBR H/L STATEN/STATSTB EOT SA1 SA0 (LSB) INCMD TX/RX DTRQ VECTEN/DWEN NBGT SYNC INCLK IUSTB NC DTAK BCOPA BCOPSTB BCOPB PASMON NDRQ
Pin #
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60
Function
REQBUSB REQBUSA COMMON & CASE NC NC NC IH 08 (LSB) IH19 IH210 IH311 IH412 IH513 IH614 IH715 (MSB) NC NC RTADPAR RTAD0 (LSB) RTAD1 RTAD2 RTAD3 RTAD4 (MSB) CMSYNC DWSYNC BCSTEN 0 RX DATA 0 RX DATA 0 BCSTEN 1 RTO 6 MCK
23
Pin #
61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90
Function
ERROR LTFAIL MANER PARER VALD RTADER RX DATA 1 RX DATA 1 +5 VIN TX INHIBIT 1 TX INHIBIT 0 TX DATA TX DATA SERVREQ TXTO DBCACC RESET RT/BC DBCREQ HSFAIL LSTCMD/CWEN BITEN/RMDSTB BUSY WC4 (MSB) WC3 WC0 (LSB) SSERR WC2 WC1 NC
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
2.400 MAX
.225 MAX
1.600 MAX Lead 1 & ESD Designator
.200 MIN .135 .090
Pin 1
2.200
Pin 3 .050 TYP Pin 43 Pin 45 Pin 44 Pin 2 .018 DIA TYP
1.300 1.100
Pin 89 Pin 47 Pin 90 Pin 88 .100 TYP Pin 48 Pin 46
.135
2.100
Ceramic CoFired Plug In Package Outline
Aeroflex Circuit Technology
24
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
Ordering Information
Model Number
CT1995-20 CT1995-20-2 CT1995-20-3 1
Master Reset Time Constant
2.7 ms 2.7 ms 200 s
Package
1.6" x 2.4" Ceramic Plug In 1.6" x 2.4" Ceramic Plug In 1.6" x 2.4" Ceramic Plug In
Note: 1. TTL and CMOS RT Address Thresholds. Refer to Recommended DC Operating Conditions, page 2.
Specifications subject to change without notice
Aeroflex Circuit Technology 35 South Service Road Plainview New York 11803 www.aeroflex.com
Aeroflex Circuit Technology
Telephone: (516) 694-6700 FAX: (516) 694-6715 Toll Free Inquiries: (800) 843-1553 E-Mail: sales-act@aeroflex.com
25
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700


▲Up To Search▲   

 
Price & Availability of CT1995-20-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X