Part Number Hot Search : 
XE88LC05 C324MS8 CF004 BP104S AME5131 102MH H05N60F 1N5245B
Product Description
Full Text Search
 

To Download CT100-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer CT 100-S
For very accurate measurements of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
100 A
Preliminary
Electrical data
IP N IP VO U T KN RL CL tC VC IC Vd Primary nominal r.m.s. current Primary current, measuring range Analog output voltage Conversion ratio Load resistance Capacitance loading Output short-circuit duration 1) Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn 100 0 .. 150 5 100 A / 5 V > 500 5 A A V nF s V mA kV
Features
*Closed loop (compensated) current
transducer
*Insulated plastic case recognized
according to UL 94-V0
*Patent pending.
15 90 + VOUT / R L 6
Advanced features
*f = 250 kHz *X G = 0.15 % (- 25C .. + 70C).
Accuracy - Dynamic performance data
XG VO f Overall accuracy @ IPN Offset voltage @ IP = 0 - 25C .. + 70C TA = 25C - 25C .. + 70C 0.15 Typ Max 0.4 0.6 % mV mV kHz
Advantages
*Excellent accuracy *Very good linearity *Low temperature drift *Optimized response time *Wide frequency bandwidth *No insertion losses *High immunity to external
interference
Frequency bandwidth (- 3 dB) @ 10 % of IPN
DC .. 250
General data
TA TS m Ambient operating temperature Ambient storage temperature Mass Standards 2) - 25 .. + 70 - 40 .. + 85 670 EN 50178 C C g
*Current overload capability.
Applications
*AC variable speed drives and servo
motor drives
*Static converters for DC motor drives *Battery supplied applications *Uninterruptible Power Supplies
(UPS)
*Switched Mode Power Supplies
(SMPS)
*Power supplies for welding
applications. Notes :
1)
2)
If the short-circuit has a duration more than 1 s, the primary current of the supply voltage must be interrupted for a short time to restore the transducer to proper working order. The internal protection is done by PTC resistors A list of corresponding tests is available
980814/3
LEM Components
w w w .lem.com
Dimensions CT 100-S
Front view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals
Terminal Terminal Terminal Terminal + M 0 : : : : supply voltage + 15 V measure 0V supply voltage - 15 V
Connection
Top view Mechanical characteristics
*General tolerance *Fastening *Primary through-hole *Connection of secondary
Fastening torque 0.3 mm 2 x M5 screws 15 mm M5 threaded studs 2.2 Nm or 1.62 Lb - Ft
Remarks
*VOUT is positive when IP flows in the direction of the arrow. *This transducer induces into the primary circuit a square
wave of 3.5 mV amplitude (frequency 220 Hz). This voltage can induce an AC current in the primary if the primary impedance is low. *This is a standard model. For different versions (supply voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of CT100-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X