Part Number Hot Search : 
88SM4140 BD48K53 P40NF100 10X20 2N6198 1E220 A5801024 MPSA44
Product Description
Full Text Search
 

To Download CT04-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducers CT 0.1 .. 0.4-P
For the electronic measurement of small currents: AC,DC, mixed, with a galvanic isolation between the primary circuit and the secondary circuit.
IPN = 100..400 mA VOUT = 5 V
Electrical data
Primary nominal current rms IPN (mA) 100 200 400 Primary current, measuring range IPM (mA) 180 360 720 Type RoHS since date code 46129 46054 46234
Features
* DC & AC earth leakage current transducer using a flux-gate principle * PCB mounting * 15V power supply * 5V output @ IPN * Insulated plastic case recognized
according to UL94-V0.
CT 0.1-P CT 0.2-P CT 0.4-P
VC IC RIS VOUT ROUT RL CL
Supply voltage ( 5 %) Current consumption Isolation resistance @ 500 VDC Output voltage (Analog) @ IPN, RL= 10k , TA=25C Output internal resistance Load resistance Capacitive loading
15 35 > 500 5 < 51 10 5
V mA M V k nF
Accuracy-Dynamic performance data
X
Advantages
<1 %of IPN < 0.5 %of IPN < 0.05 %/K < 50 mV <2 mV < 20 mV <4 mV/K <3 mV/K <2 mV/K 20 ms 60 ms DC .. 7000 Hz DC .. 11000 Hz DC .. 18000 Hz
L
TCVOUT VOE VOH
TCVOE
tr BW
Accuracy (excluding offset) @ IPN, TA = 25C, RL = 10k Linearity error (0 .. IPN) Temperature coefficient of VOUT (of reading) Eletrical offset voltage @ IP = 0, TA = 25C Hysteresis offset voltage @ IP = 0; after an excursion of 1 x IPN @ IP = 0; after an excursion of 100 x IPN Temperature coefficient of VOE @ -20..+85C CT 0.1-P CT 0.2-P CT 0.4-P Response time to 80% of IPN step 90% of IPN step Frequency bandwidth (- 3 dB) CT 0.1-P CT 0.2-P CT 0.4-P
* Small size * Bandwidth : DC .. up to 18kHz * Response time better than 60 ms * Cost effective, compact alternative to classical RCDs (Residual Current Device)
Applications
* Earth leakage detection in transformerless solar inverters * 1st human contact protection of PV arrays * Failure detection in power sources * Symmetrical fault detection (e.g. after motor inverter) * Current leakage detection in stacked DC sources * Single phase or three phase differential current measurement up to 30A per wire (DC or AC)
General data
TA TS dCp dCl CTI m Ambient operating temperature Ambient storage temperature Creepage distance Clearance distance Comparative tracking index (Group IIIa) Mass Standards - 20 .. + 85 C - 25 .. + 85 C > 5.5 mm > 5.5 mm > 220 25 g EN 50178: 1997
Application Domain
* Industrial
copyright protected
Page 1/3
061017/9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Current Transducer CT 0.1 .. 0.4-P
Isolation characteristics
Vb Rated isolation voltage rms with IEC 61010-1 standard and following conditions - Single insulation - Over voltage category III - Pollution degree 2 - Heterogeneous field Rated isolation voltage rms with EN 50178 standard and following conditions - Reinforced insulation - Over voltage category III - Pollution degree 2 - Heterogeneous field Rms voltage for AC isolation test, 50 Hz, 1 min Partial discharge extinction voltage rms @ 10pC Impulse withstand voltage 1.2/50s 150 V rms
Vb
250
V rms
Vd Ve Vw
2.5 > 1.2 6
kV kV kV
If insulated cable is used for the primary circuit, the voltage category could be improved with the following table : Cable insulation (primary) Category HAR 03 300V CAT III HAR 05 400V CAT III HAR 07 500V CAT III
Page 2/3
061017/9
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Dimensions CT 0.1 .. 0.4-P (in mm. 1 mm = 0.0394 inch)
30 20 11.0
M GND
M GND Vcc+ Vcc 12.6 17.8
17.8
-V c + c c Vc
52
0. 5 0.50.3
O 11 f 11 o
30
5 2
4- 0.7
0.3
4- 0.7
2-F 2 2-O2 (NC)
0.3
I
Ip flux-gate DC +Vcc
transformer AC
M GND
*|Vcc
+Vcc +Vcc Vcc -Vcc GND
2-O5 0.3
4.3 10. 5
10.5
11
20.3
2-F 5
GND M M
RL
Vout
Mechanical characteristics
* General tolerance
(Unless otherwise specified in * Aperture for primary conductor * Connection of secondary Recommended PCB hole * PCB fixation Recommended PCB hole 1 mm the above drawings.) O11 mm 4 pins 0.7 x 0.7 mm2 1.2 mm 2 pins O2 mm 2.2 mm
Safety
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the following manufacturer's operating instructions.
Remarks
Caution, risk of electrical shock
* VOUT is positive when IP flows in the direction of the
arrow. * This transducer induces into the primary circuit a square wave of 500Hz. This voltage can induce an AC current in the primary if the primary impedance is low. * Primary impedance 10 CT0.1-P CT0.2-P CT0.4-P VOUT by induced current 0.5% 0.4% 0.2% of IPN * Temperature of the primary conductor should not exceed 100C. 061017/9
When operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). Ignoring this warning can lead to injury and/or cause serious damage. This transducer is a built-in device, whose conducting parts must be inaccessible after installation. A protective housing or additional shield could be used. Main supply must be able to be disconnected.
Page 3/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com


▲Up To Search▲   

 
Price & Availability of CT04-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X