Part Number Hot Search : 
16250 103M3 RF600D 100EL1 TA8251AH HSB124 SK372 M41ST
Product Description
Full Text Search
 

To Download CSPEMI306AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSPEMI306A 6 Channel EMI Filter Array with ESD Protection
Features
* * * * * * Six channels of EMI filtering for data ports Pi-style EMI filters in a capacitor-resistor-capacitor (C-R-C) network Greater than 32dB attenuation at 1GHz +15kV ESD protection on each channel (IEC 61000-4-2 Level 4, contact discharge) +30kV ESD protection on each channel (HBM) Chip Scale Package features extremely low lead inductance for optimum filter and ESD performance 15-bump, 2.960mm X 1.330mm footprint Chip Scale Package (CSP) Lead-free version available
Product Description
The CSPEMI306A is a six channel low-pass filter array that reduces EMI/RFI emissions while at the same time providing ESD protection. It is used on data ports on mobile devices. To reduce EMI/RFI emissions, the CSPEMI306A integrates a pi-style filter (C-R-C) for each of the 6 channels. Each high quality filter provides greater than 30dB attenuation in the 800-2700 MHz range. These pi-style filters also support bidirectional filtering, controlling EMI both to and from a data port connector. In addition, the CSPEMI306A provides a very high level of protection for sensitive electronic components that may be subjected to electrostatic discharge (ESD). The input pins are designed and characterized to safely dissipate ESD strikes of 15kV, exceeding the maximum requirement of the IEC 61000-4-2 international standard. Using the MIL-STD-883 (Method 3015) specification for Human Body Model (HBM) ESD, the device provides protection for contact discharges to greater than 30kV. The CSPEMI306A is particularly well suited for portable electronics (e.g., cellular telephones, PDAs, notebook computers) because of its small package footprint and low weight. The CSPEMI306A is available in a space-saving, low-profile Chip Scale Package with optional lead-free finishing.
* *
Applications
* * * * * * EMI filtering and ESD protection for both data and I/O ports Wireless Handsets Handheld PCs / PDAs MP3 Players Notebooks Desktop PCs
Electrical Schematic
100 FILTERn* 30pF 30pF FILTERn*
GND (Pins B1-B3)
1 of 6 EMI/RFI + ESD Channels
* See Package/Pinout Diagram for expanded pin information.
(c) 2003 California Micro Devices Corp. All rights reserved. 10/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214
L Fax: 408.263.7846
L
www.calmicro.com
1
CSPEMI306A
PACKAGE / PINOUT DIAGRAMS
TOP VIEW
(Bumps Down View)
Orientation Marking (see note 2)
BOTTOM VIEW
(Bumps Up View)
1 A B C
2
3
4
5
6
FILTER1 FILTER2 FILTER3 FILTER4 FILTER5 FILTER6
C1
C2
GND
C3
GND
C4 B2
C5
GND
C6 B3
306A
B1 Orientation Marking
FILTER1 FILTER2
FILTER3
FILTER4
FILTER5
FILTER6
A1
A1
A2
A3
A4
A5
A6
CSPEMI306A
Notes: CSP Package 1) These drawings are not to scale. 2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
PIN DESCRIPTIONS
PIN(s) A1 A2 A3 A4 A5 A6 B1-B3 C1 C2 C3 C4 C5 C6 NAME FILTER1 FILTER2 FILTER3 FILTER4 FILTER5 FILTER6 GND FILTER1 FILTER2 FILTER3 FILTER4 FILTER5 FILTER6 DESCRIPTION Filter Channel 1 Filter Channel 2 Filter Channel 3 Filter Channel 4 Filter Channel 5 Filter Channel 6 Device Ground Filter Channel 1 Filter Channel 2 Filter Channel 3 Filter Channel 4 Filter Channel 5 Filter Channel 6
Ordering Information
PART NUMBERING INFORMATION
Standard Finish Ordering Part Bumps 15 Package CSP Number1 CSPEMI306A Part Marking 306A Lead-free Finish 2 Ordering Part Number1 CSPEMI306AG Part Marking 306A
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified. Note 2: Lead-free devices are specified by using a "+" character for the top side orientation mark.
(c) 2003 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214
L Fax: 408.263.7846
L
www.calmicro.com
10/10/03
CSPEMI306A
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Range DC Power per Resistor DC Package Power Rating RATING -65 to +150 100 600 UNITS C mW mW
STANDARD OPERATING CONDITIONS
PARAMETER Operating Temperature Range RATING -40 to +85 UNITS C
ELECTRICAL OPERATING CHARACTERISTICS1
SYMBOL R C TCR TCC VDIODE ILEAK VSIG PARAMETER Resistance Capacitance Temperature Coefficient of Resistance Temperature Coefficient of Capacitance Diode Voltage (reverse bias) Diode Leakage Current (reverse bias) Signal Voltage Positive Clamp Negative Clamp In-system ESD Withstand Voltage a) Human Body Model, MIL-STD-883, Method 3015 b) Contact Discharge per IEC 61000-4-2 Level 4 Clamping Voltage during ESD Discharge MIL-STD-883 (Method 3015), 8kV Positive Transients Negative Transients Cut-off frequency ZSOURCE = 50, ZLOAD = 50 At 2.5V DC IDIODE=10A VDIODE=3.3V ILOAD = 10mA 5.6 -0.4 Notes 2,4 and 5 30 15 Notes 2,3,4 and 5 +10 -5 R = 100, C = 30pF 58 V V MHz kV kV 6.8 -0.8 9.0 -1.5 V V 5.5 100 At 2.5V DC CONDITIONS MIN 80 24 TYP 100 30 1200 -300 MAX 120 36 UNITS pF ppm/C ppm/C V nA
VESD
VCL
fC
Note 1: TA=25C unless otherwise specified. Note 2: ESD applied to input and output pins with respect to GND, one at a time. Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A1, then clamping voltage is measured at Pin C1. Note 4: Unused pins are left open Note 5: These parameters are guaranteed by design and characterization.
(c) 2003 California Micro Devices Corp. All rights reserved. 10/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L
Fax: 408.263.7846
L
www.calmicro.com
3
CSPEMI306A
Performance Information
Typical Filter Performance (TA=25C, DC Bias=0V, 50 Ohm Environment)
Figure 1. Insertion Loss VS. Frequency (A1-C1 to GND B2)
Figure 2. Insertion Loss VS. Frequency (A2-C2 to GND B2)
(c) 2003 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214
L Fax: 408.263.7846
L
www.calmicro.com
10/10/03
CSPEMI306A
Performance Information (cont'd)
Typical Filter Performance (TA=25C, DC Bias=0V, 50 Ohm Environment)
Figure 3. Insertion Loss VS. Frequency (A3-C3 to GND B2)
Figure 4. Insertion Loss VS. Frequency (A4-C4 to GND B2)
(c) 2003 California Micro Devices Corp. All rights reserved. 10/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L
Fax: 408.263.7846
L
www.calmicro.com
5
CSPEMI306A
Performance Information (cont'd)
Typical Filter Performance (TA=25C, DC Bias=0V, 50 Ohm Environment)
Figure 5. Insertion Loss VS. Frequency (A5-C5 to GND B2)
Figure 6. Insertion Loss VS. Frequency (A6-C6 to GND B2)
(c) 2003 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214
L Fax: 408.263.7846
L
www.calmicro.com
10/10/03
CSPEMI306A
Performance Information (cont'd)
Typical Filter Performance (TA=25C, DC Bias=0V, 50 Ohm Environment)
Figure 7. Comparison of Filter Response Curves for CSPEMI306A VS. DC Bias
(c) 2003 California Micro Devices Corp. All rights reserved. 10/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L
Fax: 408.263.7846
L
www.calmicro.com
7
CSPEMI306A
Performance Information (cont'd)
1.6
1.5
1.4
Normalized Capacitance
1.3
1.2
T = -40C T = +25C T = +70C
1.1
1.0
0.9
0.8
0.7 0 1 2 3 4 5
DC Input Voltage (V)
Figure 8. Filter Capacitance vs. Input Voltage over Temperature (normalized to capacitance at 2.5VDC and 25C)
1.100 1.080 1.060
Nornalized Resistance
1.040 1.020 1.000 0.980 0.960 0.940 0.920 0.900 -40 -20 0 20 40 60 80 100 Temperature ['C]
Figure 9. Resistance vs. Temperature (normalized to resistance at 25C)
(c) 2003 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214
L Fax: 408.263.7846
L
www.calmicro.com
10/10/03
CSPEMI306A
Application Information
Refer to Application Note AP-217, "The Chip Scale Package", for a detailed description of Chip Scale Packages offered by California Micro Devices.
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER Pad Size on PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening (laser cut, 5% tapered walls) Solder Flux Ratio Solder Paste Type Pad Protective Finish Tolerance -- Edge To Corner Ball Solder Ball Side Coplanarity Maximum Dwell Time Above Liquidous Soldering Maximum Temperature VALUE 0.275mm Round Non-Solder Mask defined pads 0.325mm Round 0.125 - 0.150mm 0.330mm Round 50/50 by volume No Clean OSP (Entek Cu Plus 106A) +50m +20m 60 seconds 260C
Non-Solder Mask Defined Pad 0.275mm DIA.
Solder Stencil Opening 0.330mm DIA.
Solder Mask Opening 0.325mm DIA.
Figure 10. Recommended Non-Solder Mask Defined Pad Illustration
250
Temperature (C)
200 150 100 50 0 1:00.0 2:00.0 3:00.0 Time (minutes) 4:00.0
Figure 11. Eutectic (SnPb) Solder Ball Reflow Profile
(c) 2003 California Micro Devices Corp. All rights reserved. 10/10/03
Figure 12. Lead-free (SnAgCu) Solder Ball Reflow Profile
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
9
CSPEMI306A
Mechanical Details
CSP Mechanical Specifications CSPEMI306A devices are packaged in a custom Chip Scale Package (CSP). Dimensions are presented below. For complete information on CSP packaging, see the California Micro Devices CSP Package Information document.
C1
Mechanical Package Diagrams
BOTTOM VIEW
A1 B1 C A2 C2 B A B2 B4 B3
SIDE VIEW
PACKAGE DIMENSIONS
Package Bumps Dim A1 A2 B1 B2 B3 B4 C1 C2 D1 D2 Millimeters Min 2.915 1.285 0.495 0.245 0.430 0.430 0.180 0.180 0.561 0.355 Nom 2.960 1.330 0.500 0.250 0.435 0.435 0.230 0.230 0.605 0.380 Max 3.005 1.375 0.505 0.255 0.440 0.440 0.280 0.280 0.649 0.405 Min Custom CSP 15 Inches Nom Max 0.1148 0.1165 0.1183 0.0506 0.0524 0.0541 0.0195 0.0197 0.0199 0.0096 0.0098 0.0100 0.0169 0.0171 0.0173 0.0169 0.0171 0.0173 0.0071 0.0091 0.0110 0.0071 0.0091 0.0110 0.0221 0.0238 0.0255 0.0140 0.0150 0.0159 3500 pieces
1
2
3
4
5
6 D1 D2
0.30 DIA. 63/37 Sn/Pb (Eutectic) or 96.8/2.6/0.6 Sn/Ag/Cu (Lead-free) SOLDER BUMPS
DIMENSIONS IN MILLIMETERS
Package Dimensions for CSPEMI306A Chip Scale Package
# per tape and reel
Controlling dimension: millimeters
CSP Tape and Reel Specifications
PART NUMBER CSPEMI306A CHIP SIZE (mm) 2.96 X 1.33 X 0.6 POCKET SIZE (mm) B0 X A0 X K0 3.10 X 1.45 X 0.74
Po Top Cover Tape
TAPE WIDTH W 8mm
REEL DIAMETER 178mm (7")
QTY PER REEL 3500
P0 4mm
P1 4mm
10 Pitches Cumulative Tolerance On Tape 0.2 mm
Ao W
Ko
Bo
For Tape Feeder Reference Only including Draft. Concentric Around B.
Embossment
P1 User Direction of Feed
Center Lines of Cavity
Figure 13. Tape and Reel Mechanical Data
(c) 2003 California Micro Devices Corp. All rights reserved.
10 430 N. McCarthy Blvd., Milpitas, CA 95035-5112 L Tel: 408.263.3214
L Fax: 408.263.7846
L
www.calmicro.com
10/10/03


▲Up To Search▲   

 
Price & Availability of CSPEMI306AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X