Part Number Hot Search : 
M27C40 20600 LTC2228 TOTX195 MP15910 APL58 0JXXX G10N12
Product Description
Full Text Search
 

To Download CSHDD16-60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NE
W
CSHDD16-40C CSHDD16-60C CSHDD16-100C
Central
FEATURES: * * * * * * * *
TM
Semiconductor Corp.
SILICON SCHOTTKY RECTIFIERS DUAL, COMMON CATHODE 16 AMP, 40 THRU 100 VOLTS
D2PAK CASE
HIGH RELIABILITY LOW FORWARD VOLTAGE HIGH CURRENT CAPABILITY HIGH SURGE CAPACITY UL FLAMMABILITY CLASSIFICATION 94V-O SUPERIOR LOT TO LOT CONSISTENCY LOW POWER LOSS, HIGH EFFECIENCY HIGH VOLTAGE
DESCRIPTION: The CENTRAL SEMICONDUCTOR CSHDD16-40C Series types are Silicon Schottky Rectifiers designed for surface mount fast switching applications requiring a low forward voltage drop. To order devices on 24mm Tape and Reel ( 800/13" Reel ), add TR13 suffix to part number. MAXIMUM RATINGS: (TC=25C unless otherwise noted) SYMBOL CSHDD16 CSHDD16 -40C -60C Peak Repetitive Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Current (TC=90C) Peak Forward Surge Current (8.3ms) Operating and Storage Junction Temperature Typical Thermal Resistance Typical Thermal Resistance VRRM VR VR(RMS) IO IFSM 40 40 26 60 60 42 16 150 10,000 -65 to +150 2.0 50
CSHDD16 -100C 100 100 80
UNITS V V V A A V/ms C C/W C/W
Critical Rate of Rise of Reverse Voltage dV/dt T J,Tstg QJC QJA
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25C unless otherwise noted) CSHDD16 CSHDD16 CSHDD16 -40C -60C -100 SYMBOL TEST CONDITIONS TYP MAX TYP MAX TYP MAX IR IR VF VF VF VF CJ VR=Rated VRRM VR=Rated VRRM, TC= 125C IF=8.0A IF=8.0A, TC= 125C IF=16A IF=16A, TC= 125C VR=4.0V, f=1.0MHz 300 100 15 0.65 0.57 0.84 0.72 300 100 15 0.75 0.65 0.95 0.85 300 100 15 0.85 0.75 1.10 1.00
UNITS A mA V V V V pF
346
All Dimensions in Inches (mm).
%&#!" (#'"
TOP VIEW
"((( #% "
$ !& % $"
!%!%%$ !&#%($ #" $# "%
%! $& &! '" $&$ #% %!$ $''
(!!( !&(
#' !" % $"
!$ !" !$ '!" !&( ('A!#( !A!$( "$'(
LEAD CODE: 1) ANODE#1 2) CATHODE 3) ANODE #2 4) CATHODE PIN 2 IS COMMON TO THE TAB(4)
R2
347


▲Up To Search▲   

 
Price & Availability of CSHDD16-60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X