Part Number Hot Search : 
00BGA 3AXXX 00BGA AT90SC ET393 LC867248 AM2360N FM201
Product Description
Full Text Search
 

To Download CSHDD16-60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CSHDD16-40A CSHDD16-60A CSHDD16-100A SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS DUAL, COMMON ANODE 16 AMP, 40 THRU 100 VOLTS
Central
FEATURES:
TM
Semiconductor Corp.
D PAK!
Super Power
D2PAK CASE DESCRIPTION:
2
* * * * * * * *
HIGH RELIABILITY HIGH CURRENT CAPABILITY UL FLAMMABILITY CLASSIFICATION 94V-O LOW POWER LOSS, HIGH EFFICIENCY LOW FORWARD VOLTAGE HIGH SURGE CAPACITY SUPERIOR LOT TO LOT CONSISTENCY HIGH VOLTAGE
The CENTRAL SEMICONDUCTOR CSHDD16-40A Series types are Silicon Schottky Rectifiers designed for surface mount fast switching applications requiring a low forward voltage drop. To order devices on 24mm Tape and Reel ( 800/13" Reel ), add TR13 suffix to part number. MAXIMUM RATINGS: (TC=25C unless otherwise noted) SYMBOL CSHDD16 -40A 40 40 26 CSHDD16 -60A 60 60 42 16 150 10,000 -65 to +150 2.0 50 CSHDD16 -100A UNITS 100 100 80 V V V A A V/s C C/W C/W
Peak Repetitive Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Current (TC=90C) Peak Forward Surge Current (8.3ms) Critical Rate of Rise of Reverse Voltage Operating and Storage Junction Temperature Typical Thermal Resistance Typical Thermal Resistance
VRRM VR VR(RMS) IO IFSM dV/dt TJ,Tstg JC JA
ELECTRICAL CHARACTERISTICS: (TC=25C unless otherwise noted) CSHDD16 -40A TYP MAX 100 15 0.65 0.57 0.84 0.72 300 CSHDD16 -60A TYP MAX 100 15 0.75 0.65 0.95 0.85 300 CSHDD16 -100A TYP MAX 100 15 0.85 0.75 1.10 1.00
SYMBOL IR IR VF VF VF VF CJ
TEST CONDITIONS
UNITS A mA V V V V pF
VR=Rated VRRM VR=Rated VRRM, TC= 125C IF=8.0A IF=8.0A, TC= 125C IF=16A IF=16A, TC= 125C VR=4.0V, f=1.0MHz 300
R0 ( 31-August 2001)
Central
TM
Semiconductor Corp.
CSHDD16-40A CSHDD16-60A CSHDD16-100A SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS DUAL, COMMON ANODE 16 AMP, 40 THRU 100 VOLTS
D2PAK CASE - MECHANICAL OUTLINE
A B E
4
F
G
1
C H D I
2
3
J
R1
LEAD CODE: 1) 2) 3) 4) CATHODE 1 ANODE 1,2 CATHODE 2 ANODE 1,2
PIN 2 IS COMMON TO THE TAB(4) R0 ( 31-August 2001)


▲Up To Search▲   

 
Price & Availability of CSHDD16-60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X