Part Number Hot Search : 
IBAADS TC0194A P2102 85C51 C3216 SDR628G LM150 20100C
Product Description
Full Text Search
 

To Download CSHD6-60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NE
W
CSHD6-60C
Central
DESCRIPTION:
TM
Semiconductor Corp.
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 60 VOLTS
DPAK !
POWER
DPAK CASE Peak Repetitive Reverse Voltage Average Rectified Forward Current (TC=120C) RMS Forward Current Peak Forward Surge Current (tp=10ms) Peak Repetitive Reverse Surge Current (tp=2s) Critical Rate of Rise of Reverse Voltage Operating and Storage Junction Temperature Thermal Resistance, Per Diode
The CENTRAL SEMICONDUCTOR CSHD6-60C is a Silicon Schottky Rectifier designed for surface mount fast switching applications requiring a low forward voltage drop.
MAXIMUM RATINGS: (TC=25C unless otherwise noted) SYMBOL VRRM IO IF(RMS) IFSM IRRM dV/dt TJ, Tstg JC UNITS V A A A A V/s C C/W
60 3.0 6.0 50 1.0 1000 -65 to +150 3.5
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25C unless otherwise noted) SYMBOL IR IR VF VF TEST CONDITIONS VR=60V VR=60V, TC=125C IF=3.0A IF=3.0A, TC=125C MIN MAX 30 10 0.65 0.59 UNIT A mA V V
262
All dimensions in inches (mm).
LEAD CODE: 1) ANODE #1 2) CATHODE 3) ANODE #2 4) CATHODE PIN 2 IS COMMON TO THE TAB (4).
R2
263


▲Up To Search▲   

 
Price & Availability of CSHD6-60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X