Part Number Hot Search : 
IRF6715 S1L65S0 14400 MK325 EM73PE00 SP485EN SP485EN MK325
Product Description
Full Text Search
 

To Download CSFM105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Super Fast Recovery Rectifier
COMCHIP
www.comchip.com.tw
CSFM101 Thru CSFM105
Reverse Voltage: 50 - 600 Volts Forward Current: 1.0 Amp
Features
Ideal for surface mount applications Easy pick and place Plastic package has Underwriters Lab. flammability classification 94V-0 Super fast recovery time 35-50 nS Built-in strain relief Low forward voltage drop
MINI SMA
0.161(4.10) 0.146(3.70) 0.012(0.30) Typ.
0.071(1.80) 0.055(1.40)
Mechanical Data
Case: Mini-SMA/SOD-123 molded plastic Terminals: solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting position: Any Approx. Weight:0.04 gram
0.035(0.90) Typ.
0.110(2.80) 0.094(2.40)
0.063(1.60) 0.055(1.40) 0.035(0.90) Typ.
Dimensions in inches and (millimeter)
Maximum Ratings and Electrical Characterics
Parameter Max. Repetitive Peak Reverse Voltage Max. DC Blocking Voltage Max. RMS Voltage Peak Surge Forward Current 8.3ms single half sine-wave superimposed on rate load ( JEDEC method ) Max. Average Forward Current Max. Instantaneous Forward Current at 1.0 A Reverse recovery time Max. DC Reverse Current at Rated DC Blocking Voltage Ta=25 C Ta=100 C Typical. Thermal Resistance (Note 1) Operating Junction Temperature Storage Temperature Symbol VRRM VDC VRMS IFSM CSFM 101 50 50 35 CSFM 102 100 100 70 CSFM 103 200 200 140 CSFM 104 400 400 280 CSFM 105 600 600 420
Unit
V V V A
30
Io VF Trr IR R
0.95 35
1.0
1.3 1.5 50
A V nS uA
5.0 100 42 -55 to +150 -55 to +150
JA
C/W C C
Tj TSTG
Note 1: Thermal resistance from junction to ambient.
MDS0210018B
Page 1
SMD Super Fast Recovery Rectifier
COMCHIP
www.comchip.com.tw
Rating and Characteristic Curves (CSFM101 Thru CSFM105)
Fig. 1 - Reverse Characteristics
1000
Tj=125 C
10
Fig.2 - Forward Characteristics
CSFM101-103
Forward current ( A )
1.0
100
Tj=75 C
CSFM104
0.1
10
CSFM105
0.01
Tj=25 C Pulse width 300uS 4% duty cycle
1.0
Tj=25 C
0.1
0 20 40 60 80 100 120 140 Percent of Rated Peak Reverse Voltage (%)
0.001
0
0.2
0. 4
0.6
0.8
1.0
1.2
1.4
Forward Voltage (V)
Fig. 3 - Junction Capacitance
14
Fig. 4 - Non Repetitive Forward Surge Current
Peak surge Forward Current ( A )
30
8.3mS Single Half Sine Wave JEDEC methode
12
f=1.0MHz Vsig=50mVp-p
Junction Capacitance (pF)
25 20 15 Tj=25 C 10 5 0
10 8 6 4 2 0
Tj=25 C
0.1
1.0
10
100
1
5
10
50
1 00
Reverse Voltage (V)
Fig. 5 - Test Circuit Di agram and Reverse Recovery Time Characteristics
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A
Fig. 6 - Current Derating Curve
1.4
Average Forward Current ( A )
trr
| | | | | | | |
1.2 1.0 0.8 0.6 0.4 0.2 00
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+) 0 -0.25A
Single Phase Half Wave 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
25
50
75
100
125
150
175
Ambient Temperature ( C)
MDS0210016B
Page 2


▲Up To Search▲   

 
Price & Availability of CSFM105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X