|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Phase Control Thyristor V CS 1250 ITRMS = 3000 A ITAVM = 1250 A VRRM = 1200 - 1600 V RSM V DSM V 1200 1400 1600 V RRM V DRM V Type 1 2 2 4 3 34 1200 1400 1600 CS 1250 - 12io1 CS 1250 - 14io1 CS 1250 - 16io1 1 Symbol I TRMS I TAVM I TSM Test Conditions TC = 83C; 180 sine TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine Maximum Ratings 3000 1250 23000 25000 21000 23000 2645000 2594000 2205000 2195000 320 A A A A A A A2s A2 s A2s A2 s A/s Typical Applications q q q Features q q q i2dt TVJ = 45C VR = 0 TVJ = TVJM VR = 0 q q Thyristor for line frequency International standard package Long-term stability of blocking voltages Gate and auxiliary cathode pin connection Amplifying gate (di/dt)cr TVJ = TVJM repetitive, IT = 2500 A f = 5 Hz, tP =200 ms VD = 1/2 VDRM IG = 2 A diG/dt = 2 A/s TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tP = 30 s tP = 500 s tP = 10 ms (dv/dt) cr P GM 1000 120 60 16 5 -40...+125 125 -40...+ 50 V/s W W W V C C C kN g DC Motor control Power converter AC power controller V RGM T VJ T VJM Tstg Md Weight Data according to DIN/IEC 747-6 IXYS reserves the right to change limits, test conditions and dimensions (c)1996 IXYS Corporation. All rights reserved. Mounting force 24.0 .. 28.0 600 IXYS Corporation 3540 Bassett Street, Santa Clara CA 95054 Phone: (408) 982-0700 Fax: 408-496-0670 IXYS Semiconductor GmbH Edisonstr. 15, D-68623 Lampertheim, Germany Phone: +49-6206-5030 Fax: +49-6206-503627 CS 1250 Symbol IR, ID VT V T0 rT V GT I GT V GD IL IH tgd tq RthJC Test Conditions TVJ = T VJM; VR = VRRM; VD = VDRM IT = 3.14 xITAVM ;TVJ = 25C Characteristic Values 60 1.85 1.0 0.21 3.0 300 0.25 1.0 0.3 2.5 150 0.02 mA V V m V mA V A A s s K/W For power-loss calculations only (TVJ = 125C) VD = 12 V; VD = 12 V; TVJ = T VJM; TVJ = 25C TVJ = 25C VD = 2/3 VDRM TVJ = 25C; tP = 10 s IG = 2 A; diG/dt = 2 A/s TVJ = 25C; VD = 12 V; RGK = TVJ = 25C; VD = 500 V IG = 2 A; diG/dt = 2 A/s TVJ = TVJM; IT = 1250 A, tP = 200 s; di/dt = -10 A/styp. VR = 100 V; dv/dt = 50 V/s; VD = 2/3 VDRM DC current Dimensions in mm (1 mm = 0.0394") IXYS reserves the right to change limits, test conditions, and dimensions. |
Price & Availability of CS1250-16IO1 |