Part Number Hot Search : 
ST93C06 I5326B TP3A684 MX7547JP BL9193 PLT133 AP451 HA1221
Product Description
Full Text Search
 

To Download CRO2535A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722
VOLTAGE CONTROLLED OSCILLATOR
Rev A1
PHASE NOISE (1 Hz BW, typical)
-60 -70
(f) (dBc/Hz)
-80 -90 -100 -110 -120 -130 -140 -150 1000 10000 100000
FEATURES * Frequency Range: 2500 - 2560 MHz * Tuning Voltage: 0.5-4.5 Vdc * MINI-16 - Style Package APPLICATIONS * Digital Radio Equipment * Fixed Wireless Access * Satellite Communication Systems PERFORMANCE SPECIFICATIONS Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing
Pulling (14 dB Return Loss, Any Phase)
VALUE 2500 - 2560 -112 -25 0.5-4.5 22 6.52.5 50 50 <1 <2 -40 to 85 MINI-16 5 23 APPLICATION NOTES
UNITS MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C
Operating Temperature Range Package Style POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.)
Vdc mA
All specifications are typical unless otherwise noted and subject to change without notice.
* AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs
NOTES:
(c) Z-Communications, Inc.
Page 1
All rights reserved
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
TUNING CURVE, typ.
2600
PAGE 2
FREQUENCY (MHz)
2580 2560 2540 2520 2500 2480 2460 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
75 25 -30
c c c
TUNING VOLTAGE (Vdc)
POWER CURVE, typ.
POWER OUTPUT (dBm)
12 10 8 6 4 2 0 2469 2482 2494 2506 2518 2531 2544 2558 2572 2584
25
c
FREQUENCY (MHz)
PHYSICAL DIMENSIONS
TYPICAL OF ALL PADS
SEE NOTE 3
MINI-16 415-0061 REV. D (DRAWING NOT TO SCALE)
.070 .037 .031 .026
0.220
0.115
0.320
0.420
0.475
0.000
0.500
.052 .114
0.500 0.475
P2
DETAIL A
0.415
0.405
P1=VT P2=RF OUT P3=Vcc
TABS RANGE: SEE NOTE 5. (4 PLACES)
0.305
P3
0.315 -.005 .465
0.205
0.215
BOTTOM VIEW
0.105 0.025 0.000 0.025 0.085 0.185
P1
NOTES: 1. THE INSIDE RADIUS OF ALL 16 HALF HOLES AT THE PERIMETER OF THE BOARD ARE PLATED TO PROVIDE A SURFACE FOR THE ATTACHMENT OF THE VCO TO A PCB, IN 13 LOCATIONS, WITH 3 PADS BEING USED FOR ELECTROMECHANICAL INTERFACE. 16 SOLDER LOCATIONS REQUIRED. 2. THE SURFACE OF THE SHIELD IS TIN PLATED AND MAY BE SOLDERED TO. THE SHIELD'S BASE METAL IS COLD ROLLED STEEL. 3. THE GROUND PLANE IS GROUND AND ATTACHES TO A GROUND TRACK ON THE UPPER SIDE OF THE BOARD AS WELL AS THE SHIELD BY PTH. 4. UNLESS OTHERWISE NOTED ALL DIMENSIONS ARE IN INCHES. 5. UNLESS OTHERWISE NOTED ALL TOLERANCES ARE AS FOLLOWS: TOLERANCES .XXX= .010
0.115
SEE DETAIL 'A'
.220 .034 0.000 .070 TYP .150
TYP
0.285
GROUND PLANE SOLDER PLATED
0.385
0.500
(c) Z-Communications, Inc.
Page 2
Printed in the U.S.A.


▲Up To Search▲   

 
Price & Availability of CRO2535A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X