Part Number Hot Search : 
LW3021A TLGC191P MCF54 A2012 NTE5338 S10A80 MSJ650 48S15
Product Description
Full Text Search
 

To Download CRO2390A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRO2390A
9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722
VOLTAGE CONTROLLED OSCILLATOR
Rev A1
PHASE NOISE (1 Hz BW, typical)
-60 -70
(f) (dBc/Hz)
-80 -90 -100 -110 -120 -130 -140 -150 1000 10000 100000
FEATURES * Frequency Range: 2360 - 2420 MHz * Tuning Voltage: 0.5-4.5 Vdc * MINI-16 - Style Package APPLICATIONS * Digital Radio Equipment * Fixed Wireless Access * Satellite Communication Systems PERFORMANCE SPECIFICATIONS Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing
Pulling (14 dB Return Loss, Any Phase)
OFFSET (Hz)
VALUE 2360 - 2420 -111 -11 0.5-4.5 18 12 50 50 <1 <1 -10 to 85 MINI-16 5 18 Vdc mA pF MHz/V MHz C UNITS MHz dBc/Hz dBc Vdc MHz/V dBm
Operating Temperature Range Package Style POWER SUPPLY REQUIREMENTS Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) APPLICATION NOTES * AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs
All specifications are typical unless otherwise noted and subject to change without notice.
NOTES:
(c) Z-Communications, Inc.
Page 1
All rights reserved
LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
TUNING CURVE, typ.
2440 2430
CRO2390A
PAGE 2
FREQUENCY (MHz)
2420 2410 2400 2390 2380 2370 2360 2350 2340 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
85 25 -10
c c c
TUNING VOLTAGE (Vdc)
POWER CURVE, typ.
POWER OUTPUT (dBm)
5 4 3 2 1 0 -1 -2 -3 -4 -5 2349 2358 2367 2375 2384 2392 2401 2411 2420 2429
25
c
FREQUENCY (MHz)
PHYSICAL DIMENSIONS
TYPICAL OF ALL PADS
SEE NOTE 3
MINI-16 415-0061 REV. D (DRAWING NOT TO SCALE)
.070 .037 .031 .026
0.220
0.115
0.320
0.420
0.475
0.000
0.500
.052 .114
0.500 0.475
P2
DETAIL A
0.415
0.405
P1=VT P2=RF OUT P3=Vcc
TABS RANGE: SEE NOTE 5. (4 PLACES)
0.305
P3
0.315 -.005 .465
0.205
0.215
BOTTOM VIEW
0.105 0.025 0.000 0.025 0.085 0.185
P1
NOTES: 1. THE INSIDE RADIUS OF ALL 16 HALF HOLES AT THE PERIMETER OF THE BOARD ARE PLATED TO PROVIDE A SURFACE FOR THE ATTACHMENT OF THE VCO TO A PCB, IN 13 LOCATIONS, WITH 3 PADS BEING USED FOR ELECTROMECHANICAL INTERFACE. 16 SOLDER LOCATIONS REQUIRED. 2. THE SURFACE OF THE SHIELD IS TIN PLATED AND MAY BE SOLDERED TO. THE SHIELD'S BASE METAL IS COLD ROLLED STEEL. 3. THE GROUND PLANE IS GROUND AND ATTACHES TO A GROUND TRACK ON THE UPPER SIDE OF THE BOARD AS WELL AS THE SHIELD BY PTH. 4. UNLESS OTHERWISE NOTED ALL DIMENSIONS ARE IN INCHES. 5. UNLESS OTHERWISE NOTED ALL TOLERANCES ARE AS FOLLOWS: TOLERANCES .XXX= .010
0.115
SEE DETAIL 'A'
.220 .034 0.000 .070 TYP .150
TYP
0.285
GROUND PLANE SOLDER PLATED
0.385
0.500
(c) Z-Communications, Inc.
Page 2
Printed in the U.S.A.


▲Up To Search▲   

 
Price & Availability of CRO2390A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X