Part Number Hot Search : 
AA160 T041623 M68710UL CGD914MI IXTL5N65 GPA807 CS8128 BR1005
Product Description
Full Text Search
 

To Download CRD13003BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
NPN SILICON POWER TRANSISTOR
CRD13003BC (9AC) (Tin Finish Part)
LEAD FREE
TO-126 Plastic Package
EC
B
Applications Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter (sus) Voltage Emitter Base Voltage Collector Current Continuous Peak Base Current Continuous Peak Emitter Current Continuous Peak Power Dissipation at T a=25C Derate Above 25C Power Dissipation at T c=25C Derate Above 25C Operating And Storage Junction Temperature Range THERMAL RESISTANCE Junction to Case Junction to Ambient Maximum Lead Temperature for Soldering Purpose: 1/8" from Case for 5 Seconds SYMBOL VCBO VCEO VEBO IC *ICM IB *IBM IE *IEM PD PD Tj, Tstg VALUE 700 400 9.0 1.5 3.0 0.75 1.5 2.25 4.5 1.4 11.2 45 360 - 65 to+150 UNIT V V V A A A A A A W mW/ C W mW/ C C
Rth (j-c) Rth (j-a) TL
2.77 89 275
C/W C/W C
*Pulse Test: Pulse Width=5ms, Duty Cycle=10%
CRD13003BC(9AC)Rev120705E
Continental Device India Limited
Data Sheet
Page 1 of 5
NPN SILICON POWER TRANSISTOR
CRD13003BC (9AC) (Tin Finish Part)
LEAD FREE
TO-126 Plastic Package
EC
B
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION IC=1mA, IE=0 VCBO Collector Base Voltage **VCEO (sus) IC=10mA, IB=0 Collector Emitter (sus) Voltage ICBO VCB=700V, IE=0 Collector Cut Off Current VCB=700V, IE=0, Tc=100C IEBO VEB=9V, IC=0 Emitter Cut Off Current **hFE IC=0.5A, VCE=5V DC Current Gain IC=2A, VCE=5V Collector Emitter Saturation Voltage **VCE (sat) IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1.5A, IB=0.5A IC=1A, IB=0.25A,Tc=100C Base Emitter Saturation Voltage **VBE (sat) IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1A, IB=0.25A, Tc=100C DYNAMIC CHARACTERISTICS DESCRIPTION Current Gain Bandwidth Product Output Capacitance SWITCHING TIME DESCRIPTION Turn on Time Fall Time Storage Time SYMBOL ton tf tstg TEST CONDITION VCC=125V IB1=0.2A, IB2=0.2A IC=1A
MIN 700 400 15 4.0 -
TYP -
MAX 1.0 5.0 1.0 22 25 0.5 1.0 2.5 1.0 1.0 1.2 1.1
UNIT V V mA mA mA
V V V V V V V
SYMBOL fT Cob
TEST CONDITION IC=100mA, VCE=10V, f=1MHz VCB=10V, f=0.1MHz
MIN 4.0 -
TYP 21
MAX -
UNIT MHz pF
MIN -
TYP -
MAX 1.1 0.7 4.0
UNIT s s s
MARKING
For Lead Free Lead Finish CRD1 3003 BC PXYY 'T' stands for Tin finish leads
C = CDIL Logo P = Plant Code, N for Delhi X = Year of Manufacturer YY = Week Code **Pulse Test:- PW=300s, Duty Cycle=2%
CRD13003BC(9AC)Rev120705E
Continental Device India Limited
Data Sheet
Page 2 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
CRD13003BC
Transient Thermal Resistance 20V*1.5A 20.00
Rth j-c K/W
10.00
0.00 1 10 Pt (mS) 100 1000
CRD13003BC(9AC)Rev120705E
Continental Device India Limited
Data Sheet
Page 3 of 5
CRD13003BC (9AC) (Tin Finish Part)
LEAD FREE
TO-126 Plastic Package TO-126 (SOT-32) Plastic Package
A N P B C
DIM A B C D E
MIN 7.4 10.5 2.4 0.7 0.49
MAX 7.8 10.8 2.7 0.9 0.75
2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 3.0 3.2 1 2 3
S
F G
1 2 3
L
L
Pin Configuration 1. Emitter 2. Collector 3. Base
M N P
D E G F M
S 2.5 TYP. All dimensions in mm.
TO-126 TUBE PACKING
0.50 532.00 0.10 o5.90 THRU (2 NOS) MARKING SIDE +0 -1.00 390.00 0.05 o3.10 THRU (2 NOS) 0.65 71.00 3.70 MARKING SIDE
A
R 0.50 12.00
AMMO PACK SIZE
0.20 33.00 1.30
1.00
1.20
92.0
Label
5 38
.0 0
10.0 1.0
A
SECTION AA
75.0
20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack
3.0
3.5 1.2 3.0
PRINTING AREA 0.1 o5.50 3.0
3CP 66382 ANTISTATICz
6.0 2 9.0 4 20.0
03
7.0 3 7.0 3.5 7.0
PVC
6.0
ARROW
GENERAL TOLERANCE 0 mm 0.01 mm 30.01 mm 120.01 mm ABOVE 5 mm 30 mm 3.0 0.1 0.2 120 mm 0.3 315 mm 0.5 315 mm 0.8 ANGULAR
+0 -0.1 3.0
6.5
11.0
+0 -0.1 1.0 3.0
3.35
MATL:- PVC BLACK WITH ANTISTATIC DIPPING
END PIN (2 PCS/TUBE)
1.0
0' 30"
DIN SYMBOL
All dimensions in mm
Notes: 1. All print in black. 2. All text in Helvetia medium font.
Packing Detail
PACKAGE Details TO-126 Bulk TO-126 Tube 50 pcs/ tube STANDARD PACK Net Weight/ Qty 73 gm/ pcs 50 Size 3" x 7.5" x 7.5" 3" x 3.7" x 21.5" 500 pcs/ polybag 340 gm/ 500 pcs INNER CARTON BOX Qty 2K 1K Size 17" x 15" x 13.5" 19" x 19" x 19" OUTER CARTON BOX Qty 32K 10K Gr Wt 31 kgs 15 kgs
CRD13003BC(9AC)Rev120705E
Continental Device India Limited
Data Sheet
+0 -0.1 3.3
0.10 11.95 +0.1 R2.5 -0 7.6
Page 4 of 5
Customer Notes
CRD13003BC (9AC) (Tin Finish Part)
LEAD FREE
TO-126 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CRD13003BC(9AC)Rev120705E
Continental Device India Limited
CDIL is a registered Trademark of
Data Sheet
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of CRD13003BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X