Part Number Hot Search : 
A5801027 MC10195 UGSA08J CKDIAAAA GM3842 110CA S20SC9MT E004868
Product Description
Full Text Search
 

To Download CRCW0201100RJ200RT7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRCW0201
Vishay
Thick Film Rectangular, Chip Resistor
FEATURES
* Metal glaze on high quality ceramic * Protective overglaze * SnPb contacts on Ni barrier layer flow solderable * Automatic placement compatibility * Applications: cellular phones, memory modules, PCMCIA cards
STANDARD ELECTRICAL SPECIFICATIONS
MODEL SIZE INCH CRCW0201 0201 POWER RATING P70C W 0.05 LIMITING ELEMENT VOLTAGE MAX V 30 TEMPERATURE TOLERANCE COEFFICIENT ppm/C 200 % 5 RESISTANCE RANGE E-SERIES
10R - 1M0 24
* Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material * Ask about extended value ranges. * Marking: no marking
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation at 70C Limiting Element Voltage Insulation Voltage (1min) Insulation Resistance Category Temperature Range Failure Rate Weight / 1000 pieces
1) 1)
UNIT W V Vp C h-1 g
CRCW0201 0.05 30 50 > 10
9
- 55 / + 125 1*10-9 0.17
Rated voltage:
PxR
ORDERING INFORMATION
CRCW0201 MODEL 100R RESISTANCE VALUE J TOLERANCE J = 5% 200 TC ppm/C P0 PACKAGING Papertape 10,000 pieces P0 = in Europe RT7 = in Americas/Asia
www.vishay.com 34
For technical questions in Europe contact : ff1bresistors@vishay.com For technical questions in Americas/Asia contact : ff2aresistors@vishay.com
Document Number 31050 Revision 21-Jan-02
CRCW0201
Thick Film Rectangular, Chip Resistor
DIMENSIONS
SIZE L mm inch SIZE a mm inch 0.28 0.011 0.6 0.05 0.024 .002 W DIMENSIONS H 0.23 0.05 0.009 .002
Vishay
T1 0.15 0.05 0.006 .002
T2 0.15 0.05 0.006
.002
0.3 0.05 0.012
.002
SOLDER PAD DIMENSIONS b 0.43 0.017 l 0.23 0.009
Rated Power In %
120 100
EIA*
80
60 40 20
CECC*
0 - 55 -25 0 25 50 75 100 125 150 175 70 Ambient Temperature in C
Derating*
*There are differences in board layout and measurements between CECC and EIA.
PERFORMANCE
TEST Endurance Test at 70C IEC 60115-1 4.25.1 Endurance Test at UCT IEC 60115-1 4.25.3 Overload Test IEC 60115-1 4.13 Thermal Shock IEC 60115-1 4.19, IEC 60068-2-14 Damp Heat Steady State IEC 60115-1 4.24, IEC 60068-2-3 Resistance to Soldering Heat IEC 60115-1 4.18, IEC 60068-2-20 CONDITIONS OF TEST 1000 hours at 70C, 1.5 hours "ON", 0.5 hours "OFF" 1000 hours at 125C without load Short time overload at 2.5 x rated voltage or 2 x limiting element voltage, 0.5 seconds Rapid change between upper and lower category temperature 56 days at 40C and 93% relative humidity at U = 10 seconds at 260C solder bath temperature P/100 x R TEST RESULTS 3.0% 2.0% 1.0% 0.5% 2.0% 1.0%
APPLICABLE SPECIFICATIONS
* * * CECC40000 / 40400 / EN 140 400 / IEC 60115 - 1 EIA 575 MIL-PRF-55342
Document Number 31050 Revision 21-Jan-02
For technical questions in Europe contact : ff1bresistors@vishay.com For technical questions in Americas/Asia contact : ff2aresistors@vishay.com
www.vishay.com 35


▲Up To Search▲   

 
Price & Availability of CRCW0201100RJ200RT7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X