![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER INDUCTORS CR75 7.3MAX. DIMENSIONS (mm) LAND PATTERNS (mm) CONSTRUCTION 5.5MAX. 4.7 5.5 8.1MAX. (2.4) 4.3 7.8 R1.0 Solder Resist ( 1.2H - 470H ) * In order to prevent short-circuiingt, a solder resist is recommended. CR10D37 10.4MAX. DIMENSIONS (mm) LAND PATTERNS (mm) 2.0 8.0 CONSTRUCTION 9.6 4.0MAX. 10.4MAX. 7.6 6.0 R1.0 Solder Resist * In order to prevent short-circuiingt, a solder resist is recommended. ( 2.7H - 680H ) CR105 9.5MAX. DIMENSIONS (mm) LAND PATTERNS (mm) 12.0 4.0 CONSTRUCTION 9.5 5.8MAX. 7.6 10.4MAX. 5.9 R1.0 Solder Resist * In order to prevent short-circuiingt, a solder resist is recommended. ( 1.8H - 820H ) 10.0 2.5 POWER INDUCTORS TYPE : CR75, CR10D37, CR105 CR75 Parts No. L (H) D.C.R.() : Max. 1R2 1R5 1R8 2R2 2R5 2R7 3R3 3R8 3R9 4R2 4R7 5R0 5R1 5R6 6R3 6R8 7R5 8R0 8R2 8R6 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 1.2 1.5 1.8 2.2 2.5 2.7 3.3 3.8 3.9 4.2 4.7 5.0 5.1 5.6 6.3 6.8 7.5 8.0 8.2 8.6 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 70m 80m 90m 100m 110m 120m 130m 160m 180m 240m 280m 370m 430m 470m 640m 710m 960m 1.11 1.26 1.77 1.96 2.3 2.0 1.8 1.6 1.5 1.3 1.2 1.1 1.1 940m 850m 780m 720m 660m 580m 510m 490m 420m 400m 360m 340m 67.8m 76.4m 87.0m 97.0m 108.0m 123.5m 139.0m 163.8m 168.8m 211.3m 242.5m 282.5m 370.0m 483.8m 627.0m 693.0m 861.5m 1.02 1.28 1.50 1.94 2.20 2.55 3.04 2.64 2.36 2.20 1.95 1.80 1.62 1.48 1.30 1.20 1.10 960m 900m 750m 740m 700m 580m 530m 500m 480m 410m 390m 350m 2.02 1.82 1.72 1.66 1.64 1.50 1.46 1.40 1.38 1.35 1.18 1.12 960m 830m 810m 620m 520m 460m 380m 370m 360m 350m 330m 41.6m 2.5 32.5m(25.0m) 60m 70m 80m 90m 100m 110m 120m 140m 170m 190m 220m 250m 350m 400m 470m 630m 730m 970m 1.15 1.30 1.48 1.90 2.25 2.55 3.0 2.6 2.45 2.27 2.15 1.95 1.76 1.50 1.37 1.28 1.17 1.11 1.00 970m 890m 780m 720m 660m 570m 520m 480m 420m 330m 280m 240m 62.4m 3.28 2.20 36.4m 2.7 28.6m(22.0m) 3.3 32.5m 2.8 52.8m 3.60 2.30 26.0m(20.0m) 3.6 30.0m 3.1 48.0m 4.00 2.44 23.4m(18.0m) 4.0 27.3m 3.5 20.8m(16.0m) 4.5 22.1m 24.7m 4.2 3.7 39.3m 4.30 2.56 34.5m 5.70 2.65 18.2m(14.0m) 5.0 19.5m 4.5 15.6m(12.0m) 5.5 15.6m 17.0m Rated Current (A) *1 6.0 5.5 13.0m(10.0m) 6.0 D.C.R.() : Max. CR10D37 Saturation Rated Current (A) *A Temperature Rise Rated Current (A) * I CR105 D.C.R.() : Max. Rated Current (A) *1 Measuring Freq. (L) 1.2H - 8.2H (7.96MHz), 10H - 82H (2.52MHz), 100H - 470H (1kHz) CR75 CR10D37 2.7H - 10H (7.96MHz), 12H - 680H (1kHz) 1.8H - 8.6H (7.96MHz), 10H - 82H (2.52MHz), 100H - 820H (1kHz) CR105 Tolerance of Inductance 1.2H - 8.2H 20% (M), 10H - 470H 10% (K) CR75 CR10D37 2.7H - 39H 20% (M), 47H - 680H 10% (K) 1.8H - 39H 20% (M), 47H - 820H 10% (K) CR105 Rated Current *1 It is either the inductance is 10% lower than its initial value in D.C. saturation characteristics or temperature raise becomes T=40 C (Ta=20 C), whichever is lower. *1 Other *A Saturation Rated Current : The current when the inductance becomes 10% lower than its initial value. (Ta=20 C) *A * I Temperature Rise Rated Current : The current when temperature of coil increases up to Max.T=40 c. (Ta=20 C) *I About Lead-free products Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type: e.g. Ordering code of lead product: Type nameOrdering code of lead-free product: Type name NP |
Price & Availability of CR75
![]() |