![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.96mm Pitch Card Edge Connector CR6 Series Connection Method Eyelet Open End Through hole sFeatures 1. Contact Type Uses the tuning fork contact, where the contact pitch is 3.96mm. 3. Connection Type Eyelet, open end and through hole types are available. 4. Prevents mis-insertion in the board Using the polarizing key prevents mis-insertion in the printed board. 2. Variation in number of contacts 6, 10, 12, 15, 18, 22, 28, 36 contacts are available. sProduct Specifications Rating Current rating: 5A Voltage rating: 600V AC Operating Temperature Range: -30 to +85c (Note 1) Storage Temperature Range: -10 to +60c (Note 2) Operating Humidity Range: 40 to 80% Storage Humidity Range: 40 to 70 (Note 2) Item 1.Insulation Resistance 5000M ohms min. Specification 500V DC 1800V AC/1 minute. 1A Condition 2.Withstanding Voltage No flashover or insulation breakdown. 3.Contact Resistance 4.Vibration 6m ohms max. No electrical discontinuity of 10s or more Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95% (-65c : 30 minutes15 to 35c: 5 minutes max. 125c : 30 minutes15 to 35c: 5 minutes max.) 5 cycles 5.Humidity(Steady state) Insulation resistance: 1000M ohms min. 6.Temperature Cycle No damage, cracks, or parts looseness. 500 cycles 7.Durability (Mating/un-mating) Contact resistance: 6m ohms max. 8.Resistance to Soldering heat No deformation of components affecting performance. Manual soldering: 300c for 3 seconds Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. A13 sMaterial Parts Insulator Contact Material Dieallylphtalate Copper alloy Finish Blue Gold plated Remarks UL94V-0 ________ sOrdering Information CR6 q q Series Name - 22S - 3.96 E w e r r Contact type : CR6 E : Eyelet type OE : Open end type DS : Through hole type w Number of contacts : 6, 10, 12, 15, 18, 22, 28, 36 e Contact pitch : 3.96mm BContact Type (1) Eyelet (2) Open End (3) Through hole A14 or NOTE Unit: mm Part Number CR6-06S-3.96E CR6-06S-3.96DS CR6-10S-3.96E CR6-10S-3.96DS CR6-12S-3.96E CR6-12S-3.96DS CR6-15S-3.96E CR6-15S-3.96DS CR6-18S-3.96E CR6-18S-3.96OE CR6-18S-3.96DS CR6-22S-3.96E CR6-22S-3.96OE CR6-22S-3.96DS CR6-28S-3.96E CR6-28S-3.96OE CR6-28S-3.96DS CR6-36S-3.96E CR6-36S-3.96DS CL No. 506-0019-8 506-0022-2 506-0001-2 506-0013-1 506-0023-5 506-0026-3 506-0002-5 506-0014-4 506-0003-8 506-0007-9 506-0015-7 506-0004-0 506-0008-1 506-0016-0 506-0031-3 506-0032-6 506-0034-1 506-0027-6 506-0030-0 Number of Contacts 6 A 45 B 38.9 C 31.47 D 28 E 19.8 10 61 54.8 47.3 43.8 35.64 12 68.8 62.7 55.27 51.7 43.56 15 81 74.6 67.2 63.6 55.44 18 93 86.5 79 75.5 67.32 22 109 102.4 95 91.3 83.16 28 133.7 126.1 118.2 115.1 106.98 36 166 158 150 146.8 138.66 NOTE : 11.1mm for 28, 36 contacts BPCB Cutouts BContact No. Alignment List Unit: mm Number of Contacts A 6 38.9 10 54.8 12 62.7 15 74.6 18 22 28 36 158 86.5 102.4 126.1 NOTE 1 : To utilize alphabetic symbols, following 8 alphabetic characters are not used. G. I, O, Q, g, i, o, q NOTE 2 : The above pattern is viewed from the contact (connection) side. A15 BPCB Dimensions Unit: mm Number of Contacts A B 6 19.8 27.8 10 35.64 43.60 12 43.56 51.50 15 55.44 63.40 18 67.32 75.30 22 83.16 91.10 28 106.98 114.90 36 138.68 146.60 NOTE : Using the polarizing key prevents mis-insertion in the printed board. To use the polarizing key, insert the polarizing key so as to hit the mold bottom. sPolarizing Key Part Number CR6-GPIN (A) CL No. 506-0018-5 Material ABS Color Gray A16 |
Price & Availability of CR6-36S-396E
![]() |