Part Number Hot Search : 
HV312DB1 37101 A3260EUA 4415GM LM3481 3SB5A HRB0103A TEA1522P
Product Description
Full Text Search
 

To Download CR2354 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T echnical Specification
ENERGY VERY ENDURE
CR2354
M anganese D ioxide Lithium Coin Batteries
Dimensions(mm)
TEMPERATURE CHARACTERISTICS
Load
Voltage(V)
Duration(h)
SPECIFICATION Nominal voltage (V) Nominal capacity (mAh) Continuous standard load (mA) Operating temperature ( C ) Weight(g)
3 500
3.2
OPERATING VOLTAGE VS. LOAD RESISTANCE
(voltage at 50% discharge depth)
60 C -10 C 20 C
Voltage (V)
0.2
3.0 2.8 2.6 2.4 2.2 ~ ~
-20 ~ +60
5.0
0.1 Load: (M ) (A)
0.2 20
0.3 0.4 10
0.6 5
1 3 2
2
3 1
4
6 0.5
8 10 0.3
WARNING:
Forbid short-circuit, charge between"+" and"-". Forbid over-discharge, fire, damage.
Capacity(mAh)
CAPACITY VS. LOAD RESISTANCE
600 500 400 300 200 100 1 Load: (k ) (mA) Cut-off voltage: 2.0V 30 40 60 100 0.1 0.05 0.0 3 60 C 20 C -10 C
Finish sealing less more 5 seconds at 200 C~250 C. Take out the battery when discharging to cut-off voltage, and embedding it under the ground or jump in the deep water.
2 2
3 1
4 0.5
6
10 0.3 0.2
20
EVE BATTERY CO., LTD.
Tel:+86-752-260 1898 +86-752-260 1128 Fax: +86-752-260 6033
http:// www. evebattery.com
Email: sales@evebattery.com
V0408
Latest version can be downloaded from EVE website


▲Up To Search▲   

 
Price & Availability of CR2354

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X