Part Number Hot Search : 
CA1JM221 225C1 1N6270A 500RL HT83003 CM160 DT455N B1200CCL
Product Description
Full Text Search
 

To Download CP-SNT55W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S w i t c h mo d e po w e r s u p pl i e s
CP-SNT 55W CP-SNT 55W 3 Phase Input
L
H W
Approvals:
Diagram/schematic circuit diagram
Ordering data Output voltage/max. current
Type CP-SNT 55 W 24 Vdc-28 Vdc / 2.3 A 48 Vdc / 1.04 A 12 Vdc - 15 Vdc / 3 A 5 Vdc / 3 A Minimum Typical Maximum at 115 Vac at 360 Vac at 230 Vac at 125 Vdc at 250 Vdc Fuse Inrush Current Overvoltage 85 Vac, 120 Vdc 115-230 Vac 10 %, 50/60 Hz 265 Vac, 300 Vdc 1.10 A RMS 20%
Part No. 9927480024 9927480048 9927480012 9927480005
Type CP-SNT 55 W 24 Vdc / 2.3 A
Part No. 9917790324
Technical data Input voltage
306 Vac 360 - 480 Vac 550 Vac 120 mA RMS / Phase 100 mA RMS / Phase
Input current (Average values for reference only)
Input protection
Switching frequency Efficiency at max. load Max. ripple Regulation Overload protection Max. capacity at output Hold time (Max. output current following input loss) Storage temperature Operating temperature Humidity Galvanic isolation
load (10-100% load) at Input voltage
at 115 Vac at 360 Vac at 230 Vac at 480 Vac
0.55 A RMS 20% 590 mA 20% 315 mA 20% 2 A slow fuse (internal) Thermistor Varistor 100 kHz PWM 78% <50 mV RMS 1.0% 0.8% Overcurrent shutdown with automatic restart plus thermal shutdown 10 000 F 30 ms 180 ms -40 C...+85 C -20 C...+40 C full rated load Derate: 24 V-2.1 A at 50 C, 24 V-1.5 A at 60 C 20...85% RH non-condensing 20...90% RH 3 kV RMS 3 kV RMS 1.5 kV RMS 500 V RMS 26...12 AWG (0.1...4.0 mm 2) 98 x 57 x 131 mm (3.86 x 2.24 x 5.16 in.) 478 g (1.05 lbs.) TS 35
3 x 1A slow fuse (internal) Thermistor Varistor 100 kHz 85% <50 mV RMS 1.0% 0.8% Overcurrent shutdown with automatic restart plus thermal shutdown 10 000 F 120 ms 120 ms -40 C...+85 C 0 C...+50 C full rated load Derate: 10% at 60 C 20...85% RH non-condensing 20...90% RH non-condensing 3 kV 3 kV 1.5 kV 500 V 26...12 AWG (0.1...4.0 mm 2) 108 x 60 x 168 mm (4.25 x 2.36 x 6.61 in.) 526 g (1.16 lbs.) TS 35
Operating temperature Storage temperature Input-output Input/output to mounting rail Input to ground Output to ground
Wire diameter Dimensions (L x W x H) Weight Mounts on mounting rail Approvals/certifications
CSA, UL 508 Listed, CE CSA Class 1 Div 2 for 9927480012 and 9927480024 UL Class 1 Div 2 for 9927480024 Accessories Chassis Mounting Kit Part No. 7920560000
cUL, UL 508 Listed, CE
Part No. 7920560000 7


▲Up To Search▲   

 
Price & Availability of CP-SNT55W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X