Part Number Hot Search : 
CD5297 CD80C86 OPB771T CR22M UFS160J AN440 ER10B1 254994
Product Description
Full Text Search
 

To Download CNZ1108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transmissive Photosensors (Photo Interrupters)
CNZ1102,CNZ1108
Photo Interrupters
CNZ1102
Unit : mm
25.00.35 13.00.3 3.00.2
For contactless SW, object detection Overview
CNZ1102 and CNZ1108 are a photocoupler in which a high efficiency GaAs infrared light emitting diode is used as the light emitting element, and a high sensitivity phototransistor is used as the light detecting element. The two elements are arranged so as to face each other, and objects passing between them are detected.
Mark for indicating LED side Device center
7.0 min. 2.50.2
10.00.2
2-0.450.2 *9.60.3
Features
Position detection accuracy : 1.2 mm Large output current Fast response : tr, tf = 4 s (typ.) (CNZ1102) 6 s (typ.) (CNZ1108) Small output current variation against change in temperature Small package used for saving mounting space (CNZ1108)
2-o3.20.2
19.00.2 2 3
6.20.2
*2.540.2
1 2
3.00.3
4 3
1 Pin connection (Note) * is dimension at the root of leads
4
Absolute Maximum Ratings (Ta = 25C)
Parameter Reverse voltage (DC) Input (Light Forward current (DC) emitting diode) Power dissipation Collector current Symbol Ratings VR IF PD
*1
CNZ1108
Unit : mm
Unit V mA mW mA V V mW C
6.20.2
Mark for indicating LED side 13.00.3 3.00.2 A 3.50.2 Device center
3 50 75 20 30 5 100
Output (Photo Collector to emitter voltage VCEO transistor) Emitter to collector voltage VECO Collector power dissipation Temperature
*1
A'
4- 0.450.2 *2.540.2 3 2 SEC. A-A' 3
PC
*2
*9.40.3 2
Operating ambient temperature Storage temperature
Topr -25 to +85 Tstg -30 to +100
C
Input power derating ratio is 1.0 mW/C at Ta 25C. *2 Output power derating ratio is 1.33 mW/C at Ta 25C.
1
4 1 Pin connection 4
(Note) * is dimension at the root of leads
,, ,
1
3.00.3
IC
7.0 min. 10.00.2 2.50.2
CNZ1102,CNZ1108
Transmissive Photosensors (Photo Interrupters)
Electrical Characteristics (Ta = 25C)
Parameter Forward voltage (DC) Input Reverse current (DC) characteristics Capacitance between terminals Collector cutoff current Output characteristics Collector to emitter capacitance Collector current Symbol VF IR Ct ICEO CC IC*2 VR = 3V VR = 0V, f = 1MHz VCE = 10V VCE = 10V, f = 1MHz VCE = 10V, IF = 20mA 2 4 6 0.4 0.4 5 50 200 Conditions IF = 50mA min typ 1.2 max 1.5 10 Unit V A pF nA pF mA s s V V
CNZ1102 VCC = 10V, IC = 5mA, RL = 100 Response time tr , tf*1 Transfer CNZ1108 VCC = 10V, IC = 1mA, RL = 100 characteristics Collector to emitter CNZ1102 VCE(sat) IF = 50mA, IC = 1mA Saturation voltage
*1
CNZ1108 VCE(sat) IF = 50mA, IC = 0.1mA
Switching time measurement circuit
Sig.IN VCC (Input pulse) Sig.OUT (Output pulse) 90% 10% td tr tf td : Delay time tr : Rise time (Time required for the collector current to increase from 10% to 90% of its final value) tf : Fall time (Time required for the collector current to decrease from 90% to 10% of its initial value)
,,
*2
IC classifications Class IC (mA) Q 2.0 to 5.0 R 4.0 to 10.0 S 7.0 to 20.0
,,
50
RL
IF , IC -- Ta
60 60
IF -- VF
10 2 Ta = 25C
IC -- IF
VCE = 10V Ta = 25C
IF , IC (mA)
50
IF
50
IF (mA)
IC (mA) Collector current
10
Forward current, collector current
40
40
Forward current
30 IC
30
1
20
20
10 -1
10
10
0 - 25
0
20
40
60
80
100
0
0
0.4
0.8
1.2
1.6
2.0
2.4
10 -2 10 -1
1
10
10 2
Ambient temperature Ta (C )
Forward voltage VF (V)
Forward current IF (mA)
2
Transmissive Photosensors (Photo Interrupters)
CNZ1102,CNZ1108
VF -- Ta
1.6 10 2
IC -- VCE
160 Ta = 25C
IC -- Ta
VCE = 10V IF = 20mA
IC (mA)
VF (V)
1.2
IF = 50mA
10 20mA 10mA
IC (%) Relative output current
IF = 30mA
120
Forward voltage
Collector current
10mA 0.8
1
80
0.4
10 -1
40
0 - 40 - 20
0
20
40
60
80
100
10 -2 10 -1
1
10
10 2
0 - 40 - 20
0
20
40
60
80
100
Ambient temperature Ta (C )
Collector to emitter voltage VCE (V)
Ambient temperature Ta (C )
ICEO -- Ta
10 10 3
tr -- IC
VCC = 10V Ta = 25C 100
IC -- d
Criterion 0
1
IC (%)
80
d
ICEO (A)
10 2
tr (s)
10 -1
RL = 1k 10 500 100(ON1108) 100(ON1102) 1 Sig.IN VCC Sig. V1 OUT V2 V2 RL 90% 10%
Relative output current
60
Dark current
10 -2
VCE = 24V
10V
Rise time
40
10 -3 V1 50
20
, ,
10 -1 10 -2 10 -1
10 -4 - 40 - 20
tr
1
td
tf
10 0 0 1 2 3 4 5 6
0
20
40
60
80
100
Ambient temperature Ta (C )
Collector current IC (mA)
Distance d (mm)
3


▲Up To Search▲   

 
Price & Availability of CNZ1108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X