Part Number Hot Search : 
IWS505 LV8402GP A5348CA NJW1328 KBPC251 71000 T523C SAA7335
Product Description
Full Text Search
 

To Download CNZ1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transmissive Photosensors (Photo Interrupters)
CNZ1002
Photo Interrupter
A
For contactless SW, object detection Overview
CNZ1002 is an ultraminiature, highly reliable transmissive photosensor in which a high efficiency GaAs infrared light emitting diode chip and a high sensitivity Si phototransistor chip are integrated in a double molded resin package.
(1.0)
A'
+0.1
Slit width (0.5)
Unit : mm
3.8 -0.2 1.45 0.9 1.45
Device center (C0.3) 2-0.25 *2.54
4.0 min. 5.1 2.8
3.9
Ultraminiature : 4.0 x 3.8 mm (height : 5.1 mm) Fast response : tr, tf = 35 s (typ.) Highly precise position detection : 0.25 mm Gap width : 0.9 mm
Not soldered 1.0 max.
Features
,,, ,
(1.5)
SEC. A-A' 4.0 (C0.5) Gate the rest 0.3 max. o1.5 +0.1 -0 2-0.4 *2.54 2 4
1
3
Absolute Maximum Ratings (Ta = 25C)
Parameter Input (Light Forward current (DC) emitting diode) Power dissipation Collector current Reverse voltage (DC) Symbol Ratings VR IF PD*1 IC 6 50 75 20 35 6 75 Unit V mA mW mA V V mW C C C
1 3 24 Pin connection (Note) 1. Tolerance unless otherwise specified is 0.2 2. ( ) Dimension is reference 3. * is dimension at the root of leads 4. Burrs should be less than 0.15mm
*1
Input power derating ratio is 1.0mW/C at Ta 25C. *2 Output power derating ratio is 1.0mW/C at Ta 25C. *3 Soldering time is within 5 seconds.
Collector power dissipation Operating ambient temperature Temperature Storage temperature Soldering temperature
PC*2
Topr -25 to +85 Tstg - 40 to +100 Tsol
*3
260
Electrical Characteristics (Ta = 25C)
Parameter Forward voltage (DC) Input characteristics Reverse current (DC) Output characteristics Collector cutoff current Collector current Symbol VF IR ICEO IC VR = 3V VCE = 20V VCE = 5V, IF = 1.5mA 65 35 Conditions IF = 20mA min typ 1.2 max 1.4 10 100 480 0.4 Unit V A nA A V s
Transfer characteristics Collector to emitter saturation voltage VCE(sat) IF = 3mA, IC = 30A Response time tr , tf* VCC = 5V, IC = 0.1mA, RL = 1000
*
Switching time measurement circuit
Sig.IN VCC (Input pulse) Sig.OUT (Output pulse) 90% 10% td tr tf td : Delay time tr : Rise time (Time required for the collector current to increase from 10% to 90% of its final value) tf : Fall time (Time required for the collector current to decrease from 90% to 10% of its initial value)
,,
,,
50
RL
,, ,, ,,,
Soldering bath
Output (Photo Collector to emitter voltage VCEO transistor) Emitter to collector voltage VECO
more than 1mm
1
Transmissive Photosensors (Photo Interrupters)
CNZ1002
IF , IC -- Ta
60 60
IF -- VF
1.6 Ta = 25C
VF -- Ta
IF = 50mA
IF , IC (mA)
50
IF
50
IF (mA)
VF (V)
1.2
10mA 1mA
Forward current, collector current
40
40
30 IC
Forward current
30
Forward voltage
0 0.4 0.8 1.2 1.6 2.0 2.4
0.8
20
20
0.4
10
10
0 - 25
0
20
40
60
80
100
0
0 - 40 - 20
0
20
40
60
80
100
Ambient temperature Ta (C )
Forward voltage VF (V)
Ambient temperature Ta (C )
IC -- IF
5 VCE = 5V Ta = 25C 3 Ta = 25C
IC -- VCE
120 IF = 15mA
IC -- Ta
VCE = 5V IF = 5mA
IC (mA)
IC (mA)
4
2 10mA
IC (%) Relative output current
6 1 5mA 2mA 0 0 1 2 3 4 5
100
80
3
Collector current
Collector current
60
2
40
1
20
0
0
5
10
15
20
25
0 - 40 - 20
0
20
40
60
80
100
Forward current IF (mA)
Collector to emitter voltage VCE (V)
Ambient temperature Ta (C )
ICEO -- Ta
1 VCE = 20V 10 3
tr -- IC
VCC = 5V Ta = 25C 10 3
tf -- IC
VCC = 5V Ta = 25C
10 -1
ICEO (A)
10 2
10 2
tr (s)
10 -2
RL = 2k 1k 10 100
tf (s)
RL = 2k 1k 10 100
Rise time
Dark current
10 -3
1 10 -4
Sig.IN Sig. OUT 50
VCC Sig. OUT RL 90% 10%
Fall time
1
Sig.IN Sig. OUT 50
VCC Sig. OUT RL 90% 10%
10 -5 - 40 - 20
, ,,
0
20
40
60
80
100
10 -1 10 -2
tr
tf
10
,,
10 -1 10 -2 10 -1
td
tr
1
td
tf
10
10 -1
1
Ambient temperature Ta (C )
Collector current IC (mA)
Collector current IC (mA)
2
CNZ1002
Transmissive Photosensors (Photo Interrupters)
IC -- d (1)
100 VCE = 5V Ta = 25C IF = 1.5mA 100
IC -- d (2)
Relative output current IC (%)
80 Criterion 0 d 60
Relative output current IC (%)
80
60
40
40
20
20
0
0
1
2
3
4
0
0
0.5
Distance d (mm)
,, ,,
Criterion 0 d 1.0 1.5 2.0 2.5
VCE = 5V Ta = 25C IF = 1.5mA
Distance d (mm)
3


▲Up To Search▲   

 
Price & Availability of CNZ1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X