Part Number Hot Search : 
C3195 DTA115UE BSTL4766 ULCE12 09500 PA100 XR1016CP 031812
Product Description
Full Text Search
 

To Download CND0004A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IrDA
CND0004A
Optical Transceiver Module for IrDA
Overview
CND0004A is a high speed response, high reliability infrared data link device. It consists of a high speed GaAlAs infrared light emitting diode, a high speed PIN photodiode and a post processing IC, and they are housed in a single package.
12.00.3 7.00.2 2.60.3 4.00.3
Unit : mm
Features
Small size package Compatible with reflow soldering process Low voltage driving capability, operating source voltage (2.7 to 5.5 V) IrDA Ver 1.0 compatible (max. 115.2 kbps) Includes shutdown function
1 2 3 4 5 6 7 8 9 1011 10-0.90.2 11-0.40.08
2-R 1.7 0.08
Absolute Maximum Ratings (Ta = 25C)
Parameter Transmitter TX LED peak forward current Data input voltage Supply voltage Receiver RX Output sinking current Data output voltage Temperature
*
Symbol Ratings IFP* VI IOL Topr Tstg 400 - 0.5 to VCC+0.5 10 0 to +70 -20 to +85
Unit mA V V mA V C C
VCC - 0.5 to +7 VO - 0.5 to VCC+0.5
Operating ambient temperature Storage temperature
Duty ratio 20 %, pulse width 90 s
Electro-Optical Characteristics (Ta = 25C)
Parameter Operating supply voltage Supply current (Receiver) Data rates High level input voltage TX Low level input voltage Rise time, fall time Maximum transfer distance RX High level output voltage Low level output voltage VIH VIL tr , t f VOH VOL VCC = 2.7 to 5.5V, VSD 0.5V VCC = 2.7 to 5.5V, VSD 0.5V VCC = 5V, RLED = 12 1 VCC - 0.5 0.5 IOH 20A (light shut off) IOL 4mA (light receiving) Symbol VCC ICC VCC = 5V, VI = 0.5V, VSD 0.5V (light shut off) 2.4 2.5 0 Conditions min 2.7 typ 5 max 5.5 1.2 115.2 VCC 0.5 0.6 Unit V mA kbps V V s m V V
Lmax Transmitter side 40mW/sr
4.5 5.10.3
2.30.3
1 : NU 2 : SD 3 : Gnd 4 : VCC 5 : RXD 6 : Gnd 7 : NU 8 : TXD 9 : NU 10 : LEDC 11 : LEDA NU : non usable
1
IrDA
CND0004A
IFP -- VLEDA
10 4 tw = 1.6s Duty = 1% Ta = 25C 10
Ie -- IFP
1.8
VLEDA -- Ta
VLEDA (V)
IFP = 250mA tw = 1.6s tP = 8.7s IFP = 250mA tw = 1.6s tP = 8.7s 1.7
IFP (mA)
10 3
Relative radiant intensity
Ie
10 2
LED Anode pin voltage
10 2 10 3
Pulse forward current
1
1.6
10
1.5
1
0
1
2
3
10 -1 10
1.4
0
20
40
60
80
LED anode pin voltage VLEDA (V)
Pulse forward current IFP (mA)
Ambient temperature Ta (C )
Ie -- Ta
10 IFP = 250mA Ta = 25C tw = 1.6s tP = 8.7s 12
IIH -- VIH
100 VCC = 5V RB = 120 tw = 1.6 s tp = 8.7 s
Ie --
Ie (%)
IFP = 250mA Ta = 25C
10
Ie
80
IIH (mA)
8
Relative light emitting intensity
0
Relative radiant intensity
60
1
Input current
6
40
4
2
20
10 -1
0
20
40
60
80
0
2
4
6
8
0 770
810
850
890
930
970
Ambient temperature Ta (C )
Input voltage VIH (V)
Wavelength (nm)
Directivity characteristics (Transmitter)
100 1.0
ICC -- Ta
3.6
tw -- Ta
H = 100W/cm2 tw(H) = 1.6s Duty = 20% 3.2
Ie (%)
ICC (mA)
80
0.9
Relative light emitting intensity
Current consumption
60
0.8 VCC = 5.0V
Reception pulse width
tw (s)
VCC = 3.3V 2.8 VCC = 5.0V
40
0.7
2.4
20
0.6
VCC = 3.3V
0 - 90
- 60
- 30
0
30
60
90
0.5
0
20
40
60
80
100
2
0
20
40
60
Angle of rotation (deg.)
Ambient temperature Ta (C )
Ambient temperature Ta (C )
2
CND0004A
IrDA
Directivity characteristics (Receiver)
100 Ta = 25C
Relative sensitivity S (%)
80
60
40
20
0 - 90
- 60
- 30
0
30
60
90
Angle of rotation
(deg.)
3


▲Up To Search▲   

 
Price & Availability of CND0004A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X