Part Number Hot Search : 
IW3617 M1501 MOC3063 PSD4850 XC9303 CSNE171 AM7201 SR5429
Product Description
Full Text Search
 

To Download CN451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Manufacturer
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN450 / CN451 TO-92 Plastic Package
E
BC
General Purpose Transistors designed for Small and Medium Signal Amplification from D.C to Radio Frequencies
Complementary CP550 and CP551 ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Peak Pulse Current Collector Current Continuous Base Current Power Dissipation @ Ta=25C Power Dissipation @ Ta=25C Power Dissipation @ Tc=25C Operating and Storage Junction Temperature Range SYMBOL VCBO VCEO VEBO ICM IC IB PD *PD PD Tj, Tstg CN450 60 45 5.0 2.0 1.0 200 0.8 1.0 2.0 - 65 to +150 CN451 80 60 UNITS V V V A A mA W W W C
*Transistors mounted on printed circuit board. Lead Length 4 mm, mounting pad for collector lead min. 10 mm x 10 mm, copper ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION ICBO VCB=45V, IE=0 Collector Cut Off Current VCB=60V, IE=0 Emitter Cut Off Current Base Emitter Saturation Voltage Collector Emitter Saturation Voltage Collector Emitter Voltage DC Current Gain DYNAMIC CHARACTERISTICS DESCRIPTION Transition Frequency Output Capacitance
CN450_451Rev_2 211204E
CN450 <100 <100 <0.25 <1.1 >45 100 - 300 >15
CN451 <100 <100 <0.35 <1.1 >60 50 - 150 >10
UNITS nA nA nA V V V
IEBO **VCE (sat) **VBE (sat) VCEO **hFE
VEB=4V, IC=0 IC=150mA, IB=15mA IC=150mA, IB=15mA IC=1mA, IB=0 VCE=10V, IC=150mA VCE=10V, IC=1A TEST CONDITION VCE=10V, IC=50mA, f=100MHz VCB=10V, IE=0, f=1MHz
SYMBOL fT Cobo
CN451 >150 <15
CN452 >150 <15
UNITS MHz pF
**Pulse Condition: Pulse Width = 300s, Duty Cycle < 2%.
Continental Device India Limited
Data Sheet
Page 1 of 4
CN450 / CN451 TO-92 Plastic Package TO-92 Plastic Package
B
Dimension With 'L'
Beyond 'L'
2 3 D G F F AA
K
1
D E
SEC AA
DIM MIN. MAX. 5.33 4.32 A B 5.20 4.45 4.19 3.18 C D 0.55 0.41 0.50 0.35 E F 5 DEG 1.40 G 1.14 H 1.40 1.20 12.70 K -- L 1.982 2.082 1.20 1.03 M All dimensions are in mm
Uncontrolled
M
Solderability Ensured
L
321 Mold Parting Line
H
C
A
PIN CONFIGURATION 1. COLLECTOR 2. BASE 3. EMITTER
321
The TO-92 Package, Tape and Ammo Pack Drawings are correct as on the date of issue/revision of this Data Sheet. The currently valid dimensions and information, may please be confirmed from the TO-92 Drawing in the Packages and Packing Section of the Product Catalogue.
Packing Details
PACKAGE Details TO-92 Bulk TO-92 T&A 1K/ polybag 2K/ ammo box STANDARD PACK Net Weight/ Qty 200 gm/ pcs 1K 645 gm/ pcs 2K Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" INNER CARTON BOX Qty 5K 2K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 80K 32K Gr Wt 23 kgs 12.5 kgs
CN450_451Rev_2 211204E
Continental Device India Limited
Data Sheet
Page 2 of 4
CN450 / CN451 TO-92 Plastic Package
CN450_451Rev_2 211204E
Continental Device India Limited
Data Sheet
Page 3 of 4
Customer Notes
CN450 / CN451 TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CN450_451Rev_2 211204E
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of CN451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X