Part Number Hot Search : 
7N60E FMG8A 24R2Q 1R3002 2SK1751 R8C18 CS43L42 217D111
Product Description
Full Text Search
 

To Download CN3M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CN3A - CN3M
PRV : 50 - 1000 Volts Io : 3.0 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Chip form
CELL RECTIFIER DIODES
C3A
3.94
3.18
Anode 1.30 Cathode
0.51
MECHANICAL DATA :
* Case : C3A * Terminals : Solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Cathode to bigger size slug, For Anode to bigger size slug use "R" suffix. * Mounting position : Any * Weight : 0.11 gram Dimensions in millimeter
0.38
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 75C Peak Forward Surge Current Single half sine wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 3 Amps. Maximum DC Reverse Current at rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL CN3A CN3B CN3D CN3G CN3J CN3K CN3M UNIT
VRRM VRMS VDC IF(AV) 50 35 50 100 70 100 200 140 200 400 280 400 3.0 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps.
IFSM VF IR IR(H) CJ RJC TJ TSTG
200 1.1 5.0 1.0 28 15 - 65 to + 175 - 65 to + 175
Amps. Volts A mA pF C/W C C
Typical Junction Capacitance (Note 1) Thermal Resistance, Junction to Case Junction Temperature Range Storage Temperature Range
Note : (1) Measured at 1.0 MHz and applied reverse Voltage of 4.0 VDC
UPDATE : APRIL 23, 1998
RATING AND CHARACTERISTIC CURVES ( CN3A - CN3M )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
3.0 250
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Ta = 25 C
2.4
200
1.8
150
1.2
100
0.6
50
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS JUNCTION CAPACITANCE, (pF)
FIG 4 . - TYPICAL JUNCTION CAPACITANCE
20
200 100 50
FORWARD CURRENT, AMPERES
10
TJ = 25 C
1
10 5.0
0.1
Pulse Width = 300 s 2% Duty Cycle TJ = 25 C
f = 1.0 MHz Vsig = 50mVp-p
1.0 1 2 4 10 20 40 100
REVERSE VOLTAGE, VOLTS
0.01 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS FORWARD VOLTAGE, VOLTS REVERSE CURRENT, MICROAMPERES
10
Ta = 100 C
1.0
0.1
Ta = 25 C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)


▲Up To Search▲   

 
Price & Availability of CN3M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X