Part Number Hot Search : 
AT1312C 33063 N3290X AT1312CX A2000 MP29368 IRFMA450 3KP70CA
Product Description
Full Text Search
 

To Download CMT01N60N92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMT01N60
POWER FIELD EFFECT TRANSISTOR
GENERAL DESCRIPTION
This high voltage MOSFET uses an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in avalanche and commutation modes. The new energy efficient design also offers a drain-to-source diode with a fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional and safety margin against unexpected voltage transients.
FEATURES
Robust High Voltage Termination Avalanche Energy Specified Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode Diode is Characterized for Use in Bridge Circuits IDSS and VDS(on) Specified at Elevated Temperature
PIN CONFIGURATION
TO-251 TO-252 TO-92
SYMBOL
Front View Front View
SOURCE
Front View
D
SOURCE
SOURCE
DRAIN
GATE
GATE
DRAIN
GATE
DRAIN
G
1
2
3
S
N-Channel MOSFET
1 2 3
1 2 3
ABSOLUTE MAXIMUM RATINGS
Rating Drain to Current Continuous Pulsed Gate-to-Source Voltage Continue Non-repetitive Total Power Dissipation TO-251/252 Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy TJ = 25 (VDD = 100V, VGS = 10V, IAS = 2A, L = 10mH, RG = 25) Thermal Resistance Junction to Case Junction to Ambient Maximum Lead Temperature for Soldering Purposes, 1/8" from case for 10 seconds JC JA TL 1.0 62.5 260 /W TJ, TSTG EAS Symbol ID IDM VGS VGSM PD 50 -55 to 150 20 mJ Value 1.0 9.0 30 40 V V W Unit A
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 1
CMT01N60
POWER FIELD EFFECT TRANSISTOR
ORDERING INFORMATION
Part Number CMT01N60N251 CMT01N60N252 CMT01N60N92 CMT01N60GN251* CMT01N60GN252* CMT01N60GN92* *Note: G : Suffix for Pb Free Product Package TO-251 TO-252 TO-92 TO-251 TO-252 TO-92
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25.
CMT01N60 Characteristic Drain-Source Breakdown Voltage (VGS = 0 V, ID = 250 A) Drain-Source Leakage Current (VDS = 600 V, VGS = 0 V) (VDS = 480 V, VGS = 0 V, TJ = 125) Gate-Source Leakage Current-Forward (Vgsf = 20 V, VDS = 0 V) Gate-Source Leakage Current-Reverse (Vgsr = 20 V, VDS = 0 V) Gate Threshold Voltage (VDS = VGS, ID = 250 A) Static Drain-Source On-Resistance (VGS = 10 V, ID = 0.6A) * Forward Transconductance (VDS 50 V, ID = 0.5A) * Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Internal Drain Inductance (Measured from the drain lead 0.25" from package to center of die) Internal Drain Inductance (Measured from the source lead 0.25" from package to source bond pad) SOURCE-DRAIN DIODE CHARACTERISTICS Forward On-Voltage(1) Forward Turn-On Time Reverse Recovery Time ** Negligible, Dominated by circuit inductance (IS = 1.0 A, VGS = 0 V, dIS/dt = 100A/s) VSD ton trr ** 350 500 1.5 V ns ns LS 7.5 nH (VDS = 25 V, VGS = 0 V, f = 1.0 MHz) (VDD = 300 V, ID = 1.0 A, VGS = 10 V, RG = 18) * (VDS = 400 V, ID = 1.0 A, VGS = 10 V)* RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd LD 0.5 210 28 4.2 8 21 18 24 8.5 1.8 4 4.5 14 8.0 mhos pF pF pF ns ns ns ns nC nC nC nH VGS(th) 2.0 4.0 V IGSSR 100 nA IGSSF IDSS 0.1 0.3 100 nA mA Symbol V(BR)DSS Min 600 Typ Max Units V
* Pulse Test: Pulse Width 300s, Duty Cycle 2%
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 2
CMT01N60
POWER FIELD EFFECT TRANSISTOR
TYPICAL ELECTRICAL CHARACTERISTICS
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 3
CMT01N60
POWER FIELD EFFECT TRANSISTOR
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 4
CMT01N60
POWER FIELD EFFECT TRANSISTOR
PACKAGE DIMENSION
TO-251
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 5
CMT01N60
POWER FIELD EFFECT TRANSISTOR
PACKAGE DIMENSION
TO-252
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 6
CMT01N60
POWER FIELD EFFECT TRANSISTOR
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 7
CMT01N60
POWER FIELD EFFECT TRANSISTOR
IMPORTANT NOTICE
Champion Microelectronic Corporation (CMC) reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. CMC integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. customer should provide adequate design and operating safeguards. Use of CMC products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer's applications, the
HsinChu Headquarter
5F-1, No. 11, Park Avenue II, Science-Based Industrial Park, HsinChu City, Taiwan T E L : +886-3-567 9979 F A X : +886-3-567 9909
Sales & Marketing
11F, No. 306-3, SEC. 1, Ta Tung Road, Hsichih, Taipei Hsien 221, Taiwan T E L : +886-2-8692 1591 F A X : +886-2-8692 1596
2005/12/05 Rev. 1.5
Champion Microelectronic Corporation
Page 8


▲Up To Search▲   

 
Price & Availability of CMT01N60N92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X