Part Number Hot Search : 
SAA7377 NYC222 TG123200 TCU20A30 KV1843ER KJ10ETR 330000 YDT157
Product Description
Full Text Search
 

To Download CMT-18-2004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMT-18-2004
Temperature Compensated Amplifier
2 GHz - 18 GHz
This Amplifier offers exceptional performance over the band 2 GHz to 18 GHz with 19 dBm P1dB output power and 28 dB Gain. Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET's used in these amplifiers are well established proven devices from multiple sources. Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website. Other products from Teledyne Microwave Transceivers, Synthesizers, and YIG Products include:
Specifications:
Model Number: CMT-18-2004 Frequency Range: 2 GHz - 18 GHz 28 dB Gain (min): Gain Vs Temp at any Frequency: +/-1.00 dB Noise Figure (max): 8 dB 19 dBm Output Power @ 1dB Compression: Gain Flatness Vs Frequency: +/-2.0 dB 3rd Order Intercept (Typ): 25 dBm Power Supply: Input Voltage: 11.5 to 15 VDC 570 mA Current @ 12 VDC (typ): Current @ 12 VDC (max): 550 mA Case Type (See attached Outline): SX4 Temperature Range: -54 to +90C
TELEDYNE MICROWAVE
ISO 9001:2000
1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
08/05
CMT-18-2004
Temperature Compensated Amplifier
2 GHz - 18 GHz
TELEDYNE MICROWAVE
ISO 9001:2000
1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
08/05


▲Up To Search▲   

 
Price & Availability of CMT-18-2004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X