Part Number Hot Search : 
UF5N15Z RF6330J ULTRONIX CNY29 FLI7510 M25V10 ISL5585 M34552
Product Description
Full Text Search
 

To Download CMPT5089 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPT5088 CMPT5089 SURFACE MOUNT NPN SILICON TRANSISTORS
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMPT5088, CMPT5089 types are NPN silicon transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for small signal general purpose and switching applications. Marking Codes are C1Q, C1R respectively. SOT-23 CASE MAXIMUM RATINGS: (TA=25oC)
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VCBO VCEO VEBO IC PD TJ,Tstg JA CMPT5088 35 30 4.5 50 350 -65 to +150 357 CMPT5089 30 25 UNITS V V V mA mW
o C C/W
o
ELECTRICAL CHARACTERISTICS: (TA=25oC unless otherwise noted)
SYMBOL ICBO ICBO IEBO IEBO BVCBO BVCEO BVEBO VCE(SAT) VBE(SAT) hFE hFE hFE fT Cob Cib hfe NF TEST CONDITIONS VCB=20V VCB=15V VEB=3.0V VEB=4.5V IC=100A IC=1.0mA IE=100A IC=10mA, IC=10mA, IB=1.0mA IB=1.0mA 300 350 300 50 4.0 15 350 1400 3.0 450 35 30 4.5 0.5 0.8 900 400 450 400 50 4.0 15 1800 2.0 dB MHz pF pF 50 100 30 25 4.5 0.5 0.8 1200 CMPT5088 MIN MAX 50 CMPT5089 MIN MAX 50 UNITS nA nA nA nA V V V V V
VCE=5.0V, IC=0.1mA VCE=5.0V, IC=1.0mA VCE=5.0V, IC=10mA VCE=5.0V, IC=500A, f=20MHz VCB=5.0V, IE=0, f=1.0MHz VBE=0.5V, IC=0, f=1.0MHz VCE=5.0V, IC=1.0mA, f=1.0kHz VCE=5.0V, IC=100A, RS=10k f=10Hz to 15.7kHz
R4 ( 2 -October 2001)
Central
TM
Semiconductor Corp.
CMPT5088 CMPT5089 SURFACE MOUNT NPN SILICON TRANSISTORS
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) BASE 2) EMITTER 3) COLLECTOR
MARKING CODE: CMPT5088 - C1Q CMPT5089 - C1R
R4 ( 2 -October 2001)


▲Up To Search▲   

 
Price & Availability of CMPT5089

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X