Part Number Hot Search : 
12E629 309UK25 B59076 H8S2245 CS42888 LTM8020V TT8486A BCM7021
Product Description
Full Text Search
 

To Download CMLSH05-4DO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLSH05-4DO SURFACE MOUNT PICOmini DUAL ISOLATED, LOW VF OPPOSING SILICON SCHOTTKY DIODES
TM
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMLSH05-4DO consists of two (2) individual electrically isolated 40 volt Schottky Diodes with opposing polarity and packaged in a space saving SOT-563 surface mount case. This PICOminiTM device has been designed for applications requiring a low forward voltage drop. MARKING CODE: CO4
SOT-563 CASE
MAXIMUM RATINGS: (TA=25C) SYMBOL Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current, tp 1ms Forward Surge Current, tp = 8ms Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VRRM IF IFRM IFSM PD TJ, Tstg JA 40 500 3.5 10 250 -65 to +150 500 UNITS V mA A A mW C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: SYMBOL IR IR BVR VF VF VF VF VF CT TEST CONDITIONS VR= 10V VR= 30V IR= 500A IF= 100A IF= 1.0mA IF= 10mA IF= 100mA IF= 500mA VR= 1.0V, f=1.0 MHz
(TA=25C unless otherwise noted) MIN MAX 20 100 40 0.13 0.21 0.27 0.35 0.47 50 UNITS A A V V V V V V pF
R1 (27-January 2004)
Central
TM
CMLSH05-4DO SURFACE MOUNT PICOminiTM DUAL ISOLATED, LOW VF OPPOSING SILICON SCHOTTKY DIODES
Semiconductor Corp.
SOT-563 CASE - MECHANICAL OUTLINE
D A
6
E
5
E
4
B
G
F
1
2
3
C
H
R0
LEAD CODE: 1) 2) 3) 4) 5) 6) ANODE D1 NC CATHODE D2 ANODE D2 NC CATHODE D1
MARKING CODE: CO4 R1 (27-January 2004)


▲Up To Search▲   

 
Price & Availability of CMLSH05-4DO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X