Part Number Hot Search : 
4VCXH1 245ADG SMB5347 KG10E DSB02A20 PBSS53 G10N12 597K6
Product Description
Full Text Search
 

To Download CMLD6263 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLD6263 SURFACE MOUNT PICOminiTM DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
Central
FEATURES:
TM
Semiconductor Corp.
* * *
HIGH VOLTAGE (70V) LOW FORWARD VOLTAGE GALVANICALLY ISOLATED
SOT-563 CASE DESCRIPTION: The Central Semiconductor CMLD6263 incorporates two galvanically isolated, High Voltage, low VF Silicon Diodes in a space saving SOT-563 surface mount package. These diodes are designed for fast switching applications requiring a low forward voltage drop. MARKING CODE: 63D
MAXIMUM RATINGS: (TA=25C) Peak Repetitive Reverse Voltage Continuous Forward Current Forward Surge Current, tp=1.0 s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance TJ,Tstg JA -65 to +150 500 C C/W SYMBOL VRRM IF IFSM PD 70 15 50 250 UNITS V mA mA mW
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C) SYMBOL IR BVR VF CT trr TEST CONDITIONS VR=50V IR=10A IF=1.0mA VR=0V, f=1.0MHz IR=IF=10mA, Irr=1.0mA, RL=100 70 395 410 2.0 5.0 MIN TYP 98 MAX 200 UNITS nA V mV pF ns
R1 ( 20-February 2003)
Central
TM
CMLD6263 SURFACE MOUNT PICOminiTM DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
D
Semiconductor Corp.
SOT-563 CASE - MECHANICAL OUTLINE
A
6
E
5
E
4
B
G
F
1
2
3
C
H
R0
Pin Configuration
LEAD CODE: 1) ANODE D1 2) NC 3) ANODE D2 4) CATHODE D2 5) NC 6) CATHODE D1 MARKING CODE: 63D R1 ( 20-February 2003)


▲Up To Search▲   

 
Price & Availability of CMLD6263

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X