Part Number Hot Search : 
CV7722 I5116S REF02 33SA45J EPT7064 2149F 00100 6680M
Product Description
Full Text Search
 

To Download CMLD6001DO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLD6001DO SURFACE MOUNT PICOminiTM DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMLD6001DO type contains Two (2) Isolated Opposing Configuration, Silicon Switching Diodes, manufactured by the epitaxial planar process, epoxy molded in a PICOminiTM surface mount package. These devices are designed for switching applications requiring extremely low leakage. MARKING CODE: C60
SOT-563 CASE
MAXIMUM RATINGS: (TA=25C) Continuous Reverse Voltage Peak Repetitive Reverse Voltage Continuous Forward Current Forward Surge Current, tp=1 sec. Forward Surge Current, tp=1 sec. Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VR VRRM IF IFSM IFSM PD TJ,Tstg JA 75 100 250 4000 1000 250 -65 to +150 500 UNITS V V mA mA mA mW C C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL IR BVR VF VF VF CT trr TEST CONDITIONS VR=75V IR=100A IF=1.0mA IF=10mA IF=100mA VR=0, f=1 MHz IR=IF=10mA, RL=100 Rec. to 1.0mA MIN 100 0.85 0.95 1.1 2.0 3.0 MAX 500 UNITS pA V V V V pF s
R0 (3-November 2003)
Central
TM
CMLD6001DO SURFACE MOUNT PICOminiTM DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
Semiconductor Corp.
SOT-563 CASE - MECHANICAL OUTLINE
D A
6
E
5
E
4
B
G
F
1
2
3
C
H
R0
LEAD CODE: 1) ANODE D1 2) NC 3) CATHODE D2 4) ANODE D2 5) NC 6) CATHODE D1 MARKING CODE: C60
Dual Opposing Configuration
R0 (3-November 2003)


▲Up To Search▲   

 
Price & Availability of CMLD6001DO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X