Part Number Hot Search : 
DG506ACJ G1402P1T EUP7180 68000 FMS3818 1N4760B FM4933 2J30A
Product Description
Full Text Search
 

To Download CMHD459A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMHD457A CMHD459A SURFACE MOUNT LOW LEAKAGE SILICON DIODE
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMHD457A, CMHD459A types are silicon planar diodes, epoxy molded in a SOD-123 surface mount package, designed for low leakage applications. MARKING CODE: CMHD457A: C7A CMHD459A: C9A
SOD-123 CASE
MAXIMUM RATINGS: (TA=25C) SYMBOL Peak Repetitive Reverse Voltage Peak Working Reverse Voltage Average Forward Current Forward Steady-State Current Peak Forward Surge Current (1.0s pulse) Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VRRM VRWM IO IF IFSM PD TJ,Tstg JA CMHD457A 70 60 200 500 4.0 400 -65 to +150 312.5 CMHD459A 200 175 UNITS V V mA mA A mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) CMHD457A SYMBOL TEST CONDITIONS MIN MAX BVR IR IR VF CT IR=100A VR=Rated VRWM VR=Rated VRWM, TA=150C IF=100mA VR=0, f=1.0MHz 70 25 5.0 1.0 6.0
CMHD459A MIN MAX 200 25 5.0 1.0 6.0
UNITS V nA A V pF
R0 (11-August 2004)
Central
TM
Semiconductor Corp.
CMHD457A CMHD459A SURFACE MOUNT LOW LEAKAGE SILICON DIODE
SOD-123 - MECHANICAL OUTLINE
LEAD CODE 1) Cathode 2) Anode
MARKING CODE CMHD457A: C7A CMHD459A: C9A
R0 (11-August 2004)


▲Up To Search▲   

 
Price & Availability of CMHD459A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X