Part Number Hot Search : 
SDR1AHF RLA160A 2245AP WM876211 C74HC40 SN54LS51 AD7775 HCT1G
Product Description
Full Text Search
 

To Download CMEDA-6I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMEDA-6I SURFACE MOUNT SUPERminiTM MONOLITHIC, ISOLATED SILICON QUAD SWITCHING DIODE ARRAY
Central
FEATURES: * Four Monolithic Isolated diodes. * Fast Switching. * Matched VF
TM
Semiconductor Corp.
SOT-28 CASE
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMEDA-6I is an isolated, monolithic silicon quad switching diode array and epoxy molded in an SOT-28 surface mount package. This SUPERminiTM device has been designed for use in computers and peripheral equipment requiring high speed switching with closely matched VF. MARKING CODE: CDA1
MAXIMUM RATINGS: (TA=25C) SYMBOL Continuous Reverse Voltage Continuous Forward Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VR IF PD TJ,Tstg JA 60 250 350 -65 to +150 357 UNITS V mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL IR BVR VF CT trr TEST CONDITIONS VR=50V IR=100A IF=10mA VR=0, f=1 MHz IF=IR=10mA, Rec. to 1.0mA 60 1.0 3.0 100 MIN MAX 25 UNITS nA V V pF ns
MATCHED VF RANGE VF IF=1.0mA
30
mV
R0 (18-February 2003)
Central
TM
CMEDA-6I SURFACE MOUNT SUPERminiTM MONOLITHIC, ISOLATED SILICON QUAD SWITCHING DIODE ARRAY
Semiconductor Corp.
SOT-28 CASE - MECHANICAL OUTLINE
8
7
6
5
D1
D2
D3
D4
1
2
3
4
LEAD CODE: 1) Anode 1 2) Anode 2 3) Anode 3 4) Anode 4 5) Cathode 4 6) Cathode 3 7) Cathode 2 8) Cathode 1
MARKING CODE: CDA1
R0 (18-February 2003)


▲Up To Search▲   

 
Price & Availability of CMEDA-6I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X