Part Number Hot Search : 
1N5336B 1N5565B 00146 62201 PC895 2450BP PFSM100 8TRPB
Product Description
Full Text Search
 

To Download CMDD7006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR
IM EL
Y AR IN
CMDD7006
Central
TM
SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
Semiconductor Corp.
DESCRIPTION: The Central Semiconductor CMDD7006 is a silicon switching diode manufactured by the epitaxial planar process and packaged in an epoxy molded SOD-323 surface mount case. This device is designed for applications requiring high voltage switching diodes. MARKING CODE: 6C7
SOD-323 CASE
MAXIMUM RATINGS: (TA=25C) Continuous Reverse Voltage Peak Repetitive Reverse Voltage Continous Forward Current Peak Repetitive Forward Current Forward Surge Current, tp=1.0 s Forward Surge Current, tp=1.0 s Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
SYMBOL VR VRRM IF IFRM
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS MIN IR VR=480V IR VR=480V, TA=150C BVR IR=1.0A 600 VF IF=10mA VF IF=50mA VF IF=100mA CT VR=0V, f=1.0 MHz trr IR=IF=10mA, RL=100, Rec. to 1.0mA
P
E R
LI
IN M
IFSM PD IFSM TJ, Tstg JA
RY A
600 100 300 4.0 1.0 250 -65 to +150 500 TYP 7.0 675 0.88 1.04 1.16 MAX 100 100 1.0 1.2 1.4 5.0 500
600
UNITS V V mA mA A A mW C C/W
UNITS nA A V V V V pF ns
R0 (12-January 2004)
Central
TM
Semiconductor Corp.
P
L RE
IM
Y AR IN
CMDD7006
SURFACE MOUNT VERY HIGH VOLTAGE SILICON SWITCHING DIODE
SOD-323 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) CATHODE 2) ANODE MARKING CODE: 6C7
R0 (12-January 2004)


▲Up To Search▲   

 
Price & Availability of CMDD7006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X