Part Number Hot Search : 
CR2430 74LV4067 8TXXX FQP19N10 AXLE30S 1N4740B 7810N115 OP90FZ
Product Description
Full Text Search
 

To Download CMDD4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMDD4448 SUPERminiTM HIGH SPEED SWITCHING DIODE
Central
DESCRIPTION:
TM
Semiconductor Corp.
The CENTRAL SEMICONDUCTOR CMDD4448 type is a ultra-high speed silicon switching diode manufactured by the epitaxial planar process, epoxy molded in a SUPERminiTM surface mount package, designed for high speed switching applications. Marking code is 44. SOD-323 CASE MAXIMUM RATINGS: (TA=25C) SYMBOL Continuous Reverse Voltage Peak Repetitive Reverse Voltage Continuous Forward Current Peak Repetitive Forward Current Forward Surge Current, tp=1 sec. Forward Surge Current, tp=1 sec. Power Dissipation Operating and Storage Junction Temperature Thermal Resistance VR VRRM IF IFRM IFSM IFSM PD TJ,Tstg JA 75 100 250 250 4000 1000 250 -65 to +150 500 UNITS V V mA mA mA mA mW C C/W
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) SYMBOL VBR VBR IR VF VF CT trr TEST CONDITIONS IR=5.0A IR=100A VR=20V IF=5.0mA IF=100mA VR=0, f=1 MHz IR=IF=10mA, RL=100, Rec. to 1.0mA MIN 75 100 25 0.62 0.72 1.0 4.0 4.0 MAX UNITS V V nA V V pF ns
R1 ( 20-July 2001)
Central
TM
CMDD4448 SUPERminiTM HIGH SPEED SWITCHING DIODE
Semiconductor Corp.
SOD-323 - MECHANICAL OUTLINE
LEAD CODE: 1) Cathode 2) Anode
MARKING CODE: 44
R1 ( 20-July 2001)


▲Up To Search▲   

 
Price & Availability of CMDD4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X