Part Number Hot Search : 
E120C 1000AG L79XXC08 PSEI2 D2579 Z08530 LXXXNC GP206
Product Description
Full Text Search
 

To Download CMBT9012I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
PNP SILICON PLANAR TRANSISTOR
PIN CONFIGURATION (PNP)
1 = BASE 2 = EMITTER 3 = COLLECTOR
CMBT 9012 SOT-23
MARKING: AS BELOW
3
1
2
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector -Base Voltage Collector -Emitter Voltage Emitter Base Voltage Collector Current Continuous Collector Dissipation Operating And Storage Junction Temperature Range
SYMBOL VCBO VCEO VEBO IC PC Tj, Tstg
VALUE 35 30 5.0 500 250 -55 to +150
UNIT V V V mA mW deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION VCBO IC=100uA, IE=0 Collector -Base Voltage VCEO IC=1mA, IB=0 Collector -Emitter Voltage VEBO IE=100uA, IC=0 Emitter Base Voltage ICBO VCB=25V, IE=0 Collector Cut off Current IEBO VEB=3V, IC=0 Emitter Cut off Current hFE IC=50mA,VCE=1V * DC Current Gain IC=300mA,VCE=1V VCE(Sat) IC=150mA,IB=15mA Collector Emitter Saturation Voltage IC=300mA,IB=30mA VBE(Sat) IC=150mA,IB=15mA Base Emitter Saturation Voltage IC=300mA,IB=30mA Dynamic Characteristics ft VCE=10V,IC=50mA, Transition Frequency f=100MHz CLASSIFICATION hFE* MARKING G/H/I 118-305 2GI
MIN 35 30 5.0 118 40 140
TYP -
MAX 100 500 305 0.20 0.60 1.0 1.20 -
UNIT V V V nA nA
V V V V MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
SOT-23 Formed SMD Package
0.05 2.50 0.02 0.60 0.025 1.30 0.02 0.60
SOT-23 Package Reel Information
Reel specifications for W" Packing (13" reel)
14.4 MAX o100.0 0.5 / o 54.5 0.5 o329.2 0.5 / 178 0.5 7.9 - 10.9 9.2 0.5
0.025 2.90
0.05 1.90
0.40
+0.08 -0.02
1
cL
3
+0.5 -0.2 o13.0
180 or 330 TRAILER
2
o20.2 MIN
3
3
DETAIL X
0.02 0.60
PARTING LINE RO.08 0.01 0.12 4" 3" 0.04 0.06 R0.08
0.025 0.95
All dime nsion s in m m 330 / 180 mm - A ntistatic C oated Plastic R eel N O TES : N o. of D evices 1. 2. 3. 4. 5. 8m m Ta pe Size of Ree l 330 mm (13") 10,000 Pcs 8m m Ta pe Size of Ree l 180 mm (7") 3,000 Pcs
6
0.21
7 0.05 2.50
5
The ba ndolier of 330 mm reel contains at least 1 0,000 devices. The ba ndolier of 180 mm reel contains at least 3 ,000 device s. N o m ore than 0.5% missing de vices / reel. 50 e mpty compartm ents for 330 mm reel. 15 em pty com partmen ts for 180 m m ree l. Three consecutive empty places m ight be found provided this gap is follow ed by 6 conse cutive device s. The carrier ta pe (le ader) starts with a t least 75 em pty positio ns (equivalent to 3 30 m m). In order to fix the carrier tape a self a dhesive tap e of 2 0 to 5 0 m m is app lied. At the en d of the bandolie r at le ast 40 em pty positions (e quiva lent to 160 m m) are the re.
Tape Specification for SOT-23 Surface Mount Device
0.1 4.0 0.05 0.1 2.0 4.0 0.1 1.75 +0.3 0.05 - 0.1 3.5 8.0 5.75 MAX 0.05 0.05 1.55
0.10 2.77 0.1 1.22 1.6 MAX
1.0 0.10 3.15
D irection of Unreeling
All dimensions in mm
Packing Detail
PACKAGE Details SOT-23 T&R 3K/reel 10K/reel STANDARD PACK Net Weight/Qty 136 gm/3K pcs 415 gm/10K pcs Size 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5"
Data Sheet
INNER CARTON BOX Qty 12.0K 51.0K 10.0K Size
OUTER CARTON BOX Qty 192.0K 408.0K 300.0K Gr Wt 12 kgs 28 kgs 16 kgs 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5"
Continental Device India Limited
Page 2 of 3
FIXING TAPE
0.08
LEADER
0.02 0.60 1.30 7 0.08
0.02 0.60
2.0 0.5
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CMBT9012I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X