Part Number Hot Search : 
2060C ATLV35 53A1S C123J SSW1N60A S3CT6 74479 RF621
Product Description
Full Text Search
 

To Download CMA3DC6VC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMA3 Relay - kinds of single relays , power relays , automotive relays ...lays , pc-board relays , plug-in relays , PCB relays , miniature relays
CMA3 Relay
1.COIL DATA
1-1.Nominal Voltage 1-2.Coil Resistance 1-3.Operate Voltage 1-4.Release Voltage 1-5.Nominal Power Consumption 6 VDC to 24 VDC Refer to Table 1 Refer to Table 1 Refer to Table 1 1.6 W
2.CONTACT DATA
2-1.Contact Arrangement 2-2.Contact Material 2-3.Contact Rating 2-4.Max. Switching Voltage 2-5.Max. Switching Current 2-6.Max. Switching Power 2-7.Max. Load Current ( 12VDC Load Voltage ) Load Max.Carry Current Max.Make Current Max.Break Current 2-8.Contact Resistance ( Initial ) 2-9.Life Expectancy Electrical Mechanical 1 Form C , 1 Form A AgSnO2 30A 14VDC Resistive ( 1 Form C ) 40A 14VDC Resistive ( 1 Form A ) 75VDC 40A 420W ( 1 Form C ) 560W ( 1 Form A ) Form C NO 40A 100A 40A NC 30A 30A 30A
Form A 40A 100A 40A
50 m|. at 6VDC 1A 100,000 operations at nominal load 10,000,000 operations
3.GENERAL DATA
3-1.Insulation Resistance 3-2.Dielectric Strength 3-3.Operate Time 3-4.Release Time 3-5.Temperature Range 3-6.Shock Resistance 3-7.Vibration Resistance 3-8.Weight Min.100M| at 500 VDC 550VAC , 1min between open contacts 750VAC , 1min between contacts and coil Max. 10ms Max. 10ms -40 to +85 ae 10G 10 - 55 Hz , Amplitude 1.5mm 30 gr.
4.DIMENSIONS ( in mm )
file:///D|/OAO/hke1/CMA3.html (1 of 3) [2000-12-13 14:16:08]
CMA3 Relay - kinds of single relays , power relays , automotive relays ...lays , pc-board relays , plug-in relays , PCB relays , miniature relays
5.ORDERING CODE
CMA3 DC6V | | | | | | |____ | | |_____ _________ A
| |_____CONTACT ARRANGEMENT A: 1 FORM A C:1 FORM C
_________ _________
NOMINAL VOLTAGE: DC6V , DC12V , DC24V TYPE
6.COIL DATA CHART
at 20ae ORDERING CODE CMA3-S DC6V CMA3-S DC12V CMA3-S DC24V COIL NOMINAL VDC 6 12 24 COIL RESISTANCE | +/- 10% 22 85 350 OPERATE VOLTAGE VDC 4.2 8.4 16.8 RELEASE VOLTAGE VDC 0.6 1.2 2.4 COIL NOMINAL mW 1.6
Table 1 7.CMA3 CHARACTERISTIC DATA
file:///D|/OAO/hke1/CMA3.html (2 of 3) [2000-12-13 14:16:08]
CMA3 Relay - kinds of single relays , power relays , automotive relays ...lays , pc-board relays , plug-in relays , PCB relays , miniature relays
file:///D|/OAO/hke1/CMA3.html (3 of 3) [2000-12-13 14:16:08]


▲Up To Search▲   

 
Price & Availability of CMA3DC6VC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X