|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CMA-8-2003 Amplifier 2 GHz - 8 GHz This Amplifier offers exceptional performance over the band 2 GHz to 8 GHz with 18 dBm P1dB output power and 27 dB Gain. Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET's used in these amplifiers are well established proven devices from multiple sources. Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website. Other products from Teledyne Microwave Transceivers, Synthesizers, and YIG Products include: Specifications: Model Number: CMA-8-2003 Frequency Range: 2 GHz - 8 GHz 27 dB Gain (min): Gain Vs Temp at any Frequency: This Amplifier is not Temperature Compensated Noise Figure (max): 4.5 dB 18 dBm Output Power @ 1dB Compression: Gain Flatness Vs Frequency: +/-1.5 dB 3rd Order Intercept (Typ): 27 dBm Power Supply: Input Voltage: 11.5 to 15 VDC 200 mA Current @ 12 VDC (typ): Current @ 12 VDC (max): 230 mA Case Type (See attached Outline): SC4 Temperature Range: +25 TELEDYNE MICROWAVE ISO 9001:2000 1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product 08/05 CMA-8-2003 Amplifier 2 GHz - 8 GHz TELEDYNE MICROWAVE ISO 9001:2000 1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product 08/05 |
Price & Availability of CMA-8-2003 |