Part Number Hot Search : 
2SK1500 7372Q PN5018 IK3052 IK3052 14600 12250 1608X7R
Product Description
Full Text Search
 

To Download CM75DU-24H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM75DU-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual IGBTMODTM U-Series Module
75 Amperes/1200 Volts
TC Measured Point
E F G E2 A B H J D C
G1 E1 G2 G2
U C1
3-M5 Nuts O P O Q
CM
C2E1
K
2 - Mounting Holes (6.5 Dia.)
V
L M N 0.110 - 0.5 Tab P S
R
T
E2 G2
Description: Powerex IGBTMODTM Modules are designed for use in switching applications. Each module consists of two IGBT Transistors in a halfbridge configuration with each transistor having a reverse-connected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode Isolated Baseplate for Easy Heat Sinking Applications: AC Motor Control Motion/Servo Control UPS Welding Power Supplies Laser Power Supplies Ordering Information: Example: Select the complete module number you desire from the table - i.e. CM75DU-24H is a 1200V (VCES), 75 Ampere Dual IGBTMODTM Power Module.
Type CM Current Rating Amperes 75 VCES Volts (x 50) 24
C2E1
E2
C1
E1 G1
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L Inches 3.7 3.150.01 1.89 0.94 0.28 0.67 0.91 0.91 0.43 0.71 0.16 Millimeters 94.0 80.00.25 48.0 24.0 7.0 17.0 23.0 23.0 11.0 18.0 4.0 Dimensions M N O P Q R S T U V Inches 0.47 0.53 0.1 0.63 0.98 Millimeters 12.0 13.5 2.5 16.0 25.0
1.18 +0.04/-0.02 30.0 +1.0/-0.5 0.3 0.83 0.16 0.51 7.5 21.2 4.0 13.0
45
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM75DU-24H Dual IGBTMODTM U-Series Module 75 Amperes/1200 Volts
Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage (C-E SHORT) Collector Current (Tc = 25C) Peak Collector Current Emitter Current** (Tc = 25C) Peak Emitter Current** Maximum Collector Dissipation (Tc = 25C, Tj 150C) Mounting Torque, M5 Main Terminal Mounting Torque, M6 Mounting Weight Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol Tj Tstg VCES VGES IC ICM IE IEM Pc - - - Viso CM75DU-24H -40 to 150 -40 to 125 1200 20 75 150* 75 150* 600 31 40 310 2500 Units C C Volts Volts Amperes Amperes Amperes Amperes Watts in-lb in-lb Grams Volts
* Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating. **Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Voltage Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VEC Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 7.5mA, VCE = 10V IC = 75A, VGE = 15V, Tj = 25C IC = 75A, VGE = 15V, Tj = 125C Total Gate Charge Emitter-Collector Voltage* VCC = 600V, IC = 75A, VGE = 15V IE = 75A, VGE = 0V Min. - - 4.5 - - - - Typ. - - 6 2.9 2.85 280 - Max. 1 0.5 7.5 3.7 - - 3.2 Units mA A Volts Volts Volts nC Volts
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Dynamic Electrical Characteristics,Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Resistive Load Switch Times Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr VCC = 600V, IC = 75A, VGE1 = VGE2 = 15V, RG = 4.2 , Resistive Load Switching Operation IE = 75A, diE/dt = -150A/s IE = 75A, diE/dt = -150A/s VCE = 10V, VGE = 0V Test Conditions Min. - - - - - - - - - Typ. - - - - - - - - 0.41 Max. 11 3.7 2.2 100 200 250 350 300 - Units nf nf nf ns ns ns ns ns C
Diode Reverse Recovery Time** Diode Reverse Recovery Charge**
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)D Rth(c-f) Test Conditions Per IGBT 1/2 Module Per FWDi 1/2 Module Per Module, Thermal Grease Applied Min. - - - Typ. - - 0.035 Max. 0.21 0.47 - Units C/W C/W C/W
46
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM75DU-24H Dual IGBTMODTM U-Series Module 75 Amperes/1200 Volts
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
150
COLLECTOR CURRENT, IC, (AMPERES)
125
VGE = 20V
125 100 75 50 25 0
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
Tj = 25oC
150
COLLECTOR CURRENT, IC, (AMPERES)
5
VCE = 10V Tj = 25C Tj = 125C VGE = 15V Tj = 25C Tj = 125C
15
12
4 3 2 1
100 75
11
10
50
9
25 0 0 2 4 6 8
8
0 0 4 8 12 16 20 0 25 50 75 100 125 150
GATE-EMITTER VOLTAGE, VGE, (VOLTS) COLLECTOR-CURRENT, IC, (AMPERES)
10
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
Tj = 25C
102
Tj = 25C
CAPACITANCE, Cies, Coes, Cres, (nF)
VGE = 0V f = 1MHz
8 6 4 2
IC = 75A
IC = 150A
EMITTER CURRENT, IE, (AMPERES)
102
101
Cies
101
100
Coes
IC = 30A
Cres
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
100 1.0
1.5
2.0
2.5
3.0
3.5
10-1 10-1
100
101
102
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL) di/dt = -150A/sec Tj = 25C
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
103
td(off) tf
SWITCHING TIME, (ns) REVERSE RECOVERY TIME, trr, (ns)
103
VCC = 600V VGE = 15V RG = 4.2 Tj = 125C
102
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
IC = 75A VCC = 400V VCC = 600V
15
102
td(on)
102
trr Irr
101
10
101
tr
5
100 100
101
102
103
101 100
101
102
100 103
0 0 100 200 300 400
GATE CHARGE, QG, (nC)
COLLECTOR CURRENT, IC, (AMPERES)
EMITTER CURRENT, IE, (AMPERES)
47
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM75DU-24H Dual IGBTMODTM U-Series Module 75 Amperes/1200 Volts
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
10-2
10-1
100
101
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi)
10-3 101
10-2
10-1
100
101
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.21C/W
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.47C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
48


▲Up To Search▲   

 
Price & Availability of CM75DU-24H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X