Part Number Hot Search : 
CED6426 465ANR LOM670 AN253 IRF7103 7C140 WT8811 1N5257
Product Description
Full Text Search
 

To Download CM600DU-5F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM600DU-5F
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual IGBTMODTM F-Series Module
600 Amperes/250 Volts
A TC Measured Point D T - (4 TYP.) H
G2
F
BE R CM
C2E1 25
C L E2 25 C1
E2
J
E1 G1
XH
S - NUTS (3 TYP)
Q
Q
P
N
G V - THICK x W - WIDE TAB (4 PLACES)
K
K
K M
C
LABEL
F
G2 E2 C2E1 E2 C1 E1 G1
Description: Powerex IGBTMODTM Modules are designed for use in switching applications. Each module consists of two IGBT Transistors in a halfbridge configuration with each transistor having a reverseconnected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery Free-Wheel Diode Isolated Baseplate for Easy Heat Sinking
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K Inches 4.33 3.15 Millimeters 110.0 80.0 Dimensions M N P Q R S T V W X Inches 0.33 0.10 0.85 0.98 0.86 M6 0.26 Dia. 0.02 0.110 1.08 Millimeters 8.5 2.5 21.6 25.0 21.75 M6 6.5 Dia. 0.5 2.79 27.35
1.14 +0.04/-0.02 29.0 +1.0/-0.5 3.660.01 2.440.01 0.83 0.16 0.24 0.59 0.55 93.00.25 62.00.25 21.0 4.0 6.0 15.0 14.0
Applications: AC Motor Control Motion/Servo Control UPS Welding Power Supplies Laser Power Supplies Ordering Information: Example: Select the complete module number you desire from the table - i.e. CM600DU-5F is a 250V (VCES), 600 Ampere Dual IGBTMODTM Power Module.
Type CM Current Rating Amperes 600 VCES Volts (x 50) 5
1
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM600DU-5F Dual IGBTMODTM F-Series Module 600 Amperes/250 Volts
Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage (C-E SHORT) Collector Current (Tc = 25C) Peak Collector Current Emitter Current** (Tc = 25C) Peak Emitter Current** Maximum Collector Dissipation (Tc = 25C, Tj 150C) Mounting Torque, M6 Main Terminal Mounting Torque, M6 Mounting Weight Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol Tj Tstg VCES VGES IC IC(rms) ICM IE IE(rms) IEM Pc - - - CM600DU-5F -40 to 150 -40 to 125 250 20 600 350 1200* 600 350 1200* 1100 40 40 580 Units C C Volts Volts Amperes Amperes (rms) Amperes Amperes Amperes (rms) Amperes Watts in-lb in-lb Grams Volts
Viso 2500 * Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tj(max) rating. **Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VEC Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 60mA, VCE = 10V IC = 600A, VGE = 10V, Tj = 25C IC = 600A, VGE = 10V, Tj = 125C Total Gate Charge Emitter-Collector Voltage** VCC = 100V, IC = 600A, VGE = 10V IE = 600A, VGE = 0V Min. - - 3.0 - - - - Typ. - - 4.0 1.2 1.1 2200 - Max. 1 0.5 5.0 1.7 - - 2.0 Units mA A Volts Volts Volts nC Volts
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Diode Reverse Recovery Time** Diode Reverse Recovery Charge** Symbol Cies Coes Cres td(on) tr td(off) tf trr VCC = 100V, IC = 600A, VGE1 = VGE2 = 10V, RG = 4.2 , Inductive Load Switching Operation VCE = 10V, VGE = 0V Test Conditions Min. - - - - - - - - - Typ. - - - - - - - - 20.0 Max. 170 11 5.7 850 600 1100 500 300 - Units nf nf nf ns ns ns ns ns C
Qrr IE = 600A **Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM600DU-5F Dual IGBTMODTM F-Series Module 600 Amperes/250 Volts
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Thermal Resistance, Junction to Case Symbol Rth(j-c)Q Rth(j-c)R Rth(c-f) Rth(j-c')Q Test Conditions Per IGBT 1/2 Module Per FWDi 1/2 Module Per Module, Thermal Grease Applied Per IGBT 1/2 Module TC Reference Point Under Chip Min. - - - - Typ. - - 0.020 - Max. 0.11 0.20 - 0.05 Units C/W C/W C/W C/W
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
1200
VGE = 15V
COLLECTOR CURRENT, IC, (AMPERES)
1200
6.5 6.25 Tj = 25oC 6
COLLECTOR CURRENT, IC, (AMPERES)
2.0
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
10
900
8
VCE = 10V Tj = 25C Tj = 125C
900
1.6
VGE = 15V Tj = 25C Tj = 125C
1.2
600
5.75
600
0.8
5.5
300
5.25 5
300
0.4
0 0 1 2 3 4 5
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
0 0 2 4 6 8 10
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
0 0 400 800 1200
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
Tj = 25C
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS) EMITTER CURRENT, IE, (AMPERES)
104
Tj = 25C
CAPACITANCE, Cies, Coes, Cres, (nF)
103
8
103
102
Cies
6
4
IC = 1200A IC = 240A IC = 600A
102
101
Coes VGE = 0V f = 1MHz Cres
2
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
101 0.6 0.8 1.0 1.2 1.4 1.6 1.8
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
100
10-1
100
101
102
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
3
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM600DU-5F Dual IGBTMODTM F-Series Module 600 Amperes/250 Volts
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL)
di/dt = -600A/sec Tj = 25C trr Irr
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
103
td(off)
REVERSE RECOVERY TIME, trr, (ns)
103
103
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
td(on) tf
SWITCHING TIME, (ns)
IC = 600A
16
VCC = 50V
12 8
102
tr
102
VCC = 100V VGE = 10V RG = 4.2 Tj = 25C Inductive Load
102
VCC = 100V
VCC = 100V VGE = 10V RG = 4.2 Tj = 125C Inductive Load
4
101 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
101 1 10
102
EMITTER CURRENT, IE, (AMPERES)
101 103
0 0 1500 3000 4500
GATE CHARGE, QG, (nC)
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
10-2
10-1
100
101
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Zth(j-c) Zth = Rth * (NORMALIZED VALUE)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi)
10-3 101
10-2
10-1
100
101
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.11C/W
100
Single Pulse TC = 25C Per Unit Base = Rth(j-c) = 0.20C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
4


▲Up To Search▲   

 
Price & Availability of CM600DU-5F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X