Part Number Hot Search : 
N2023 WMF2M8 67745 FD400R1B B123Y TC74VCX BYZ50A32 MUN22
Product Description
Full Text Search
 

To Download CM4316A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM4312A2 CM4316A2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual SCR POW-R-BLOKTM Modules
25 Amperes/1200-1600 Volts
A B
A1K2 K1 A2
K2 G2
L - DIA. (2 TYP.) G E E
H
K1 G1
D
M - M5 THD (3 TYP.) .110 TAB J
Description: Powerex Dual SCR POW-R-BLOKTM Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on common heatsinks. Features:
CM4312A2, CM4316A2 Dual SCR POW-R-BLOKTM Modules 25 Amperes/1200-1600 Volts
C
F
K K2 G2 A1K2 K1 A2 K1 G1
Isolated Mounting Glass Passivated Chips Metal Baseplate Low Thermal Impedance
Outline Drawing
Applications: Battery Supplies
Dimension A B C D E F G H J K L M
Inches 3.681 Max. 3.150 1.181 Max. 1.024 Max. 0.906 0.827 0.650 0.512 0.354 0.256 0.256 Dia. M5 Metric
Millimeters 93.5 Max. 80 30 Max. 26 Max. 23 21 16.5 13 9 6.5 Dia. 6.5 M5 Type
Bridge Circuits AC and DC Motor Control Tap Changers Lighting Control Ordering Information: Select the complete eight digit module part number you desire from the table below. Example: CM4312A2 is a 1200 Volt, 25 Ampere Dual SCR POW-R-BLOKTM Module.
Voltage Volts (x100) 12 16 Current Rating Amperes (25) A2
CM43
S-13
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM4312A2, CM4316A2 Dual SCR POW-R-BLOKTM Modules 25 Amperes/1200-1600 Volts
Absolute Maximum Ratings
Characteristics Peak Forward Blocking Voltage Transient Peak Forward Blocking Voltage (Non-Repetitive), t < 5ms DC Forward Blocking Voltage Peak Reverse Blocking Voltage Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms DC Reverse Blocking Voltage RMS On-State Current Average On-State Current, TC = 86C Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz) Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz) I2t (for Fusing), 8.3 milliseconds Critical Rate-of-Rise of On-State Current* Peak Gate Power Dissipation Average Gate Power Dissipation Peak Forward Gate Voltage Peak Reverse Gate Voltage Peak Forward Gate Current Storage Temperature Operating Temperature Maximum Mounting Torque M6 Mounting Screw Maximum Mounting Torque M5 Terminal Screw Module Weight (Typical) V Isolation
*Tj = 125C, IG = 0.5A, VD = 1/2 VDRM
Symbol VDRM VDSM VD(DC) VRRM VRSM VR(DC) IT(RMS) IT(AV) ITSM ITSM I2t di/dt PGM PG(AV) VGFM VGRM IGFM TSTG Tj -- -- -- VRMS
CM4312A2 1200 1350 960 1200 1350 960 39 25 490 445 1000 100 5.0 0.5 10 5.0 2.0 -40 to 125 -40 to 125 26 17 160 2500
CM4316A2 1600 1700 1280 1600 1700 1280 39 25 490 445 1000 100 5.0 0.5 10 5.0 2.0 -40 to 125 -40 to 125 26 17 160 2500
Units Volts Volts Volts Volts Volts Volts Amperes Amperes Amperes Amperes A2sec Amperes/ s Watts Watts Volts Volts Amperes C C in.-lb. in.-lb. Grams Volts
S-14
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM4312A2, CM4316A2 Dual SCR POW-R-BLOKTM Modules 25 Amperes/1200-1600 Volts
Electrical and Thermal Characteristics, Tj = 25C unless otherwise specified
Characteristics Blocking State Maximums Forward Leakage Current, Peak Reverse Leakage Current, Peak Conducting State Maximums Peak On-State Voltage Switching Minimums Critical Rate-of-Rise of Off-State Voltage Thermal Maximums Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink (Lubricated) Gate Parameters Maximums Gate Current-to-Trigger Gate Voltage-to-Trigger Non-Triggering Gate Voltage Symbol IDRM IRRM VTM dv/dt R (J-C) R (C-S) IGT VGT VGDM Test Conditions Tj = 125C, VDRM = Rated Tj = 125C, VRRM = Rated ITM = 75A Tj = 125C, VD = 2/3 VDRM Per Module Per Module VD = 6V, RL = 2 VD = 6V, RL = 2 Tj = 125C, VD = 1/2 VDRM CM4312A2/CM4316A2 10 10 1.8 500 0.8 0.2 50 3.0 0.25 Units mA mA Volts Volts/ s C/Watt C/Watt mA Volts Volts
S-15
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM4312A2, CM4316A2 Dual SCR POW-R-BLOKTM Modules 25 Amperes/1200-1600 Volts
MAXIMUM ON-STATE CHARACTERISTICS
INSTANTANEOUS ON-STATE VOLTAGE, VTM, (VOLTS)
MAXIMUM ALLOWABLE PEAK SURGE (NON-REPETITIVE) CURRENT
MAXIMUM ALLOWABLE CASE TEMPERATURE, TC, (oC)
MAXIMUM ALLOWABLE CASE TEMPERATURE (SINUSOIDAL WAVEFORM)
3.5
MAXIMUM PEAK SURGE (NON-REPETITIVE) CURRENT, ITSM, (AMPERES)
600
Tj = 125oC
130 120
360o
3.0 2.5 2.0 1.5 1.0 0.5 100 101 102 103 104
INSTANTANEOUS ON-STATE CURRENT, ITM, (AMPERES)
500 400 300 200 100 0 100 101
CYCLES AT 60 HZ
110 100 90 80 70 60 0 5 10 15 20
= 30o 60o 90o
RESISTIVE, INDUCTIVE LOAD PER SINGLE ELEMENT
120o 180o
102
25
30
AVERAGE ON-STATE CURRENT, IT(AV), (AMPERES)
MAXIMUM ON-STATE POWER DISSIPATION (SINUSOIDAL WAVEFORM)
MAXIMUM ALLOWABLE CASE TEMPERATURE, TC, (oC) MAXIMUM POWER DISSIPATION, PAV(MAX), (WATTS)
MAXIMUM ALLOWABLE CASE TEMPERATURE (RECTANGULAR WAVEFORM)
MAXIMUM POWER DISSIPATION, PAV(MAX), (WATTS)
MAXIMUM AVERAGE ON-STATE POWER DISSIPATION (RECTANGULAR WAVEFORM)
45 40 35 30 25 20 15 10 5 0 0 5 10 15 20
360o RESISTIVE, INDUCTIVE LOAD PER SINGLE ELEMENT
180o 120o 90o 60o = 30o
130 120 110 100 90 80 70 60 0 5 10 15 20 25 30 35 40
AVERAGE ON-STATE CURRENT, IT(AV), (AMPERES) 360o RESISTIVE, INDUCTIVE LOAD PER SINGLE ELEMENT
55 50 45 40 35 30 25 20 15 10 5 0 0 5 10 15 20 25 30
= 30o 60o 90o 120o 180o
270o DC
90o 120o = 30o 60o 180o 270o DC
360o RESISTIVE, INDUCTIVE LOAD PER SINGLE ELEMENT
25
35
40
AVERAGE ON-STATE CURRENT, IT(AV), (AMPERES)
AVERAGE ON-STATE CURRENT, IT(AV), (AMPERES)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (JUNCTION-TO-CASE)
TRANSIENT THERMAL IMPEDANCE, Z (J-C)(t), (oC/WATT)
1.0
0.8
0.6
0.4
0.2
0 10-3
10-2
10-1
TIME, t, (SECONDS)
100
101
S-16


▲Up To Search▲   

 
Price & Availability of CM4316A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X