Part Number Hot Search : 
S12GB7C KRC116M 2SK31 NME1205 LPD5121 SDL1310 MJW21195 AAT1160
Product Description
Full Text Search
 

To Download CM400HA-24H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM400HA-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Single IGBTMODTM H-Series Module
400 Amperes/1200 Volts
A B H J F K
Q - THD (2 TYP.) C D J
R - THD (2 TYP.)
M L
P - DIA. (4 TYP.)
E G
Description: Powerex IGBTMODTM Modules are designed for use in switching applications. Each module consists of one IGBT Transistor in a single configuration with a reverseconnected super-fast recovery free-wheel diode. All components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. Features: Low Drive Power Low VCE(sat) Discrete Super-Fast Recovery (135ns) Free-Wheel Diode High Frequency Operation (20-25kHz) Isolated Baseplate for Easy Heat Sinking Applications: AC Motor Control Motion/Servo Control UPS Welding Power Supplies Laser Power Supplies Ordering Information: Example: Select the complete part module number you desire from the table below -i.e. CM400HA-24H is a 1200V (VCES), 400 Ampere Single IGBTMODTM Power Module.
Type CM Current Rating Amperes 400 VCES Volts (x 50) 24
N
E E G
C
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H Inches 4.21 3.6610.01 2.44 1.890.01 Millimeters 107.0 93.00.25 62.0 48.00.25 Dimensions J K L M N P Q R Inches 0.79 0.69 0.63 0.35 0.28 0.26 Dia. M6 Metric M4 Metric Millimeters 20.0 17.5 16.0 9.0 7.0 Dia. 6.5 M6 M4
1.42+0.04/-0.02 36.0+1.0/-0.5 1.14 29.0
1.02+0.04/-0.2 25.8+1.0/-0.5 0.94 24.0
189
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM400HA-24H Single IGBTMODTM H-Series Module 400 Amperes/1200 Volts
Absolute Maximum Ratings, Tj = 25 C unless otherwise specified
Ratings Junction Temperature Storage Temperature Collector-Emitter Voltage (G-E SHORT) Gate-Emitter Voltage Collector Current Peak Collector Current Diode Forward Current Diode Forward Surge Current Power Dissipation Max. Mounting Torque M6 Terminal Screws Max. Mounting Torque M6 Mounting Screws Module Weight (Typical) V Isolation
* Pulse width and repetition rate should be such that device junction temperature does not exceed the device rating.
Symbol Tj Tstg VCES VGES IC ICM IF IFM Pd - - - VRMS
CM400HA-24H -40 to 150 -40 to 125 1200 20 400 800* 400 800* 2800 26 26 400 2500
Units C C Volts Volts Amperes Amperes Amperes Amperes Watts in-lb in-lb Grams Volts
Static Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Collector-Cutoff Current Gate Leakage Current Gate-Emitter Threshold Voltage Collector-Emitter Saturation Voltage Symbol ICES IGES VGE(th) VCE(sat) QG VFM Test Conditions VCE = VCES, VGE = 0V VGE = VGES, VCE = 0V IC = 40mA, VCE = 10V IC = 400A, VGE = 15V IC = 400A, VGE = 15V, Tj = 150C Total Gate Charge Diode Forward Voltage VCC = 600V, IC = 400A, VGS = 15V IE = 400A, VGS = 0V Min. - - 4.5 - - - - Typ. - - 6.0 2.5 2.25 2000 - Max. 1.0 0.5 7.5 3.4** - - 3.4 Units mA
A
Volts Volts Volts nC Volts
** Pulse width and repetition rate should be such that device junction temperature rise is negligible.
Dynamic Electrical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Resistive Load Switching Times Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Symbol Cies Coes Cres td(on) tr td(off) tf trr Qrr IE = 400A, diE/dt = -800A/s IE = 400A, diE/dt = -800A/s VCC = 600V, IC = 400A VGE1 = VGE2 = 15V, RG = 0.78 VGE = 0V, VCE = 10V, f = 1MHz Test Conditions Min. - - - - - - - - - Typ. - - - - - - - - 2.97 Max. 80 28 16 300 500 350 350 250 - Units nF nF nF ns ns ns ns ns
Diode Reverse Recovery Time Diode Reverse Recovery Charge
C
Thermal and Mechanical Characteristics, Tj = 25 C unless otherwise specified
Characteristics Thermal Resistance, Junction to Case Thermal Resistance, Junction to Case Contact Thermal Resistance Symbol Rth(j-c) Rth(j-c) Rth(c-f) Test Conditions Per IGBT Per FWDi Per Module, Thermal Grease Applied Min. - - - Typ. - - - Max. 0.045 0.09 0.040 Units C/W C/W C/W
190
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM400HA-24H Single IGBTMODTM H-Series Module 400 Amperes/1200 Volts
OUTPUT CHARACTERISTICS (TYPICAL)
TRANSFER CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
800
COLLECTOR CURRENT, IC, (AMPERES)
800
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS) COLLECTOR CURRENT, IC, (AMPERES)
Tj = 25oC
12 15
5
VCE = 10V Tj = 25C Tj = 125C VGE = 15V Tj = 25C Tj = 125C
640
VGE = 20V 11
640
4
480
480
3
320
10 9
320
2
160
7 8
160 0
1
0 0 2 4 6 8 10
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
0
4
8
12
16
20
0 0 160 320 480 640 800
COLLECTOR-CURRENT, IC, (AMPERES)
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
FREE-WHEEL DIODE FORWARD CHARACTERISTICS (TYPICAL)
CAPACITANCE VS. VCE (TYPICAL)
10
COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
Tj = 25C Tj = 25C IC = 800A
EMITTER CURRENT, IE, (AMPERES) CAPACITANCE, Cies, Coes, Cres, (nF)
103
8
102
6
Cies
IC = 400A
102
4
101
Coes
2
IC = 160A
VGE = 0V f = 1MHz
Cres
0 0 4 8 12 16 20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
101 0 0.8 1.6 2.4 3.2 4.0
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
100
10-1
100
101
102
COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
HALF-BRIDGE SWITCHING CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CHARACTERISTICS (TYPICAL)
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
GATE CHARGE, VGE
103
td(off)
REVERSE RECOVERY TIME, t rr, (ns)
103
102
20
GATE-EMITTER VOLTAGE, VGE, (VOLTS)
IC = 400A
tf
SWITCHING TIME, (ns)
16
Irr
VCC = 400V VCC = 600V
td(on)
12
102
102
t rr
101
8
tr
VCC = 600V VGE = 15V RG = 0.78 Tj = 125C
di/dt = -800A/sec Tj = 25C
4
101 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
101 101
102
EMITTER CURRENT, IE, (AMPERES)
100 103
0 0 800 1600 2400 3200
GATE CHARGE, QG, (nC)
191
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 CM400HA-24H Single IGBTMODTM H-Series Module 400 Amperes/1200 Volts
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.045C/W
NORMALIZED TRANSIENT THERMAL IMPEDANCE, Z th(j-c) Zth = Rth * (NORMALIZED VALUE)
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT) 10-2 10-1 100
101
10-3 101
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi) 10-2 10-1 100
101
100
Single Pulse TC = 25C Per Unit Base = R th(j-c) = 0.09C/W
10-1
10-1
10-1
10-1
10-2
10-2
10-2
10-2
10-3 10-5
TIME, (s)
10-4
10-3 10-3
10-3 10-5
TIME, (s)
10-4
10-3 10-3
192


▲Up To Search▲   

 
Price & Availability of CM400HA-24H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X