Part Number Hot Search : 
TW0326A PMN40LN 68HC7 24LC08B RT920207 BUK762 1608X7 F3T5G
Product Description
Full Text Search
 

To Download CM1300-03CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM1300 4 Channel EMI Filter Network
Features
* * * * * * * * * Functionally and pin compatible with CSPRC032A OptiGuardTM coated for improved reliability at assembly 4 EMI filter lines per device Filters attenuate to -30dB at 3GHz CSP package minimizes cross-talk 9-bump 2.485mm X 0.985mm Chip Scale Package (CSP), 0.5mm pitch 0.30mm Eutectic solder bumps Ultra small footprint suitable for portable devices Lead-free version available
Product Description
The CM1300 is a 4-channel low pass EMI filter (R-C-R configuration) manufactured in a Chip Scale Package (CSP). Many portable applications require the attenuation of signals in the 800-3000 MHz band. California Micro Devices' unique thin film technology provides a minimum of -25dB of attenuation over this frequency band. The bump size and pitch of these filters are selected such that the device can be placed directly on an FR4 printed circuit board using conventional assembly techniques. The pin-out for the device features a signal `flow through' design, allowing optimal PCB signal routing. The solder bump contacts are a 63/37 Sn/Pb alloy (Sn/Ag/Cu for lead-free finish) and are 0.30 mm in diameter. The CM1300 incorporates OptiGuardTM coating which results in improved reliability at assembly. The device is available in a space-saving, low-profile Chip Scale Package with optional lead-free finishing.
Applications
* * * * * * EMI filtering for RF sections of wireless devices Cellular phones Cordless phones Internet appliances PDAs Laptop computers
Electrical Schematic
A1
50 R
50 CR 43pF GND 50 CR 43pF GND
B1
A2
50 R
B2
B3
A4
50 R
GND
50 CR 43pF
B4
A5
50 R
GND
50 CR 43pF
B5
GND
(c) 2005 California Micro Devices Corp. All rights reserved. 11/07/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1300
PACKAGE / PINOUT DIAGRAMS
(Bumps Down View)
TOP VIEW
(Bumps Up View)
BOTTOM VIEW
Orientation Marking
A B
A5
A4 B4 B3
A2 B2
A1 B1
M003
CM1300
B5
Notes: CSP Package 1) These drawings are not to scale. 2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
Ordering Information
PART NUMBERING INFORMATION
Standard Finish Bumps 9 Package CSP Ordering Part Number1 CM1300-03CS Part Marking M003 Lead-free Finish2 Ordering Part Number1 CM1300-03CP Part Marking M003
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified. Note 2: Lead-free devices are specified by using a "+" character for the top side orientation mark.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Storage Temperature Range Power Rating per Resistor RATING -55 to +150 25 UNITS C mW
STANDARD OPERATING CONDITIONS
PARAMETER Operating Temperature Range RATING -40 to +85 UNITS C
(c) 2005 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
A
11/07/05
Orientation Marking (see note 2)
1
2
3
4
5
CM1300
ELECTRICAL OPERATING CHARACTERISTICS1
SYMBOL ILEAK R C TOLR TOLC TCR TCC FC PARAMETER Leakage Current, An or Bn to GND Resistance Capacitance Resistor Absolute Tolerance Capacitor Absolute Tolerance Temperature Coefficient of Resistance Temperature Coefficient of Capacitance Filter Cutoff Frequency ZSOURCE=0, ZLOAD= ZSOURCE=50, ZLOAD=50 R = 50 C=43pF Note 2 Note 2 R=50, C=43pF; 74 82 MHz MHz CONDITIONS VIN=6.0V 45 34 50 43 MIN TYP MAX 1 55 52 +10 +20 +150 +500 UNITS A pF % % ppm/C ppm/C
Note 1: Electrical Operating Characteristics are guaranteed over the Operating Temperature Range unless otherwise specified. Note 2: Parameters guaranteed by design or characterization.
Filter Performance
CM1300 Filter Typical Measured Frequency Response (S21) Measurement The measurement is done with 50-source and 50-load impedance using a HP8753C Network Analyzer with a HP85047A S-parameter Test Set.
(c) 2005 California Micro Devices Corp. All rights reserved. 11/07/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1300
Application Information
Refer to Application Note AP-217, "The Chip Scale Package", for a detailed description of Chip Scale Packages offered by California Micro Devices.
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER Pad Size on PCB Pad Shape Pad Definition Solder Mask Opening Solder Stencil Thickness Solder Stencil Aperture Opening (laser cut, 5% tapered walls) Solder Flux Ratio Solder Paste Type Pad Protective Finish Tolerance -- Edge To Corner Ball Solder Ball Side Coplanarity Maximum Dwell Time Above Liquidous Maximum Soldering Temperature for Eutectic Devices using Eutectic Solder Paste Maximum Soldering Temperature for Lead-free Devices using Lead-free Solder Paste VALUE 0.275mm Round Non-Solder Mask defined pads 0.325mm Round 0.125 - 0.150mm 0.330mm Round 50/50 by volume No Clean OSP (Entek Cu Plus 106A) +50m +20m 60 seconds 240C 260C
Non-Solder Mask Defined Pad 0.275mm DIA. Solder Stencil Opening 0.330mm DIA. Solder Mask Opening 0.325mm DIA.
Figure 1. Recommended Non-Solder Mask Defined Pad Illustration
250
Temperature (C)
200 150 100 50 0 1:00.0 2:00.0 3:00.0 Time (minutes) 4:00.0
Figure 2. Eutectic (SnPb) Solder Ball Reflow Profile
(c) 2005 California Micro Devices Corp. All rights reserved.
Figure 3. Lead-free (SnAgCu) Solder Ball Reflow Profile
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
11/07/05
CM1300
Mechanical Details
CSP Mechanical Specifications The CM1300 is offered in a custom Chip Scale Package (CSP). Dimensions are presented below. For complete information on CMD's Chip Scale Packaging, see the California Micro Devices CSP Package Information document. . Mechanical Package Diagrams
BOTTOM VIEW
A1 C1 B1 5 4 3 A2 B2
OptiGuardTM Coating
PACKAGE DIMENSIONS
Package Bumps Dim A1 A2 B1 B2 C1 C2 D1 D2 Millimeters Min 0.940 2.440 0.495 0.495 Nom 0.985 2.485 0.500 0.500 Max 1.030 2.530 0.505 0.505 Min Custom CSP 9 Inches Nom Max 0.0370 0.0388 0.0406 0.0961 0.0978 0.0996 0.0195 0.0197 0.0199 0.0195 0.0197 0.0199
2 1
B
A
C2
B
A D1
0.30 DIA. D2 63/37 Sn/Pb (Eutectic) or 96.8/2.6/0.6 Sn/Ag/Cu (Lead-free) SOLDER BUMPS DIMENSIONS IN MILLIMETERS
SIDE VIEW
0.1925 0.2425 0.2925 0.0076 0.0095 0.0115 0.1925 0.2425 0.2925 0.0076 0.0095 0.0115 0.575 0.368 0.644 0.419 0.714 0.470 0.0226 0.0254 0.0281 0.0145 0.0165 0.0185 3500 pieces Controlling dimension: millimeters
Package Dimensions for CM1300 9-bump Chip Scale Package
# per tape and reel
CSP Tape and Reel Specifications
POCKET SIZE (mm) B0 X A0 X K0 2.62 X 1.12 X 0.762
Po Top Cover Tape
PART NUMBER CM1300
PKG. SIZE (mm) 2.485 X 0.985 X 0.644
TAPE WIDTH W 8mm
REEL DIA. 178mm (7")
QTY PER REEL 3500
P0 4mm
P1 4mm
10 Pitches Cumulative Tolerance On Tape 0.2 mm
Ao W Bo
Ko
For tape feeder reference only including draft. Concentric around B.
Embossment
P1 User Direction of Feed
Center Lines of Cavity
Figure 4. Tape and Reel Mechanical Data
(c) 2005 California Micro Devices Corp. All rights reserved. 11/07/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5


▲Up To Search▲   

 
Price & Availability of CM1300-03CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X