Part Number Hot Search : 
5248B GP1S37 RN498 U3502BM GP1S37 MBT440 ST7787 AO4296
Product Description
Full Text Search
 

To Download CLQ5D16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC CONVERTER SMD
CLQ5D16
5.6
DIMENSIONS(mm)
LAND PATTERNS(mm)
CONSTRUCTION
1.8MAX.
6.0 4.3 0.4 1.0
0.55 1.0 3.6
5.6
1.0
Solder Resist 7.3 4.4 5.6
In order to prevent short-circuiting, a solder resist is recommended.
K Specifications
Max. Operating frequency
1MHz
Max. Operating Power
130mW @ 300kHz 220mW @ 500kHz 440mW @ 1MHz 1MHz 130mW @ 300kHz 220mW @ 500kHz 440mW @ 1MHz
APPLICATION
1. LCD TV 2. Digital camera 3. Portable equipment
CLQ52
6.4MAX. 5.6
DIMENSIONS(mm)
LAND PATTERNS(mm)
CONSTRUCTION
2.5MAX. 0.4
4.5 3-1.0
1.0 0.55 1.4 Solder Resist
6.1MAX.
In order to prevent short-circuiting, a solder resist is recommended.
K Specifications
Max. Operating frequency
1MHz
Max. Operating Power
290mW @ 300kHz 480mW @ 500kHz 930mW @ 1MHz 1MHz 290mW @ 300kHz 480mW @ 500kHz 930mW @ 1MHz
APPLICATION
1. LCD TV 2. Digital camera 3. Portable equipment
1.0
4.0
(5.8)
1.0
9


▲Up To Search▲   

 
Price & Availability of CLQ5D16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X