Part Number Hot Search : 
GFG0675F MMBT2369 A2535EL CT2543 F1550 BPC1002 TW11N FN4119
Product Description
Full Text Search
 

To Download CJ78L05-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Encapsulate Three-terminal Voltage Regulator
TO - 92
CJ78L05 Three-terminal positive voltage regulator
FEATURES Maximum Output current
IOM: 0.1 A Output voltage Vo: 5 V
1.OUT 2.GND 3.IN
123
ABSOLUTE MAXIMUM RATINGS Operating temperature range applies unless otherwise specified(c) Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range ELECTRICAL CHARACTERISTICS (VI=10V,Io=40mA,0ae 41
42 49 1.7
Note : Bypass capacitors are recommended for optimum stability and transient response and should be located as close as possible to the regulators.
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of CJ78L05-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X