Part Number Hot Search : 
ELT21MN B1030 42008 B1030 D9778 B1030 EGF30G F49R9PC0
Product Description
Full Text Search
 

To Download CJ78L05-SOT-23-3L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23-3L Encapsulate Three Terminal Voltage Regulator
CJ78L05 Three-terminal positive voltage regulator
FEATURES Maximum Output current
IOM: Vo: 0.1 A 5V Output voltage
SOT- 23 - 3L 1. OUT 2. IN 3.GND
Operating and storage junction temperature range T J T stg: -55aeto +150ae
ABSOLUTE MAXIMUM RATINGS Operating temperature range applies unless otherwise specified(c) Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range Symbol Vl TOPR TSTG Value 30 0 +125 - 55 +150 Unlts V ae ae
ELECTRICAL CHARACTERISTICS(VI=10V,Io=40mA,0ae CUTC J78L05
Test conditions
MIN 4.8 4.75 4.75
TYP 5.0 5.0 5.0 11 5.0 32 26 3.8
MAX 5.2 5.25 5.25 60 30 150 100 6 1.5 0.1
UNIT V V V (note) mV mV mV mV mA mA mA uV dB V
Line regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage TYPICAL APPLICATION vi
/ Vo Iq / Iq / Iq VN RR Vd
42 41 80 1.7
1
Vo
C1 0.33|I F
Note 1:Bypass capacitors are recommended for optimum stability and transient response and should be located as close as Possible to the regulators.
SOT-23-3L PACKAGE OUTLINE DIMENSIONS
D
|E
b
0.2
E1
E
e e1
L C A1 A2 Dimensions In Millimeters Min 1.050 0.000 1.050 0.300 0.100 2.820 1.500 2.650 0.950TPY 1.800 0.700REF 0.300 0 0.600 8 0.012 0 2.000 0.071 0.028REF 0.024 8 Max 1.250 0.100 1.150 0.400 0.200 3.020 1.700 2.950 Min 0.041 0.000 0.041 0.012 0.004 0.111 0.059 0.104 0.037TPY 0.079 A
L1
Symbol A A1 A2 b c D E E1 e e1 L L1 |E
Dimensions In Inches Max 0.049 0.004 0.045 0.016 0.008 0.119 0.067 0.116


▲Up To Search▲   

 
Price & Availability of CJ78L05-SOT-23-3L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X