Part Number Hot Search : 
MC7818 SB103 PXF4225E 2N336 UPD70 BZT03C68 PCA9655E B45196
Product Description
Full Text Search
 

To Download CFD1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949 and ISO 9001 Certified Manufacturer
NPN PLANAR POWER DARLINGTON TRANSISTOR
CFD1025 TO-220FP Fully Isolated Plastic Package
B
CE
Power Darlington for use in Linear Switching Applications
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current DC Collector Current Peak Base Current DC Base Current Peak Power Dissipation @ Tc=25C Junction Temperature Storage Temperature THERMAL RESISTANCE Junction to Case SYMBOL VCBO VCEO VEBO IC ICP IB IBP PD Tj Tstg VALUE 200 150 7.0 8.0 12.0 0.5 1.0 35 +150 -55 to +150 UNIT V V V A A W C C
Rth (j-c)
2.5
C/W
ELECTRICAL CHARACTERISTICS (Tc=25C) DESCRIPTION SYMBOL ICBO Collector Cut Off Current ICEO IEBO Emitter Cut Off Current hFE DC Current Gain VCE (sat) Collector Emitter Saturation Voltage VBE (sat) Base Emitter Saturation Voltage fT Transition frequency SWITCHING TIME Turn On Time Storage Time Fall Time ton ts tf
TEST CONDITION VCB=200V, IE=0 VCE=150V, IB=0 VEB=7V, IC=0 VCE=3V, IC=5A IC=5A, IB=10mA IC=5A, IB=10mA VCE=10V, IC=0.8A
MIN
TYP
1,500
MAX 0.1 0.1 5.0 30,000 1.5 2.0
UNIT mA mA mA V V MHz s s s
50
IB1=IB2=10mA, IC=5A, RL=5, VBB2=4V
2 8 5
CFD1025Rev 280104D
Continental Device India Limited
Data Sheet
Page 1 of 3
CFD1025 TO-220FP Fully Isolated Plastic Package TO-220FP Fully Isolated Plastic Package
A D C DIM A E B C F D E F K G H J K L J J G L MIN 9.96 2.60 4.50 3.10 7.90 16.87 0.45 2.56 2.34 -- -- -- MAX 10.36 3.00 4.90 3.30 8.20 17.27 0.50 2.96 2.74 3.08 30.05 1 2 3 Pin Configuration 1. Base 2. Collector 3. Emitter
1 2 3
M
M 0.80 All diminsions in mm.
TO-220 FP Tube Packing
End Pin Label 1.5 536.00 13.74
E AM EN VIC D E Sr. . Q ty
AMMO PACK SIZE
M NA IC E D EV Sr. . Qty E
Label
50 Pcs./Tube
All Dimensions in mm
6.87 Tube Thickness
92.0
DEVICE NAME Sr. QTY.
32.85
.00 538
75.0
20 Tubes/Ammo Pack 1000 pcs./Ammo Pack
Mounting Option for TO-220FP
FULLY ISOLATED MOUNTED PACKAGE CLIP LEADS 2.72 MIN SCREW FULLY ISOLATED MOUNTED PACKAGE 2.72 MIN LEADS
HEATSINK Clip Mounting Position RMS Isolation Voltage = 3500 VRMS
HEATSINK Screw Mounting Position RMS Isolation Voltage = 1500 VRMS
All dimensions in mm
Packing Detail
PACKAGE Details TO-220FP 50 pcs/ tube STANDARD PACK Net Weight/ Qty 135 gm/ pcs 50 Size 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" INNER CARTO BOX N Qty 1K 1K Size 17" x 15" x 13.5" 19" x 19" x 19" OUTER CARTON BOX Qty 16K 10K Gr Wt 36 kgs 28 kgs
200 pcs/ polybag 396 gm/ 200 pcs
CFD1025Rev 280104D
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
CFD1025 TO-220FP Fully Isolated TO-220FP Fully Isolated Plastic Package Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 e-mail email@cdil.com www.cdilsemi.com
CFD1025Rev 280104D
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CFD1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X